Part Number Hot Search : 
20M250 BFT44 SB860 CM3110 LB1955 PRODUCTS 2SB64 L113611
Product Description
Full Text Search
 

To Download QPI-11LZ-01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
QPI-11
QUIETPOWER (R)
7 A V*I Chip EMI Filter
Description
The QPI-11 EMI filter is specifically designed to attenuate conducted common-mode (CM) and differential-mode (DM) noise of the VICOR V*I Chip products to comply with the CISPR22 standard requirements for conducted noise measurements. The filter is designed to operate up to 36 Vdc and supports 7 A loads up to 60C without derating. Designed for the military and industrial bus range, the V*I Chip EMI Filter supports the PICMG(R) 3.0 specification for filtering system boards to the EN55022 Class B limits.
Features
* >50 dB CM attenuation at 1 MHz * >70 dB DM attenuation at 1 MHz * 50 Vdc (max input) * 100 Vdc surge 100 ms * 750 Vdc Hi-pot hold off to shield plane * 7 A rating * 12.4 x 25 x 4.5 mm SiP (System-in-a-Package) * Low profile LGA package * -40 to +100C PCB temperature (see Figure 6) * Efficiency >99%
Applications
* COTS Military and Industrial * V*I Chip input power filter
Figure 1 - QPI-11 actual size.
Figure 2 - QPI-11 Typical application schematic
Figure 3 - QPI-11 network analyzer attenuation curves
Picor Corporation * www.picorpower.com
QPI-11 Data Sheet Rev. 1.6 Page 1 of 5
Absolute Maximum Ratings - Exceeding these parameters may result in permanent damage to the product.
Pins Bus+ to Bus- Bus+ to Bus- BUS+ / BUS- to shield plane QPI+ to QPI- Package Package Package Package Package Package All Pins Parameter Input voltage Input voltage BUS inputs to shield hipot Input to output current Power dissipation Operating temperature Thermal resistance Thermal resistance Storage temperature Reflow temperature ESD 20 s exposure HBM
(1)
Notes Continuous 100 ms transient Continuous @ 25C @ 25C PCB to filter interface Free air PCB Layout Fig. 5
Min -50 -100 -750
Max 50 100 750 7 1.50 100 75 30
Units Vdc Vdc Vdc Adc W C C/W C/W C C kV
-55 -2
125 212 +2
Note 1: RoHS compliant product maximum peak temperature is 245C for 20 seconds.
Electrical Characteristics - Parameter limits apply over the operating PCB temperature range unless otherwise noted
Parameter Bus+ to Bus- input range Bus+ to Out+ voltage drop Bus- to Out- voltage drop Common mode attenuation Differential mode attenuation Input bias current at 40 V
Note 2: See Figure 6 for current derating curve.
Notes Measured at 7 A Measured at 7 A
(2) (2)
Min 5
Typ 110 110
Max 50
Units Vdc mVdc mVdc dB dB
Measured at 7 A
VBUS = 24 V Frequency = 1.0 MHz VBUS = 24 V Frequency = 1.0 MHz Input current from Bus+ to Bus-
50 70 10
A
SiP Package Outline Pad Description
Pin Number 8, 9 1, 10 6, 7 4, 5 2, 3
0.1773 0.9843 0.2000 0.184 0.148 0.000 0.052 0.184 0.2000
Name Bus + Bus - Out + Out - Shield
Description Positive bus voltage Negative bus potential Positive input to the converter Negative input to the converter The shield connects to system shield and may connect to the converter created shield plane
6 5 4
0.432 0.300
7
8
9 10 1
0.300 0.432 0.4882
1/2 SIP Package (Bottom View) 3
0.100 0.000
2
0.100
Ordering Information
Part Number QPI-11LZ
0.1000
Description
0.1000
QPI-11 LGA Package, RoHS Compliant QPI-11 LGA, RoHS Compliant QPI-11LZ-01 Open Frame Package
Pad Detail: 10 Places
Picor Corporation * www.picorpower.com
QPI-11 Data Sheet Rev. 1.6 Page 2 of 5
EMI Performance
Figure 4 - Total Noise: PRM (MP028F036M12AL) and VTM (MV036F120M010) with 9.6 A load, no QPI-11.
Figure 5 -Total Noise: PRM (MP028F036M12AL) and VTM (MV036F120M010) with 9.6 A load and QPI-11.
When laying out the QPI-11L, care must be taken such that the input and output signal polygons do not overlap each other on lower layers.
Figure 6 - Current vs. PCB temperature derating curve. Picor Corporation * www.picorpower.com QPI-11 Data Sheet Rev. 1.6 Page 3 of 5
Figure 5 - Recommended mounting on a 2 layer board
QPI-11 PCB Layout Recommendations
The filtering performance of the QPI-11 and -12 is sensitive to capacitive coupling between its input and output pins. Parasitic plane capacitance must be kept below 1 pico-Farad between inputs and outputs using the layout shown above and the recommendations described below to achieve maximum conducted EMI performance. To avoid capacitive coupling between input and output pins, there should not be any planes or large traces that run under both input and output pins, such as a ground plane or power plane. For example, if there are two signal planes or large traces where one trace runs under the input pins, and the other under the output pins, and both planes over lap in another area, they will cause capacitive coupling between input and output pins. Also, planes that run under both input and outputs pins, but do not cross, can cause capacitive coupling if they are capacitively by-passed together. Figure 5 shows the recommended pcb layout on a 2 layer board. Here, the top layer planes are duplicated on the bottom layer so that there can be no overlapping of input and output planes. This method can be used for boards of greater layer count.
Post Solder Cleaning
Picor lidded QP SIPs are not hermetically sealed and must not be exposed to liquid, including but not limited to cleaning solvents, aqueous washing solutions or pressurized sprays. When soldering, it is recommended that no-clean flux solder be used, as this will insure that potentially corrosive mobile ions will not remain on, around, or under the module following the soldering process. For applications requiring water wash compatibility the "-01" open frame version should be used.
Picor Corporation * www.picorpower.com
QPI-11 Data Sheet Rev. 1.6 Page 4 of 5
Vicor's comprehensive line of power solutions includes high-density AC-DC & DC-DC modules and accessory components, fully configurable AC-DC & DC-DC power supplies, and complete custom power systems.
Information furnished by Vicor is believed to be accurate and reliable. However, no responsibility is assumed by Vicor for its use. No license is granted by implication or otherwise under any patent or patent rights of Vicor. Vicor components are not designed to be used in applications, such as life support systems, wherein a failure or malfunction could result in injury or death. All sales are subject to Vicor's Terms and Conditions of Sale, which are available upon request.
Specifications are subject to change without notice.
Vicor Corporation 25 Frontage Road, Andover, MA, USA 01810 Tel: 800-735-6200 Fax: 978-475-6715
Email Sales Support: vicorexp@vicorpower.com Technical Support: apps@vicorpower.com
Picor Corporation * www.picorpower.com * QPI-11 Data Sheet
Rev. 1.6
10/08


▲Up To Search▲   

 
Price & Availability of QPI-11LZ-01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X