Part Number Hot Search : 
1N5807US LSC3100 100V1 BR101 ML65L541 9F400 HT95R23 RT8259
Product Description
Full Text Search
 

To Download PL00252-WCY08 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 P-tec Corp. Tel:(800)688-0613 2405 Commerce Circle Tel:(719) 589 3122 Alamosa Co. 81101 Fax:(719) 589 3592 www.p-tec.net sales@p-tec.net
PL00252 Series SMD LED 1508 Package
Features
*Round Dome Lens Package 3.8 x 2.0 x 2.7mm *AlGaInP Ultra Bright Yellow Chip used *Narrow Viewing Angle *Low Current Requirements *High Light Output *Compatible with IR Solder-Process *Industry Standard Footprint *2000 or 1000 pcs per Reel *RoHS Compliant
Absolute Maximum Ratings at TA = 25C
Power Dissipation...................................................................................... 78mW Reverse Voltage (<100A) ............................................................................ 5.0V Max Forward Current ................................................................................. 30mA Peak Forward Current(1/10 Duty Cycle, 0.1ms Pulse Width) .................................. 100mA Operating Temperature Range ............................................................ -40C to +85C Storage Temperature Range ................................................................ -40C to +85C Reflow Soldering Temperature..................................................... 260C for 10 seconds
Electrical & Optical Characteristics at TA = 25C
Part Number Water Clear Lens PL00252-WCY08 Yellow AlGaInP Emitting Color Chip Material Peak Wave Length nm 592 Dominant Wave Length nm 590 Viewing Angle 21/2 Deg 40 Forward Voltage @20mA (V) Typ 2.1 Max 2.6 Luminous Intensity @20mA (mcd) Min 150.0 Typ 350.0
Package Dimensions are in Millimeters. Tolerance is 0.25mm unless otherwise specified.
3.8 0.5
0.5
0.5
2.0
1 CATHODE MARK CATHODE MARK
2
1
2
1.8
Recommended Soldering Pad Layout
2.7 1.0 1.4
1.4 2.6 1.4 2.0
4-03-07 REV 0 RS


▲Up To Search▲   

 
Price & Availability of PL00252-WCY08

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X