Part Number Hot Search : 
DM74A NCP580 109E3 EB13C3 SMS15 VN120 T8332 A3046LU
Product Description
Full Text Search
 

To Download DS3231S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 19-5170; Rev 7; 3/10
Extremely Accurate I2C-Integrated RTC/TCXO/Crystal
General Description
The DS3231 is a low-cost, extremely accurate I2C realtime clock (RTC) with an integrated temperaturecompensated crystal oscillator (TCXO) and crystal. The device incorporates a battery input, and maintains accurate timekeeping when main power to the device is interrupted. The integration of the crystal resonator enhances the long-term accuracy of the device as well as reduces the piece-part count in a manufacturing line. The DS3231 is available in commercial and industrial temperature ranges, and is offered in a 16-pin, 300-mil SO package. The RTC maintains seconds, minutes, hours, day, date, month, and year information. The date at the end of the month is automatically adjusted for months with fewer than 31 days, including corrections for leap year. The clock operates in either the 24-hour or 12-hour format with an AM/PM indicator. Two programmable time-ofday alarms and a programmable square-wave output are provided. Address and data are transferred serially through an I2C bidirectional bus. A precision temperature-compensated voltage reference and comparator circuit monitors the status of VCC to detect power failures, to provide a reset output, and to automatically switch to the backup supply when necessary. Additionally, the RST pin is monitored as a pushbutton input for generating a P reset.
Features
Accuracy 2ppm from 0C to +40C Accuracy 3.5ppm from -40C to +85C Battery Backup Input for Continuous Timekeeping Operating Temperature Ranges Commercial: 0C to +70C Industrial: -40C to +85C Low-Power Consumption Real-Time Clock Counts Seconds, Minutes, Hours, Day, Date, Month, and Year with Leap Year Compensation Valid Up to 2100 Two Time-of-Day Alarms Programmable Square-Wave Output Fast (400kHz) I2C Interface 3.3V Operation Digital Temp Sensor Output: 3C Accuracy Register for Aging Trim RST Output/Pushbutton Reset Debounce Input Underwriters Laboratories (UL(R)) Recognized
DS3231
Ordering Information
PART DS3231S# TEMP RANGE PIN-PACKAGE TOP MARK DS3231
0C to +70C 16 SO
Applications
Servers Telematics Utility Power Meters GPS
Pin Configuration appears at end of data sheet.
DS3231SN# -40C to +85C 16 SO DS3231N #Denotes a RoHS-compliant device that may include lead that is exempt under RoHS requirements. The lead finish is JESD97 category e3, and is compatible with both lead-based and leadfree soldering processes. A "#" anywhere on the top mark denotes a RoHS-compliant device.
Typical Operating Circuit
VCC VCC RPU = tR/CB RPU SCL P SDA RST PUSHBUTTON RESET RPU VCC SCL SDA RST N.C. N.C. N.C. N.C. GND INT/SQW 32kHz VBAT VCC
DS3231
N.C. N.C. N.C. N.C.
UL is a registered trademark of Underwriters Laboratories, Inc.
______________________________________________ Maxim Integrated Products 1
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642, or visit Maxim's website at www.maxim-ic.com.
Extremely Accurate I2C-Integrated RTC/TCXO/Crystal DS3231
ABSOLUTE MAXIMUM RATINGS
Voltage Range on VCC, VBAT, 32kHz, SCL, SDA, RST, INT/SQW Relative to Ground.............................-0.3V to +6.0V Operating Temperature Range (noncondensing) .............................................-40C to +85C Junction Temperature ......................................................+125C Storage Temperature Range ...............................-40C to +85C Lead Temperature (Soldering, 10s).....................................................+260C/10s Soldering Temperature....................................See the Handling, PC Board Layout, and Assembly section.
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
RECOMMENDED DC OPERATING CONDITIONS
(TA = TMIN to TMAX, unless otherwise noted.) (Notes 1, 2)
PARAMETER Supply Voltage Logic 1 Input SDA, SCL Logic 0 Input SDA, SCL SYMBOL VCC VBAT VIH VIL CONDITIONS MIN 2.3 2.3 0.7 x VCC -0.3 TYP 3.3 3.0 MAX 5.5 5.5 VCC + 0.3 +0.3 x VCC UNITS V V V V
ELECTRICAL CHARACTERISTICS
(VCC = 2.3V to 5.5V, VCC = Active Supply (see Table 1), TA = TMIN to TMAX, unless otherwise noted.) (Typical values are at VCC = 3.3V, VBAT = 3.0V, and TA = +25C, unless otherwise noted.) (Notes 1, 2)
PARAMETER Active Supply Current SYMBOL ICCA (Notes 3, 4) I2C bus inactive, 32kHz output on, SQW output off (Note 4) I2C bus inactive, 32kHz output on, SQW output off CONDITIONS VCC = 3.63V VCC = 5.5V VCC = 3.63V VCC = 5.5V VCC = 3.63V VCC = 5.5V 2.45 I OL = 3mA I OL = 1mA Output high impedance -1 -1 RST high impedance (Note 5) -200 25 0 2.575 MIN TYP MAX 200 300 110 A 170 575 650 2.70 0.4 0.4 +1 +1 +10 100 A V V V A A A nA UNITS A
Standby Supply Current
ICCS
Temperature Conversion Current Power-Fail Voltage Logic 0 Output, 32kHz, INT/SQW, SDA Logic 0 Output, RST Output Leakage Current 32kHz, INT/SQW, SDA Input Leakage SCL RST Pin I/O Leakage VBAT Leakage Current (VCC Active)
ICCSCONV VPF VOL VOL ILO ILI I OL IBATLKG
2
_____________________________________________________________________
Extremely Accurate I2C-Integrated RTC/TCXO/Crystal
ELECTRICAL CHARACTERISTICS (continued)
(VCC = 2.3V to 5.5V, VCC = Active Supply (see Table 1), TA = TMIN to TMAX, unless otherwise noted.) (Typical values are at VCC = 3.3V, VBAT = 3.0V, and TA = +25C, unless otherwise noted.) (Notes 1, 2)
PARAMETER Output Frequency Frequency Stability vs. Temperature (Commercial) SYMBOL f OUT f/f OUT CONDITIONS VCC = 3.3V or VBAT = 3.3V VCC = 3.3V or VBAT = 3.3V, aging offset = 00h VCC = 3.3V or VBAT = 3.3V, aging offset = 00h 0C to +40C >40C to +70C -40C to <0C 0C to +40C >40C to +85C 1 -40C Trim Register Frequency Sensitivity per LSB Temperature Accuracy Crystal Aging f/LSB Specified at: +25C +70C +85C Temp f/f O VCC = 3.3V or VBAT = 3.3V After reflow, not production tested First year 0-10 years -3 1.0 5.0 0.7 0.1 0.4 0.8 +3 C ppm ppm MIN TYP 32.768 2 ppm 3.5 3.5 2 3.5 ppm/V ppm MAX UNITS kHz
DS3231
Frequency Stability vs. Temperature (Industrial) Frequency Stability vs. Voltage
f/f OUT f/V
ELECTRICAL CHARACTERISTICS
(VCC = 0V, VBAT = 2.3V to 5.5V, TA = TMIN to TMAX, unless otherwise noted.) (Note 1)
PARAMETER Active Battery Current SYMBOL IBATA CONDITIONS EOSC = 0, BBSQW = 0, SCL = 400kHz (Note 4) VBAT = 3.63V VBAT = 5.5V 0.84 1.0 MIN TYP MAX 70 150 3.0 A 3.5 575 A VBAT = 5.5V 650 100 nA UNITS A
Timekeeping Battery Current
IBATT
EOSC = 0, BBSQW = 0, VBAT = 3.63V EN32kHz = 1, SCL = SDA = 0V or SCL = SDA = VBAT (Note 4) VBAT = 5.5V EOSC = 0, BBSQW = 0, SCL = SDA = 0V or SCL = SDA = VBAT VBAT = 3.63V
Temperature Conversion Current Data-Retention Current
IBATTC IBATTDR
EOSC = 1, SCL = SDA = 0V, +25C
_____________________________________________________________________
3
Extremely Accurate I2C-Integrated RTC/TCXO/Crystal DS3231
AC ELECTRICAL CHARACTERISTICS
(VCC = VCC(MIN) to VCC(MAX) or VBAT = VBAT(MIN) to VBAT(MAX), VBAT > VCC, TA = TMIN to TMAX, unless otherwise noted.) (Note 1)
PARAMETER SCL Clock Frequency Bus Free Time Between STOP and START Conditions Hold Time (Repeated) START Condition (Note 6) Low Period of SCL Clock High Period of SCL Clock Data Hold Time (Notes 7, 8) Data Setup Time (Note 9) START Setup Time Rise Time of Both SDA and SCL Signals (Note 10) Fall Time of Both SDA and SCL Signals (Note 10) Setup Time for STOP Condition Capacitive Load for Each Bus Line (Note 10) Capacitance for SDA, SCL Pulse Width of Spikes That Must Be Suppressed by the Input Filter Pushbutton Debounce Reset Active Time Oscillator Stop Flag (OSF) Delay Temperature Conversion Time SYMBOL f SCL tBUF tHD:STA tLOW tHIGH tHD:DAT t SU:DAT t SU:STA tR tF t SU:STO CB CI/O t SP PBDB tRST t OSF tCONV (Note 11) 10 30 250 250 100 125 200 Fast mode Standard mode Fast mode Standard mode Fast mode Standard mode Fast mode Standard mode Fast mode Standard mode Fast mode Standard mode Fast mode Standard mode Fast mode Standard mode Fast mode Standard mode Fast mode Standard mode Fast mode Standard mode CONDITIONS MIN 100 0 1.3 4.7 0.6 4.0 1.3 4.7 0.6 4.0 0 0 100 250 0.6 4.7 20 + 0.1CB 20 + 0.1CB 0.6 4.7 400 300 1000 300 300 0.9 0.9 TYP MAX 400 100 UNITS kHz s s s s s ns s ns ns s pF pF ns ms ms ms ms
POWER-SWITCH CHARACTERISTICS
(TA = TMIN to TMAX)
PARAMETER VCC Fall Time; VPF(MAX) to VPF(MIN) VCC Rise Time; V PF(MIN) to VPF(MAX) Recovery at Power-Up SYMBOL t VCCF t VCCR tREC (Note 12) CONDITIONS MIN 300 0 250 300 TYP MAX UNITS s s ms
4
_____________________________________________________________________
Extremely Accurate I2C-Integrated RTC/TCXO/Crystal
Pushbutton Reset Timing
RST
DS3231
PBDB
tRST
Power-Switch Timing
VCC VPF(MAX) VPF VPF(MIN) VPF
tVCCF
tVCCR
tREC RST
_____________________________________________________________________
5
Extremely Accurate I2C-Integrated RTC/TCXO/Crystal DS3231
Data Transfer on I2C Serial Bus
SDA tBUF tF tLOW SCL tHD:STA tSP
tHIGH tHD:STA tR tHD:DAT STOP START tSU:DAT REPEATED START
tSU:STA
tSU:STO
NOTE: TIMING IS REFERENCED TO VIL(MAX) AND VIH(MIN).
WARNING: Negative undershoots below -0.3V while the part is in battery-backed mode may cause loss of data.
Limits at -40C are guaranteed by design and not production tested. All voltages are referenced to ground. ICCA--SCL clocking at max frequency = 400kHz. Current is the averaged input current, which includes the temperature conversion current. The RST pin has an internal 50k (nominal) pullup resistor to VCC. After this period, the first clock pulse is generated. A device must internally provide a hold time of at least 300ns for the SDA signal (referred to the VIH(MIN) of the SCL signal) to bridge the undefined region of the falling edge of SCL. Note 8: The maximum tHD:DAT needs only to be met if the device does not stretch the low period (tLOW) of the SCL signal. Note 9: A fast-mode device can be used in a standard-mode system, but the requirement tSU:DAT 250ns must then be met. This is automatically the case if the device does not stretch the low period of the SCL signal. If such a device does stretch the low period of the SCL signal, it must output the next data bit to the SDA line tR(MAX) + tSU:DAT = 1000 + 250 = 1250ns before the SCL line is released. Note 10: CB--total capacitance of one bus line in pF. Note 11: The parameter tOSF is the period of time the oscillator must be stopped for the OSF flag to be set over the voltage range of 0.0V VCC VCC(MAX) and 2.3V VBAT 3.4V. Note 12: This delay applies only if the oscillator is enabled and running. If the EOSC bit is a 1, tREC is bypassed and RST immediately goes high. The state of RST does not affect the I2C interface, RTC, or TCXO. Note 1: Note 2: Note 3: Note 4: Note 5: Note 6: Note 7:
6
_____________________________________________________________________
Extremely Accurate I2C-Integrated RTC/TCXO/Crystal
Typical Operating Characteristics
(VCC = +3.3V, TA = +25C, unless otherwise noted.)
STANDBY SUPPLY CURRENT vs. SUPPLY VOLTAGE
DS3231 toc01
DS3231
SUPPLY CURRENT vs. SUPPLY VOLTAGE
VCC = 0V, BSY = 0, SDA = SCL = VBAT OR VCC
DS3231 toc02
150 125 100 ICCS (A) 75 50 25 0
BSY = 0, SCL = SDA = VCC RST ACTIVE
1.2 1.1 1.0 IBAT (A)
EN32kHz = 1 0.9 EN32kHz = 0 0.8 0.7 0.6
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
2.3
3.3 VBAT (V)
4.3
5.3
VCC (V)
SUPPLY CURRENT vs. TEMPERATURE
DS3231 toc03
FREQUENCY DEVIATION vs. TEMPERATURE vs. AGING VALUE
60 50 FREQUENCY DEVIATION (ppm) 40 30 20 10 0 -10 -20 -30 -40 32 127 0 -33 8
DS3231 toc04
1.0
VCC = 0, EN32kHz = 1, BSY = 0, SDA = SCL = VBAT OR GND
0.9 IBAT (A)
0.8
0.7
0.6 -40 -15 10 35 60 85 TEMPERATURE (C)
-40
-15
10
35
60
85
TEMPERATURE (C)
DELTA TIME AND FREQUENCY vs. TEMPERATURE
20 0 -20 DELTA FREQUENCY (ppm) -40 -60 -80 -100 -120 -140 -160 -180 -200 -40 -30 -20 -10 0 10 20 30 40 50 60 70 80 TEMPERATURE (C) -100 CRYSTAL -20ppm CRYSTAL +20ppm TYPICAL CRYSTAL, UNCOMPENSATED DS3231 ACCURACY BAND
DS3231 toc05
0 -20 -40 -60 -80 DELTA TIME (MIN/YEAR)
_____________________________________________________________________
7
Extremely Accurate I2C-Integrated RTC/TCXO/Crystal DS3231
Block Diagram
32kHz X1 OSCILLATOR AND CAPACITOR ARRAY CONTROL LOGIC/ DIVIDER 1Hz SQUARE-WAVE BUFFER; INT/SQW CONTROL N N
X2
INT/SQW
VCC VBAT GND
POWER CONTROL
TEMPERATURE SENSOR
ALARM, STATUS, AND CONTROL REGISTERS
1Hz CLOCK AND CALENDAR REGISTERS SCL I2C INTERFACE AND ADDRESS REGISTER DECODE
SDA
USER BUFFER (7 BYTES)
VCC
DS3231
VOLTAGE REFERENCE; DEBOUNCE CIRCUIT; PUSHBUTTON RESET
RST N
8
_____________________________________________________________________
Extremely Accurate I2C-Integrated RTC/TCXO/Crystal
Pin Description
PIN 1 2 NAME 32kHz VCC FUNCTION 32kHz Output. This open-drain pin requires an external pullup resistor. When enabled, the output operates on either power supply. It may be left open if not used. DC Power Pin for Primary Power Supply. This pin should be decoupled using a 0.1F to 1.0F capacitor. If not used, connect to ground. Active-Low Interrupt or Square-Wave Output. This open-drain pin requires an external pullup resistor connected to a supply at 5.5V or less. This multifunction pin is determined by the state of the INTCN bit in the Control Register (0Eh). When INTCN is set to logic 0, this pin outputs a square wave and its frequency is determined by RS2 and RS1 bits. When INTCN is set to logic 1, then a match between the timekeeping registers and either of the alarm registers activates the INT/SQW pin (if the alarm is enabled). Because the INTCN bit is set to logic 1 when power is first applied, the pin defaults to an interrupt output with alarms disabled. The pullup voltage can be up to 5.5V, regardless of the voltage on VCC. If not used, this pin can be left unconnected. Active-Low Reset. This pin is an open-drain input/output. It indicates the status of VCC relative to the VPF specification. As VCC falls below VPF, the RST pin is driven low. When VCC exceeds VPF, for tRST, the RST pin is pulled high by the internal pullup resistor. The active-low, open-drain output is combined with a debounced pushbutton input function. This pin can be activated by a pushbutton reset request. It has an internal 50k nominal value pullup resistor to VCC. No external pullup resistors should be connected. If the oscillator is disabled, tREC is bypassed and RST immediately goes high. No Connection. Must be connected to ground. Ground Backup Power-Supply Input. This pin should be decoupled using a 0.1F to 1.0F low-leakage capacitor. If the I2C interface is inactive whenever the device is powered by the VBAT input, the decoupling capacitor is not required. If VBAT is not used, connect to ground. UL recognized to ensure against reverse charging when used with a lithium battery. Go to www.maxim-ic.com/qa/info/ul. Serial Data Input/Output. This pin is the data input/output for the I2C serial interface. This open-drain pin requires an external pullup resistor. The pullup voltage can be up to 5.5V, regardless of the voltage on VCC. Serial Clock Input. This pin is the clock input for the I2C serial interface and is used to synchronize data movement on the serial interface. Up to 5.5V can be used for this pin, regardless of the voltage on VCC.
DS3231
3
INT/SQW
4
RST
5-12 13
N.C. GND
14
VBAT
15 16
SDA SCL
Detailed Description
The DS3231 is a serial RTC driven by a temperaturecompensated 32kHz crystal oscillator. The TCXO provides a stable and accurate reference clock, and maintains the RTC to within 2 minutes per year accuracy from -40C to +85C. The TCXO frequency output is available at the 32kHz pin. The RTC is a low-power clock/calendar with two programmable time-of-day alarms and a programmable square-wave output. The INT/SQW provides either an interrupt signal due to alarm conditions or a square-wave output. The clock/calendar provides seconds, minutes, hours, day, date, month, and year information. The date at the end of the month is automatically adjusted for months with fewer than 31 days, including corrections for leap year. The
clock operates in either the 24-hour or 12-hour format with an AM/PM indicator. The internal registers are accessible though an I2C bus interface. A temperature-compensated voltage reference and comparator circuit monitors the level of VCC to detect power failures and to automatically switch to the backup supply when necessary. The RST pin provides an external pushbutton function and acts as an indicator of a power-fail event.
Operation
The block diagram shows the main elements of the DS3231. The eight blocks can be grouped into four functional groups: TCXO, power control, pushbutton function, and RTC. Their operations are described separately in the following sections.
9
_____________________________________________________________________
Extremely Accurate I2C-Integrated RTC/TCXO/Crystal DS3231
32kHz TCXO
The temperature sensor, oscillator, and control logic form the TCXO. The controller reads the output of the on-chip temperature sensor and uses a lookup table to determine the capacitance required, adds the aging correction in AGE register, and then sets the capacitance selection registers. New values, including changes to the AGE register, are loaded only when a change in the temperature value occurs, or when a user-initiated temperature conversion is completed. Temperature conversion occurs on initial application of VCC and once every 64 seconds afterwards. active battery current, IBATA, is drawn. When the serial interface is inactive, timekeeping current (IBATT), which includes the averaged temperature conversion current, IBATTC, is used (refer to Application Note 3644: Power Considerations for Accurate Real-Time Clocks for details). Temperature conversion current, IBATTC, is specified since the system must be able to support the periodic higher current pulse and still maintain a valid voltage level. Data retention current, IBATTDR, is the current drawn by the part when the oscillator is stopped (EOSC = 1). This mode can be used to minimize battery requirements for times when maintaining time and date information is not necessary, e.g., while the end system is waiting to be shipped to a customer.
Power Control
This function is provided by a temperature-compensated voltage reference and a comparator circuit that monitors the VCC level. When VCC is greater than VPF, the part is powered by VCC. When VCC is less than VPF but greater than VBAT, the DS3231 is powered by VCC. If V CC is less than V PF and is less than V BAT , the device is powered by VBAT. See Table 1.
Pushbutton Reset Function
The DS3231 provides for a pushbutton switch to be connected to the RST output pin. When the DS3231 is not in a reset cycle, it continuously monitors the RST signal for a low going edge. If an edge transition is detected, the DS3231 debounces the switch by pulling the RST low. After the internal timer has expired (PBDB), the DS3231 continues to monitor the RST line. If the line is still low, the DS3231 continuously monitors the line looking for a rising edge. Upon detecting release, the DS3231 forces the RST pin low and holds it low for tRST. RST is also used to indicate a power-fail condition. When VCC is lower than VPF, an internal power-fail signal is generated, which forces the RST pin low. When VCC returns to a level above VPF, the RST pin is held low for approximately 250ms (tREC) to allow the power supply to stabilize. If the oscillator is not running (see the Power Control section) when VCC is applied, tREC is bypassed and RST immediately goes high. Assertion of the RST output, whether by pushbutton or power-fail detection, does not affect the internal operation of the DS3231.
Table 1. Power Control
SUPPLY CONDITION VCC < V PF, VCC < VBAT VCC < V PF, VCC > VBAT VCC > V PF, VCC < VBAT VCC > V PF, VCC > VBAT ACTIVE SUPPLY VBAT VCC VCC VCC
To preserve the battery, the first time VBAT is applied to the device, the oscillator will not start up until V CC exceeds VPF, or until a valid I2C address is written to the part. Typical oscillator startup time is less than one second. Approximately 2 seconds after VCC is applied, or a valid I2C address is written, the device makes a temperature measurement and applies the calculated correction to the oscillator. Once the oscillator is running, it continues to run as long as a valid power source is available (VCC or VBAT), and the device continues to measure the temperature and correct the oscillator frequency every 64 seconds. On the first application of power (VCC) or when a valid I2C address is written to the part (VBAT), the time and date registers are reset to 01/01/00 01 00:00:00 (MM/DD/YY DOW HH:MM:SS).
Real-Time Clock
With the clock source from the TCXO, the RTC provides seconds, minutes, hours, day, date, month, and year information. The date at the end of the month is automatically adjusted for months with fewer than 31 days, including corrections for leap year. The clock operates in either the 24-hour or 12-hour format with an AM/PM indicator. The clock provides two programmable time-of-day alarms and a programmable square-wave output. The INT/SQW pin either generates an interrupt due to alarm condition or outputs a square-wave signal and the selection is controlled by the bit INTCN.
VBAT Operation
There are several modes of operation that affect the amount of VBAT current that is drawn. While the device is powered by VBAT and the serial interface is active,
10
____________________________________________________________________
Extremely Accurate I2C-Integrated RTC/TCXO/Crystal DS3231
Figure 1. Timekeeping Registers
ADDRESS 00h 01h 02h 03h 04h 05h 06h 07h 08h 09h 0Ah 0Bh 0Ch 0Dh 0Eh 0Fh 10h 11h 12h A1M1 A1M2 A1M3 A1M4 A2M2 A2M3 A2M4 EOSC OSF SIGN SIGN DATA 12/24 DY/DT BBSQW 0 DATA DATA DATA 12/24 DY/DT BIT 7 MSB 0 0 0 0 0 Century 12/24 0 0 0 10 Year 10 Seconds 10 Minutes AM/PM 10 Hour 10 Hour 0 BIT 6 BIT 5 10 Seconds 10 Minutes AM/PM 10 Hour 0 10 Date 10 Month 10 Hour 0 0 Date Month Year Seconds Minutes Hour Day Date Minutes 10 Hour Hour Day Date RS1 EN32kHz DATA DATA 0 INTCN BSY DATA DATA 0 A2IE A2F DATA DATA 0 A1IE A1F DATA DATA 0 0 DATA DATA 0 BIT 4 BIT 3 BIT 2 BIT 1 BIT 0 LSB FUNCTION Seconds Minutes Hours Day Day Date Month/ Century Year Alarm 1 Seconds Alarm 1 Minutes Alarm 1 Hours Alarm 1 Day Alarm 1 Date Alarm 2 Minutes Alarm 2 Hours Alarm 2 Day Alarm 2 Date Control Control/Status Aging Offset MSB of Temp LSB of Temp RANGE 00-59 00-59 1-12 + AM/PM 00-23 1-7 01-31 01-12 + Century 00-99 00-59 00-59 1-12 + AM/PM 00-23 1-7 1-31 00-59 1-12 + AM/PM 00-23 1-7 1-31 -- -- -- -- --
Seconds Minutes Hour
10 Date 10 Minutes AM/PM 10 Hour
10 Date CONV 0 DATA DATA 0 RS2
Note: Unless otherwise specified, the registers' state is not defined when power is first applied.
Address Map
Figure 1 shows the address map for the DS3231 timekeeping registers. During a multibyte access, when the address pointer reaches the end of the register space (12h), it wraps around to location 00h. On an I 2 C START or address pointer incrementing to location 00h, the current time is transferred to a second set of registers. The time information is read from these secondary registers, while the clock may continue to run. This eliminates the need to reread the registers in case the main registers update during a read.
event, it is possible that the microcontroller and DS3231 I 2C communications could become unsynchronized, e.g., the microcontroller resets while reading data from the DS3231. When the microcontroller resets, the DS3231 I2C interface may be placed into a known state by toggling SCL until SDA is observed to be at a high level. At that point the microcontroller should pull SDA low while SCL is high, generating a START condition.
Clock and Calendar
The time and calendar information is obtained by reading the appropriate register bytes. Figure 1 illustrates the RTC registers. The time and calendar data are set or initialized by writing the appropriate register bytes. The contents of the time and calendar registers are in
11
I2C Interface
The I2C interface is accessible whenever either VCC or VBAT is at a valid level. If a microcontroller connected to the DS3231 resets because of a loss of VCC or other
____________________________________________________________________
Extremely Accurate I2C-Integrated RTC/TCXO/Crystal
the binary-coded decimal (BCD) format. The DS3231 can be run in either 12-hour or 24-hour mode. Bit 6 of the hours register is defined as the 12- or 24-hour mode select bit. When high, the 12-hour mode is selected. In the 12-hour mode, bit 5 is the AM/PM bit with logic-high being PM. In the 24-hour mode, bit 5 is the second 10-hour bit (20-23 hours). The century bit (bit 7 of the month register) is toggled when the years register overflows from 99 to 00. The day-of-week register increments at midnight. Values that correspond to the day of week are userdefined but must be sequential (i.e., if 1 equals Sunday, then 2 equals Monday, and so on). Illogical time and date entries result in undefined operation. When reading or writing the time and date registers, secondary (user) buffers are used to prevent errors when the internal registers update. When reading the time and date registers, the user buffers are synchronized to the internal registers on any START and when the register pointer rolls over to zero. The time information is read from these secondary registers, while the clock continues to run. This eliminates the need to reread the registers in case the main registers update during a read. The countdown chain is reset whenever the seconds register is written. Write transfers occur on the acknowledge from the DS3231. Once the countdown chain is reset, to avoid rollover issues the remaining time and date registers must be written within 1 second. The 1Hz square-wave output, if enabled, transitions high 500ms after the seconds data transfer, provided the oscillator is already running.
DS3231
Alarms
The DS3231 contains two time-of-day/date alarms. Alarm 1 can be set by writing to registers 07h to 0Ah. Alarm 2 can be set by writing to registers 0Bh to 0Dh. The alarms can be programmed (by the alarm enable and INTCN bits of the control register) to activate the INT/SQW output on an alarm match condition. Bit 7 of each of the time-of-day/date alarm registers are mask bits (Table 2). When all the mask bits for each alarm are logic 0, an alarm only occurs when the values in the timekeeping registers match the corresponding values stored in the time-of-day/date alarm registers. The alarms can also be programmed to repeat every second, minute, hour, day, or date. Table 2 shows the possible settings. Configurations not listed in the table will result in illogical operation. The DY/DT bits (bit 6 of the alarm day/date registers) control whether the alarm value stored in bits 0 to 5 of that register reflects the day of the week or the date of the month. If DY/DT is written to logic 0, the alarm will be the result of a match with date of the month. If DY/DT is written to logic 1, the alarm will be the result of a match with day of the week. When the RTC register values match alarm register settings, the corresponding Alarm Flag `A1F' or `A2F' bit is set to logic 1. If the corresponding Alarm Interrupt Enable `A1IE' or `A2IE' is also set to logic 1 and the INTCN bit is set to logic 1, the alarm condition will activate the INT/SQW signal. The match is tested on the once-per-second update of the time and date registers.
Table 2. Alarm Mask Bits
DY/DT X X X X 0 1 ALARM 1 REGISTER MASK BITS (BIT 7) A1M4 1 1 1 1 0 0 A1M3 1 1 1 0 0 0 A1M2 1 1 0 0 0 0 A1M1 1 0 0 0 0 0 ALARM RATE Alarm once per second Alarm when seconds match Alarm when minutes and seconds match Alarm when hours, minutes, and seconds match Alarm when date, hours, minutes, and seconds match Alarm when day, hours, minutes, and seconds match
DY/DT X X X 0 1
ALARM 2 REGISTER MASK BITS (BIT 7) A2M4 1 1 1 0 0 A2M3 1 1 0 0 0 A2M2 1 0 0 0 0
ALARM RATE Alarm once per minute (00 seconds of every minute) Alarm when minutes match Alarm when hours and minutes match Alarm when date, hours, and minutes match Alarm when day, hours, and minutes match
12
____________________________________________________________________
Extremely Accurate I2C-Integrated RTC/TCXO/Crystal
Control Register (0Eh)
BIT 7 NAME: POR: EOSC 0 BIT 6 BBSQW 0 BIT 5 CONV 0 BIT 4 RS2 1 BIT 3 RS1 1 BIT 2 INTCN 1 BIT 1 A2IE 0 BIT 0 A1IE 0
DS3231
Special-Purpose Registers
The DS3231 has two additional registers (control and status) that control the real-time clock, alarms, and square-wave output.
SQUARE-WAVE OUTPUT FREQUENCY
RS2 0 RS1 0 1 0 1 SQUARE-WAVE OUTPUT FREQUENCY 1Hz 1.024kHz 4.096kHz 8.192kHz
Control Register (0Eh)
Bit 7: Enable Oscillator (EOSC). When set to logic 0, the oscillator is started. When set to logic 1, the oscillator is stopped when the DS3231 switches to VBAT. This bit is clear (logic 0) when power is first applied. When the DS3231 is powered by VCC, the oscillator is always on regardless of the status of the EOSC bit. When EOSC is disabled, all register data is static. Bit 6: Battery-Backed Square-Wave Enable (BBSQW). When set to logic 1 and the DS3231 is being powered by the VBAT pin, this bit enables the squarewave or interrupt output when VCC is absent. When BBSQW is logic 0, the INT/SQW pin goes high impedance when VCC falls below the power-fail trip point. This bit is disabled (logic 0) when power is first applied. Bit 5: Convert Temperature (CONV). Setting this bit to 1 forces the temperature sensor to convert the temperature into digital code and execute the TCXO algorithm to update the capacitance array to the oscillator. This can only happen when a conversion is not already in progress. The user should check the status bit BSY before forcing the controller to start a new TCXO execution. A user-initiated temperature conversion does not affect the internal 64-second update cycle. A user-initiated temperature conversion does not affect the BSY bit for approximately 2ms. The CONV bit remains at a 1 from the time it is written until the conversion is finished, at which time both CONV and BSY go to 0. The CONV bit should be used when monitoring the status of a user-initiated conversion. Bits 4 and 3: Rate Select (RS2 and RS1). These bits control the frequency of the square-wave output when
0 1 1
the square wave has been enabled. The following table shows the square-wave frequencies that can be selected with the RS bits. These bits are both set to logic 1 (8.192kHz) when power is first applied. Bit 2: Interrupt Control (INTCN). This bit controls the INT/SQW signal. When the INTCN bit is set to logic 0, a square wave is output on the INT/SQW pin. When the INTCN bit is set to logic 1, then a match between the timekeeping registers and either of the alarm registers activates the INT/SQW output (if the alarm is also enabled). The corresponding alarm flag is always set regardless of the state of the INTCN bit. The INTCN bit is set to logic 1 when power is first applied. Bit 1: Alarm 2 Interrupt Enable (A2IE). When set to logic 1, this bit permits the alarm 2 flag (A2F) bit in the status register to assert INT/SQW (when INTCN = 1). When the A2IE bit is set to logic 0 or INTCN is set to logic 0, the A2F bit does not initiate an interrupt signal. The A2IE bit is disabled (logic 0) when power is first applied. Bit 0: Alarm 1 Interrupt Enable (A1IE). When set to logic 1, this bit permits the alarm 1 flag (A1F) bit in the status register to assert INT/SQW (when INTCN = 1). When the A1IE bit is set to logic 0 or INTCN is set to logic 0, the A1F bit does not initiate the INT/SQW signal. The A1IE bit is disabled (logic 0) when power is first applied.
____________________________________________________________________
13
Extremely Accurate I2C-Integrated RTC/TCXO/Crystal DS3231
Status Register (0Fh)
BIT 7 NAME: POR: OSF 1 BIT 6 0 0 BIT 5 0 0 BIT 4 0 0 BIT 3 EN32kHz 1 BIT 2 BSY X BIT 1 A2F X BIT 0 A1F X
Status Register (0Fh)
Bit 7: Oscillator Stop Flag (OSF). A logic 1 in this bit indicates that the oscillator either is stopped or was stopped for some period and may be used to judge the validity of the timekeeping data. This bit is set to logic 1 any time that the oscillator stops. The following are examples of conditions that can cause the OSF bit to be set: 1) The first time power is applied. 2) The voltages present on both VCC and VBAT are insufficient to support oscillation. 3) The EOSC bit is turned off in battery-backed mode. 4) External influences on the crystal (i.e., noise, leakage, etc.). This bit remains at logic 1 until written to logic 0. Bit 3: Enable 32kHz Output (EN32kHz). This bit controls the status of the 32kHz pin. When set to logic 1, the 32kHz pin is enabled and outputs a 32.768kHz squarewave signal. When set to logic 0, the 32kHz pin goes to a high-impedance state. The initial power-up state of this bit is logic 1, and a 32.768kHz square-wave signal appears at the 32kHz pin after a power source is applied to the DS3231 (if the oscillator is running). Bit 2: Busy (BSY). This bit indicates the device is busy executing TCXO functions. It goes to logic 1 when the conversion signal to the temperature sensor is asserted and then is cleared when the device is in the 1-minute idle state. Bit 1: Alarm 2 Flag (A2F). A logic 1 in the alarm 2 flag bit indicates that the time matched the alarm 2 registers. If the A2IE bit is logic 1 and the INTCN bit is set to logic 1, the INT/SQW pin is also asserted. A2F is cleared when written to logic 0. This bit can only be written to logic 0. Attempting to write to logic 1 leaves the value unchanged. Bit 0: Alarm 1 Flag (A1F). A logic 1 in the alarm 1 flag bit indicates that the time matched the alarm 1 regis-
ters. If the A1IE bit is logic 1 and the INTCN bit is set to logic 1, the INT/SQW pin is also asserted. A1F is cleared when written to logic 0. This bit can only be written to logic 0. Attempting to write to logic 1 leaves the value unchanged.
Aging Offset
The aging offset register takes a user-provided value to add to or subtract from the codes in the capacitance array registers. The code is encoded in two's complement, with bit 7 representing the sign bit. One LSB represents one small capacitor to be switched in or out of the capacitance array at the crystal pins. The aging offset register capacitance value is added or subtracted from the capacitance value that the device calculates for each temperature compensation. The offset register is added to the capacitance array during a normal temperature conversion, if the temperature changes from the previous conversion, or during a manual user conversion (setting the CONV bit). To see the effects of the aging register on the 32kHz output frequency immediately, a manual conversion should be started after each aging register change. Positive aging values add capacitance to the array, slowing the oscillator frequency. Negative values remove capacitance from the array, increasing the oscillator frequency. The change in ppm per LSB is different at different temperatures. The frequency vs. temperature curve is shifted by the values used in this register. At +25C, one LSB typically provides about 0.1ppm change in frequency. Use of the aging register is not needed to achieve the accuracy as defined in the EC tables, but could be used to help compensate for aging at a given temperature. See the Typical Operating Characteristics section for a graph showing the effect of the register on accuracy over temperature.
Aging Offset (10h)
BIT 7 NAME: POR: Sign 0 BIT 6 Data 0 BIT 5 Data 0 BIT 4 Data 0 BIT 3 Data 0 BIT 2 Data 0 BIT 1 Data 0 BIT 0 Data 0
14
____________________________________________________________________
Extremely Accurate I2C-Integrated RTC/TCXO/Crystal
Temperature Register (Upper Byte) (11h)
BIT 7 NAME: POR: Sign 0 BIT 6 Data 0 BIT 5 Data 0 BIT 4 Data 0 BIT 3 Data 0 BIT 2 Data 0 BIT 1 Data 0 BIT 0 Data 0
DS3231
Temperature Register (Lower Byte) (12h)
BIT 7 NAME: POR: Data 0 BIT 6 Data 0 BIT 5 0 0 BIT 4 0 0 BIT 3 0 0 BIT 2 0 0 BIT 1 0 0 BIT 0 0 0
Temperature Registers (11h-12h)
Temperature is represented as a 10-bit code with a resolution of 0.25C and is accessible at location 11h and 12h. The temperature is encoded in two's complement format. The upper 8 bits, the integer portion, are at location 11h and the lower 2 bits, the fractional portion, are in the upper nibble at location 12h. For example, 00011001 01b = +25.25C. Upon power reset, the registers are set to a default temperature of 0C and the controller starts a temperature conversion. The temperature is read on initial application of VCC or I2C access on VBAT and once every 64 seconds afterwards. The temperature registers are updated after each user-initiated conversion and on every 64-second conversion. The temperature registers are read-only.
line while the clock line is high are interpreted as control signals. Accordingly, the following bus conditions have been defined: Bus not busy: Both data and clock lines remain high. START data transfer: A change in the state of the data line from high to low, while the clock line is high, defines a START condition. STOP data transfer: A change in the state of the data line from low to high, while the clock line is high, defines a STOP condition. Data valid: The state of the data line represents valid data when, after a START condition, the data line is stable for the duration of the high period of the clock signal. The data on the line must be changed during the low period of the clock signal. There is one clock pulse per bit of data. Each data transfer is initiated with a START condition and terminated with a STOP condition. The number of data bytes transferred between the START and the STOP conditions is not limited, and is determined by the master device. The information is transferred byte-wise and each receiver acknowledges with a ninth bit. Acknowledge: Each receiving device, when addressed, is obliged to generate an acknowledge after the reception of each byte. The master device must generate an extra clock pulse, which is associated with this acknowledge bit. A device that acknowledges must pull down the SDA line during the acknowledge clock pulse in such a way that the SDA line is stable low during the high period of the acknowledge-related clock pulse. Of course, setup and hold times must be taken into account. A master must signal an end of data to the
15
I2C Serial Data Bus
The DS3231 supports a bidirectional I2C bus and data transmission protocol. A device that sends data onto the bus is defined as a transmitter and a device receiving data is defined as a receiver. The device that controls the message is called a master. The devices that are controlled by the master are slaves. The bus must be controlled by a master device that generates the serial clock (SCL), controls the bus access, and generates the START and STOP conditions. The DS3231 operates as a slave on the I2C bus. Connections to the bus are made through the SCL input and open-drain SDA I/O lines. Within the bus specifications, a standard mode (100kHz maximum clock rate) and a fast mode (400kHz maximum clock rate) are defined. The DS3231 works in both modes. The following bus protocol has been defined (Figure 2): * Data transfer may be initiated only when the bus is not busy. * During data transfer, the data line must remain stable whenever the clock line is high. Changes in the data
____________________________________________________________________
Extremely Accurate I2C-Integrated RTC/TCXO/Crystal DS3231
MSB FIRST SDA MSB LSB MSB LSB
SLAVE ADDRESS
R/W
ACK
DATA
ACK
DATA
ACK/ NACK
SCL
1-7
8
9
1-7
8
9
1-7
8
9
IDLE
START CONDITION
REPEATED IF MORE BYTES ARE TRANSFERRED
STOP CONDITION REPEATED START
Figure 2. I2C Data Transfer Overview
slave by not generating an acknowledge bit on the last byte that has been clocked out of the slave. In this case, the slave must leave the data line high to enable the master to generate the STOP condition. Figures 3 and 4 detail how data transfer is accomplished on the I2C bus. Depending upon the state of the R/W bit, two types of data transfer are possible: Data transfer from a master transmitter to a slave receiver. The first byte transmitted by the master is
the slave address. Next follows a number of data bytes. The slave returns an acknowledge bit after each received byte. Data is transferred with the most significant bit (MSB) first. Data transfer from a slave transmitter to a master receiver. The first byte (the slave address) is transmitted by the master. The slave then returns an acknowledge bit. Next follows a number of data bytes transmitted by the slave to the master. The
S 1101000
0 A
XXXXXXXX A
XXXXXXXX A
XXXXXXXX A
...
XXXXXXXX
A
P
S - START SLAVE TO MASTER A - ACKNOWLEDGE (ACK) P - STOP R/W - READ/WRITE OR DIRECTION BIT ADDRESS
MASTER TO SLAVE DATA TRANSFERRED (X + 1 BYTES + ACKNOWLEDGE)
Figure 3. Data Write--Slave Receiver Mode
S 1101000
1 A
XXXXXXXX A
XXXXXXXX SLAVE TO MASTER A
XXXXXXXX A ...
XXXXXXXX A P
S - START MASTER TO SLAVE A - ACKNOWLEDGE (ACK) P - STOP A - NOT ACKNOWLEDGE (NACK) R/W - READ/WRITE OR DIRECTION BIT ADDRESS
DATA TRANSFERRED (X + 1 BYTES + ACKNOWLEDGE) NOTE: LAST DATA BYTE IS FOLLOWED BY A NACK.
Figure 4. Data Read--Slave Transmitter Mode
16 ____________________________________________________________________
Extremely Accurate I2C-Integrated RTC/TCXO/Crystal DS3231
S 1101000 0 A XXXXXXXX A Sr 1101000 1 A
XXXXXXXX A
XXXXXXXX A
XXXXXXXX A

...
XXXXXXXX
A
P
S - START MASTER TO SLAVE Sr - REPEATED START A - ACKNOWLEDGE (ACK) P - STOP A - NOT ACKNOWLEDGE (NACK) R/W - READ/WRITE OR DIRECTION BIT ADDRESS
SLAVE TO MASTER DATA TRANSFERRED (X + 1 BYTES + ACKNOWLEDGE) NOTE: LAST DATA BYTE IS FOLLOWED BY A NACK.
Figure 5. Data Write/Read (Write Pointer, Then Read)--Slave Receive and Transmit
master returns an acknowledge bit after all received bytes other than the last byte. At the end of the last received byte, a not acknowledge is returned. The master device generates all the serial clock pulses and the START and STOP conditions. A transfer is ended with a STOP condition or with a repeated START condition. Since a repeated START condition is also the beginning of the next serial transfer, the bus will not be released. Data is transferred with the most significant bit (MSB) first. The DS3231 can operate in the following two modes: Slave receiver mode (DS3231 write mode): Serial data and clock are received through SDA and SCL. After each byte is received, an acknowledge bit is transmitted. START and STOP conditions are recognized as the beginning and end of a serial transfer. Address recognition is performed by hardware after reception of the slave address and direction bit. The slave address byte is the first byte received after the master generates the START condition. The slave address byte contains the 7-bit DS3231 address, which is 1101000, followed by the direction bit (R/W), which is 0 for a write. After receiving and decoding the slave address byte, the DS3231 outputs an acknowledge on SDA. After the DS3231 acknowledges the slave address + write bit, the master transmits a word address to the DS3231. This sets the register pointer on the DS3231, with the DS3231
acknowledging the transfer. The master may then transmit zero or more bytes of data, with the DS3231 acknowledging each byte received. The register pointer increments after each data byte is transferred. The master generates a STOP condition to terminate the data write. Slave transmitter mode (DS3231 read mode): The first byte is received and handled as in the slave receiver mode. However, in this mode, the direction bit indicates that the transfer direction is reversed. Serial data is transmitted on SDA by the DS3231 while the serial clock is input on SCL. START and STOP conditions are recognized as the beginning and end of a serial transfer. Address recognition is performed by hardware after reception of the slave address and direction bit. The slave address byte is the first byte received after the master generates a START condition. The slave address byte contains the 7-bit DS3231 address, which is 1101000, followed by the direction bit (R/W), which is 1 for a read. After receiving and decoding the slave address byte, the DS3231 outputs an acknowledge on SDA. The DS3231 then begins to transmit data starting with the register address pointed to by the register pointer. If the register pointer is not written to before the initiation of a read mode, the first address that is read is the last one stored in the register pointer. The DS3231 must receive a not acknowledge to end a read.
____________________________________________________________________
17
Extremely Accurate I2C-Integrated RTC/TCXO/Crystal DS3231
Handling, PC Board Layout, and Assembly
The DS3231 package contains a quartz tuning-fork crystal. Pick-and-place equipment can be used, but precautions should be taken to ensure that excessive shocks are avoided. Ultrasonic cleaning should be avoided to prevent damage to the crystal. Avoid running signal traces under the package, unless a ground plane is placed between the package and the signal line. All N.C. (no connect) pins must be connected to ground. Moisture-sensitive packages are shipped from the factory dry packed. Handling instructions listed on the package label must be followed to prevent damage during reflow. Refer to the IPC/JEDEC J-STD-020 standard for moisture-sensitive device (MSD) classifications and reflow profiles. Exposure to reflow is limited to 2 times maximum.
Pin Configuration
TOP VIEW
Chip Information
TRANSISTOR COUNT: 33,000 SUBSTRATE CONNECTED TO GROUND PROCESS: CMOS
32kHz 1 VCC 2 INT/SQW 3 RST 4 N.C. 5 N.C. 6 N.C. 7 N.C. 8
16 SCL 15 SDA 14 VBAT 13 GND
Thermal Information
Theta-JA: +73C/W Theta-JC: +23C/W
DS3231
12 N.C. 11 N.C. 10 N.C. 9 N.C.
Package Information
For the latest package outline information and land patterns, go to www.maxim-ic.com/packages. Note that a "+", "#", or "-" in the package code indicates RoHS status only. Package drawings may show a different suffix character, but the drawing pertains to the package regardless of RoHS status. PACKAGE TYPE 16 SO PACKAGE CODE W16#H2 DOCUMENT NO. 21-0042
SO
18
____________________________________________________________________
Extremely Accurate I2C-Integrated RTC/TCXO/Crystal
Revision History
REVISION NUMBER 0 REVISION DATE 1/05 Initial release. Changed Digital Temp Sensor Output from 2C to 3C. 1 2/05 Updated Typical Operating Circuit. Changed TA = -40C to +85C to TA = TMIN to TMAX. Updated Block Diagram. Added "UL Recognized" to Features; added lead-free packages and removed S from top mark info in Ordering Information table; added ground connections to the N.C. pin in the Typical Operating Circuit. Added "noncondensing" to operating temperature range; changed VPF MIN from 2.35V to 2.45V. Added aging offset specification. Relabeled TOC4. Added arrow showing input on X1 in the Block Diagram. 2 6/05 Updated pin descriptions for VCC and VBAT. Added the I2C Interface section. Figure 1: Added sign bit to aging and temperature registers; added MSB and LSB. Corrected title for rate select bits frequency table. Added note that frequency stability over temperature spec is with aging offset register = 00h; changed bit 7 from Data to Sign (Crystal Aging Offset Register). Changed bit 7 from Data to Sign (Temperature Register); correct pin definitions in I2C Serial Data Bus section. Modified the Handing, PC Board Layout, and Assembly section to refer to J-STD-020 for reflow profiles for lead-free and leaded packages. 3 11/05 Changed lead-free packages to RoHS-compliant packages. Changed RST and UL bullets in Features. Changed EC condition "VCC > VBAT" to "VCC = Active Supply (see Table 1)." Modified Note 12 to correct tREC operation. Added various conditions text to TOCs 1, 2, and 3. 4 10/06 Added text to pin descriptions for 32kHz, VCC, and RST. Table 1: Changed column heading "Powered By" to "Active Supply"; changed "applied" to "exceeds VPF" in the Power Control section. Indicated BBSQW applies to both SQW and interrupts; simplified temp convert description (bit 5); added "output" to INT\SQW (bit 2). Changed the Crystal Aging section to the Aging Offset section; changed "this bit indicates" to "this bit controls" for the enable 32kHz output bit. Added Warning note to EC table notes; updated Note 12. Updated the Typical Operating Characteristics graphs. 5 4/08 In the Power Control section, added information about the POR state of the time and date registers; in the Real-Time Clock section, added to the description of the RST function. In Figure 1, corrected the months date range for 04h from 00-31 to 01-31. DESCRIPTION PAGES CHANGED -- 1, 3 1 2, 3, 4 8 1
DS3231
2 3 7 8 9 10 11 13 14 15 17 1 1 2, 3 6 7 9 10 13 14 6 7 10 11
____________________________________________________________________
19
Extremely Accurate I2C-Integrated RTC/TCXO/Crystal DS3231
Revision History (continued)
REVISION NUMBER REVISION DATE DESCRIPTION Updated the Typical Operating Circuit. Removed the V PU parameter from the Recommended DC Operating Conditions table and added verbiage about the pullup to the Pin Description table for INT/SQW, SDA, and SCL. Added the Delta Time and Frequency vs. Temperature graph in the Typical Operating Characteristics section. 6 10/08 Updated the Block Diagram. Added the VBAT Operation section, improved some sections of text for the 32kHz TCXO and Pushbutton Reset Function sections. Added the register bit POR values to the register tables. Updated the Aging Offset and Temperature Registers (11h-12h) sections. Updated the I2C timing diagrams (Figures 3, 4, and 5). 7 3/10 Removed the "S" from the top mark in the Ordering Information table and the Pin Configuration to match the packaging engineering marking specification. PAGES CHANGED 1 2, 9
7 8 10 13, 14, 15 14, 15 16, 17 1, 18
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
20 ____________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600 (c) 2010 Maxim Integrated Products Maxim is a registered trademark of Maxim Integrated Products, Inc.
is a registered trademark of Maxim Integrated Products, Inc.


▲Up To Search▲   

 
Price & Availability of DS3231S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X