Part Number Hot Search : 
XSXR2 MEL8206 2SK3828 BR3501 SP125S STRLP 0144TR MP2109DQ
Product Description
Full Text Search
 

To Download 0737800227 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/14/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0737800227 Active
hdm 2.00mm (.079") Pitch HDM(R) Board-to-Board Daughtercard Receptacle, Vertical, Signal Module, 72 Circuits, Mounted Height 17.00mm (.669"), Pin Length 2.00mm (.079"), Solder Tail
Documents: 3D Model Drawing (PDF) Test Summary (PDF)
Product Specification PS-73780-999 (PDF) RoHS Certificate of Compliance (PDF) image - Reference only
Series
General
Product Family Series Application Comments Component Type Overview Product Name Style Backplane Connectors 73780 Daughtercard, Mezzanine Solder Tail PCB Receptacle hdm HDM(R) N/A
EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Physical
Circuits (Loaded) Circuits (maximum) Color - Resin Durability (mating cycles max) First Mate / Last Break Guide to Mating Part Keying to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Columns Number of Pairs Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to PCB Stackable Surface Mount Compatible (SMC) 72 72 Black 250 No No None Copper-Nickel-Tin Gold Tin High Temperature Thermoplastic 12 Open Pin Field 6 Vertical 0.079 In 2.00 mm No None 0.063 In 1.60 mm Tube 0.079 In 2.00 mm 0.079 In 2.00 mm 30 0.75 100 2.5 No Yes Yes
Search Parts in this Series 73780Series Mates With HDM(R) Board-to-Board Backplane Header 73642 , 73643 , 73644 , 73942 , 73943 , 73944 , 74349 , 74428. HDM(R) Board-toBoard Stacking Header 73769 , 73770 , 73782 , 73783 , 73771
Temperature Range - Operating Termination Interface: Style
-55C to +105C Through Hole
Electrical
Current - Maximum per Contact Data Rate Real Signals (per 25mm) Shielded Voltage - Maximum 15A, 1A 1.0 Gbps 75 No 250V AC
Solder Process Data
Duration at Max. Process Temperature (seconds) Lead-free Process Capability Max. Cycles at Max. Process Temperature Process Temperature max. C 5 Wave Capable (TH only) 1 260
Material Info Reference - Drawing Numbers
Packaging Specification PK-70873-0872 Product Specification PS-73780-999 Sales Drawing SD-73780-004 HDM and High Density Metric are trademarks of Amphenol Corporation
This document was generated on 05/14/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0737800227

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X