Part Number Hot Search : 
740SED 4C04W CS5842 FM102 T1008 SC265C3 2SC394 40150
Product Description
Full Text Search
 

To Download SSM9435GM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SSM9435GM
P-channel Enhancement-mode Power MOSFET
PRODUCT SUMMARY
BVDSS R DS(ON) ID
DESCRIPTION
The SSM9435GM acheives fast switching performance with low gate charge without a complex drive circuit. It is suitable for low voltage applications such as battery management and general high-side switch circuits. The SSM9435GM is supplied in an RoHS-compliant SO-8 package, which is widely used for medium power commercial and industrial surface mount applications.
-30V 50m -5.3A
Pb-free; RoHS-compliant SO-8
D D D D G
SO-8
S
S
S
ABSOLUTE MAXIMUM RATINGS
Symbol VDS VGS ID IDM PD Parameter Drain-source voltage Gate-source voltage Continuous drain current, TC = 25C TC = 70C Pulsed drain current
1
Value -30 20 -5.3 -4.7 -20 2.5 0.02
Units V V A A A W W/C
Total power dissipation, TC = 25C Linear derating factor
TSTG TJ
Storage temperature range Operating junction temperature range
-55 to 150 -55 to 150
C C
THERMAL CHARACTERISTICS
Symbol RJA Parameter
Maximum thermal resistance, junction-ambient
3
Value
50
Units
C/W
Notes:
1.Pulse width must be limited to avoid exceeding the maximum junction temperature of 150C. 2.Pulse width <300us, duty cycle <2%. 3.Mounted on a square inch of copper pad on FR4 board ; 125C/W when mounted on the minimum pad area required for soldering.
2/12/2006 Rev.3.01
www.SiliconStandard.com
1 of 5
SSM9435GM
ELECTRICAL CHARACTERISTICS
Symbol BVDSS Parameter Drain-source breakdown voltage
Breakdown voltage temperature coefficient
(at Tj = 25C, unless otherwise specified)
Test Conditions VGS=0V, ID=-250uA Reference to 25C, ID=-1mA VGS=-10V, ID=-5.3A VGS=-4.5V, ID=-4.2A Min. -30 -1 Typ. -0.04 10 9 3 5 11 8 25 17 507 222 158 Max. Units 50 90 -3 -1 -25 100 15 810 V V/C m m V S uA uA nA nC nC nC ns ns ns ns pF pF pF
BV DSS/Tj
RDS(ON)
Static drain-source on-resistance2
VGS(th) gfs IDSS IGSS Qg Qgs Qgd td(on) tr td(off) tf Ciss Coss Crss
Gate threshold voltage Forward transconductance
VDS=VGS, ID=-250uA VDS=-10V, ID=-5.3A
Drain-source leakage current
VDS=-30V, VGS=0V
VDS=-24V ,VGS=0V, Tj = 70C VGS=20V ID=-5.3A VDS=-24V VGS=-4.5V VDS=-15V ID=-1A RG=6 , VGS=-10V RD=15 VGS=0V VDS=-15V f=1.0MHz
Gate-source leakage current Total gate charge
2
Gate-source charge Gate-drain ("Miller") charge Turn-on delay time Rise time Turn-off delay time Fall time Input capacitance Output capacitance Reverse transfer capacitance
2
Source-Drain Diode
Symbol VSD trr Qrr Parameter Forward voltage
2
Test Conditions IS=-2.6A, VGS=0V IS=-5.3A, VGS=0V, dI/dt=100A/s
Min. -
Typ. 29 20
Max. Units -1.2 V ns nC
Reverse-recovery time
Reverse-recovery charge
Notes:
1.Pulse width must be limited to avoid exceeding the maximum junction temperature of 150C. 2.Pulse width <300us, duty cycle <2%.
2/12/2006 Rev.3.01
www.SiliconStandard.com
2 of 5
SSM9435GM
30 30 25
T A =25 C
o
-10V -8.0V -6.0V -ID , Drain Current (A) -4.5V
25
T A =150 C
o
-10V -8.0V -6.0V -4.5V
-ID , Drain Current (A)
20
20
15
V G =-4.0V
15
V G =-4.0V
10
10
5
5
0 0 1 2 3 4 5 6
0 0 1 2 3 4 5 6
-V DS , Drain-to-Source Voltage (V)
-V DS , Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
80
1.6
70
I D =-4.2A T A =25C Normalized R DS(ON)
1.4
I D =-5.3A V G = -10V
RDS(ON) (m )
60
1.2
50
1
40
0.8
30
0.6
2
4
6
8
10
12
-50
0
50
100
150
-V GS , Gate-to-Source Voltage (V)
T j , Junction Temperature ( o C)
Fig 3. On-Resistance vs. Gate Voltage
Fig 4. Normalized On-Resistance vs. Junction Temperature
3.0
10
8 2.5
6
T j =150 o C
4
-VGS(th) (V)
-IS(A)
T j =25 o C
2.0
1.5 2
0 0 0.2 0.4 0.6 0.8 1 1.2 1.4
1.0 -50 0 50 100 150
-V SD , Source-to-Drain Voltage (V)
T j , Junction Temperature ( C)
o
Fig 5. Forward Characteristic of Reverse Diode
2/12/2006 Rev.3.01
Fig 6. Gate Threshold Voltage vs. Junction Temperature
www.SiliconStandard.com
3 of 5
SSM9435GM
14
f=1.0MHz
1000
12
-VGS , Gate to Source Voltage (V)
I D = -5.3A V DS = -24V C iss C (pF)
10
8
6
4
C oss C rss
100
1 5 9 13 17 21 25 29
2
0 0 4 8 12 16 20
Q G , Total Gate Charge (nC)
-V DS , Drain-to-Source Voltage (V)
Fig 7. Gate Charge Characteristics
Fig 8. Typical Capacitance Characteristics
100
1
Normalized Thermal Response (Rthja)
Duty Factor = 0.5
0.2
10
1ms -ID (A) 10ms
1
0.1
0.1
0.05
0.02 0.01
100ms 1s
0.1
PDM 0.01
Single Pulse
t T
Duty Factor = t/T Peak Tj = PDM x Rthja + Ta Rthja=125oC/W
T A =25 o C Single Pulse
0.01 0.1 1 10
10s DC
0.001 100 0.0001 0.001 0.01 0.1 1 10 100 1000
-V DS , Drain-to-Source Voltage (V)
t , Pulse Width (s)
Fig 9. Maximum Safe Operating Area
Fig 10. Effective Transient Thermal Impedance
VDS 90%
VG QG -4.5V QGS QGD
10% VGS td(on) tr td(off) tf Charge Q
Fig 11. Switching Time Waveform
Fig 12. Gate Charge Waveform
2/12/2006 Rev.3.01
www.SiliconStandard.com
4 of 5
SSM9435GM
PHYSICAL DIMENSIONS
D
SYMBOL A
H E
MIN 1.35 0.10 0.33 0.19 4.80 3.80 5.80 0.38
MAX 1.75 0.25 0.51 0.25 5.00 4.00 6.50 1.27
A1 B C D E
e A C A1
e H L
L
1.27(TYP)
B
All dimensions in millimeters. Dimensions do not include mold protrusions.
PART MARKING
PART NUMBER: 9435GM
XXXXXX YWWSSS
DATE/LOT CODE: (YWWSSS) Y = last digit of the year WW = week SSS = lot code sequence
PACKING: Moisture sensitivity level MSL3
3000 pcs in antistatic tape on a 13 inch (330mm) reel packed in a moisture barrier bag (MBB).
2/12/2006 Rev.3.01
www.SiliconStandard.com
5 of 5


▲Up To Search▲   

 
Price & Availability of SSM9435GM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X