Part Number Hot Search : 
MHF20SGS MB95D108 X7R1C SMAJ18 BL0305 MB95130M 2N4124 DA101
Product Description
Full Text Search
 

To Download PCF3CT52R102K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HPC/PCF
ceramic fixed power type leaded resistor
EU
features * Coated with UL94V0 flameproof material * Suitable for automatic machine insertion * Able to replace carbon composition resistors in most applications * Marking: HFC size: Reddish brown body color with alpha-numeric marking, PCF size:Light green body color with color-coded bands * Products with lead-free terminations meet EU RoHS requirements
dimensions and construction
HPC
3mm Max. L Resistive Body d l
Type HPC1/2 HPC1 NEW HPC2 HPC3 HPC4
L .433.039 (11.02.0) 0.630.039 (16.02.0) .827.039 (21.02.0) 1.02.039 (26.02.0) 1.50.039 (38.02.0) 1.73.039 (44.02.0) .354.039 (9.01.0) 0.65.039 (16.51.0) .748.039 (19.01.0)
Dimensions inches (mm) C (max.) D d (nom.) __ __ __ __ __ __ .437 (11.1) .748 (19.0) .886 (22.5) .138.039 (3.50.1) .177.039 (4.51.0) .197.039 (5.01.0) .236.039 (6.01.0) .276.039 (7.01.0) .295.039 (7.51.0) .138.02 (3.50.5) .217.039 (5.51.0) .276.039 (7.01.0) .039 (1.0) .028 (0.7) .031 (0.8) .031 (0.8)
l
Coating
Electrode Lead Cap Wire
D
1.50.118 (38.03.0)
PCF
D L Ceramic Body l
HPC5
d
PCF1/2 PCF1
1.18.118 (30.03.0) 1.50.118 (38.03.0)
Marking Flame Retardant Coating C
End Cap
Lead Wire
PCF2
ordering information
Part # PCF Type HPC PCF 1/2 Power Rating 1/2: 0.5W 1: 1W 2: 2W 3: 3W 4: 4W 5: 5W C Termination Material C: SnCu T631 Taping T631 T52 R Packaging R: Reel 102 Nominal Resistance 2 significant figures + 1 multiplier 3 significant figures + 1 multiplier K Tolerance K: 10% M: 20%
For further information on packaging, please refer to Appendix C.
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
12/29/08
KOA Speer Electronics, Inc. * 199 Bolivar Drive * Bradford, PA 16701 * USA * 814-362-5536 * Fax: 814-362-8883 * www.koaspeer.com
121
resistors
HPC/PCF
resistors
ceramic fixed power type leaded resistor
applications and ratings
Part Designation HPC1/2 HPC1 HPC2 HPC3 HPC4 HPC5 PCF1/2 PCF1 PCF2 Power Rating @ 70C 0.5W 1.0W 2.0W 3.0W 4.0W 5.0W 0.5W 1.0W 2.0W Resistance Minimum Range Dielectric Withstanding E-12 (10%) E-6 (20%) Voltage 200V 300V 400V 450V 500V 550V 500V 700V 4.7 - 100K 3.3 - 390K 10 - 390K (+10%) 3.3 - 330K (+20%) -900300: R<100 -1200300: R100 Resistance Tolerance T.C.R. (ppm/C) Absolute Maximum Working Voltage 200V 300V 400V 450V 500V 550V -900300: R<100 -1300300: R<100 200V 300V 400V Absolute Maximum Overload Voltage 400V 600V 800V 900V 1000V 1100V 400V 600V 800V Absolute Maximum Pulse Voltage* 8kV 15kV 25kV 25kV 25kV 25kV 10kV 14kV 20kV -40C to +200C Operating Temperature Range
K: 10% M: 20%
* Resistance to pulse: change shall be 5% of the pre-test values. 1 sec. ON, 1 second OFF, 20,000 cycles. The voltage is applied with maximum pulse voltage.
environmental applications Derating Curve
100 80 % Rated Power 60 40 20 0 -60 -40 -20
0
20 40 60 80 100 120 140 160 180 200 70 Ambient Temperature (C)
Performance Characteristics
Parameter Requirement Limit Typical
Within regulated to tolerance -- Resistance 3.3~8.2 10~82 100~390k
Test Method
Measurement voltage 0.3V 1.0V 3.0V
Resistance
T.C.R
HPC: -900300x10-6/K: R<100 -1200300x10-6/K:R100 -- PCF: -900300:R<100 -1300300:R>100 0~-0.2%/V (HPC1/2, PCF) -- 0~-0.1%/V (HPC1) 0~-0.05%/V (HPC2,3,4,5) 2 0.4
+25C/-40C and +25C/+125C
Voltage Coefficient (Apply for over 1k) Overload
Rated voltage and rated voltage x 10% Rated voltage x 2.5 or maximum overload voltage for 5s, whichever less The resistor mounted to the test circuit as below. 1 sec. ON and 1 sec. OFF. 20,000 cycles. The voltage is applied with maximum pulse voltage.
SW 1 sec OFF Rx C=1.000pF
1 sec ON
10k DC (Max. pulse voltage)
Resistance to pulse
5
--
Resistance to soldering heat Rapid change of temperature Moisture resistance Load life
2 2 5 5
0.8 0.4 0.6 0.4
350C10C, 3.5s0.5s -40C(30min.)/+85C(30min.), 5 cycles 40C2C, 90%~95%RH, 1000h, 1.5h ON/0, 5h OFF cycles HPC: 40C2C, 1000h, 1.5h ON/0, 5h OFF cycles PCF: 70C3C, 1000h, 1.5h ON/0, 5h OFF cycles
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
12/29/08
122
KOA Speer Electronics, Inc. * 199 Bolivar Drive * Bradford, PA 16701 * USA * 814-362-5536 * Fax: 814-362-8883 * www.koaspeer.com


▲Up To Search▲   

 
Price & Availability of PCF3CT52R102K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X