Part Number Hot Search : 
74FCT15 NKA141 6765T B105M PPC5643L SCPAS1 6765T PJB772S
Product Description
Full Text Search
 

To Download RGPP1A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RGPP1A THRU RGPP1M
GLASS PASSIVATED FAST RECOVERY RECTIFIER
VOLTAGE: 50 TO 1000V CURRENT: 1.0A
FEATURE
Molded case feature for auto insertion High current capability Low leakage current Fast switching capability High temperature soldering guaranteed 250 /10sec/0.375" lead length at 5 lbs tension C Glass Passivated chip
DO - 41\DO- 204AL
MECHANICAL DATA
Terminal: Plated axial leads solderable per MIL-STD 202E, method 208C Case: Molded with UL-94 Class V-0 recognized Flame Retardant Epoxy Polarity: color band denotes cathode Mounting position: any Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half-wave, 60HZ, resistive or inductive load rating at 25 unless otherwise stated) C,
SYMBOL RGPP RGPP RGPP RGPP RGPP RGPP RGPP
units V V V A A V A A pF
1A
1B
1D
1G
1J
1K
1M
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC blocking Voltage Maximum Average Forward Rectified Current 3/8" lead length at Ta =55 C Peak Forward Surge Current 8.3ms single Half sine-wave superimposed on rated load Maximum Instantaneous Forward Voltage at Rated forward current Maximum DC Reverse Current At rated DC blocking voltage Typical Junction Capacitance Ta =25 C Ta =100 C (Note 1)
Vrrm Vrms Vdc If(av) Ifsm Vf Ir Cj Trr Tstg, Tj
50 35 50
100 70 100
200 140 200
400 280 400 1.0 30.0 1.1 5.0 100.0 15.0
600 420 600
800 560 800
1000 700 1000
Maximum Reverse Recovery Time (Note 2) Storage and Operating Junction Temperature
150 -55 to +150
250
500
nS
C
Note: 1. Measured at 1.0 MHz and applied voltage of 4.0Vdc 2. Test Condition If =0.5A, Ir =1.0A, Irr =0.25A Rev.4 www.gulfsemi.com
RATINGS AND CHARACTERISTIC CURVES RGPP1A THRU RGPP1M
1
1
Rev.4
www.gulfsemi.com


▲Up To Search▲   

 
Price & Availability of RGPP1A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X