Part Number Hot Search : 
MAX4270 LT1216 03N60 MJ3042 HVPF10 00090 SA130 HER503
Product Description
Full Text Search
 

To Download 2SD1735 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
2SD1735
DESCRIPTION *High Voltage *High Switching Speed *Wide Area of Safe Operation
APPLICATIONS *Designed for horizontal deflection output applications.
ABSOLUTE MAXIMUM RATINGS (Ta=25)
SYMBOL PARAMETER VALUE
UNIT
VCBO
Collector-Base Voltage
VCES
Collector-Emitter Voltage
VCEO
Collector-Emitter Voltage
VEBO
Emitter-Base Voltage
w w
scs .i w
1500 1500 700 7 1.5 5 0.6
V
V
.cn mi e
V
V
IC
Collector Current-Continuous
A
ICP
Collector Current-Peak
A
IB
B
Base Current- Continuous Collector Power Dissipation @TC=25 Junction Temperature
A
PC
60
W
Tj
150
Tstg
Storage Temperature Range
-55-150
isc Websitewww.iscsemi.cn
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
ELECTRICAL CHARACTERISTICS
TC=25 unless otherwise specified SYMBOL V(BR)EBO VCE(sat) VBE(sat) hFE PARAMETER Emitter-Base Breakdown Voltage Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage DC Current Gain CONDITIONS IE= 500mA; IC= 0 IC= 1A; IB= 0.4A
B
2SD1735
MIN 7
TYP
MAX
UNIT V
8.0 1.5 6 30 10
V V
IC= 1A; IB= 0.4A
B
IC= 0.5A; VCE= 5V VCB= 750V; IE= 0
A mA MHz
ICBO
Collector Cutoff Current VCB= 1500V; IE= 0
fT
Transition Frequency
Switching Times, Resistive Load ts tf Storage Time Fall Time
ww w
sem isc .
IC= 0.5A; VCE= 10V
.cn i
1.0 2
1.0 0.2
s s
IC= 1A; IB1= 0.3A; IB2= -0.6A, VCC= 200V
isc Websitewww.iscsemi.cn


▲Up To Search▲   

 
Price & Availability of 2SD1735

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X