Part Number Hot Search : 
E110C MAX684 A3998 SPD3910R D2NC40 0ETTS 7906CT ER14505
Product Description
Full Text Search
 

To Download 2SD1731 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
2SD1731
DESCRIPTION *High Voltage *High Switching Speed *Built-in damper diode *Wide Area of Safe Operation
APPLICATIONS *Designed for horizontal deflection output applications.
ABSOLUTE MAXIMUM RATINGS (Ta=25)
SYMBOL VCBO VCES VCEO VEBO IC ICP IB
B
PARAMETER Collector-Base Voltage Collector-Emitter Voltage
VALUE 1500
UNIT V
Collector-Emitter Voltage Emitter-Base Voltage
Collector Current-Continuous Collector Current-Peak Base Current- Continuous Collector Power Dissipation @TC=25 Junction Temperature Storage Temperature Range
w w
scs .i w
1500 700 7 V V V 6 18 2.5 100 150 -55-150 A A A W
.cn mi e
PC Tj Tstg
isc Websitewww.iscsemi.cn
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
ELECTRICAL CHARACTERISTICS
TC=25 unless otherwise specified SYMBOL V(BR)EBO VCE(sat) VBE(sat) hFE PARAMETER Emitter-Base Breakdown Voltage Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage DC Current Gain CONDITIONS IE= 500mA; IC= 0 IC= 5A; IB= 1A
B
2SD1731
MIN 7
TYP
MAX
UNIT V
8.0 1.5 5 25 10
V V
IC= 5A; IB= 1.2A
B
IC= 1A; VCE= 5V VCB= 750V; IE= 0
A mA V MHz
ICBO
Collector Cutoff Current VCB= 1500V; IE= 0
VECF fT
C-E Diode Forward Voltage Transition Frequency
Switching Times, Resistive Load ts tf Storage Time Fall Time
w
w. w
sem isc
IF= 6A IC= 1A; VCE= 10V IC= 5A; IB1= 1A; IB2= -2A, VCC= 200V
.cn i
1.0 2.3 2
1.5 0.2
s s
isc Websitewww.iscsemi.cn


▲Up To Search▲   

 
Price & Availability of 2SD1731

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X