Part Number Hot Search : 
102MX7 MP6219DN L6671 B322ML HCT1G HCT1G MRF400 HD6433
Product Description
Full Text Search
 

To Download 15KE20 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1.5KE SERIES
Elektronische Bauelemente VOLTAGE 6.8V ~ 440V 1500W Peak Power / 5.0W Steady State 1500W Peak Power TVS
RoHS Compliant Product
FEATURES
* 1500 Watts Surge Capability at 1ms * Excellent clamping capability * Low zener impedance * Fast response time: Typically less than 1.0ps from 0 volt to BV min. * Typical IR less than 1 A above 10V * High temperature soldering guaranteed: 260 C / 10 seconds / .375"(9.5mm) lead length, 5lbs.(2.3kg) tension DO-201
.210(5.3) .188(4.8) DIA.
1.0(25.4) MIN.
MECHANICAL DATA
* Case: Molded plastic * Epoxy: UL 94V-0 rate flame retardant * Lead: Axial leads, solderable per MIL-STD-202, method 208 guaranteed * Polarity: Color band denotes cathode end * Mounting position: Any * Weight: 1.20 grams
.051(1.30) .038(0.96) DIA.
.375(9.5) .285(7.2)
1.0(25.4) MIN.
Dimens ions in inches and (millimeters )
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature unless otherwise specified. Single phase half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
RATINGS
Peak Power Dissipation at TA=25 C, TP=1ms(NOTE 1) Steady State Power Dissipation at TL=75 C Lead Length .375"(9.5mm) (NOTE 2) Peak Forward Surge Current at 8.3ms Single Half Sine-Wave superimposed on rated load (JEDEC method) (NOTE 3) Operating and Storage Temperature Range
SYMBOL
PPK
PD IFSM
VALUE
Minimum 1500
5.0 200
UNITS
Watts
Watts Amps
TJ, TSTG
-55 to +175
C
NOTES: 1. Non-repetitive current pulse per Fig. 3 and derated above TA=25 C per Fig. 2. 2. Mounted on Copper Pad area of 0.8" X 0.8" (20mm X 20mm) per Fig.5. 3. 8.3ms single half sine-wave, duty cycle = 4 pulses per minute maximum.
DEVICES FOR BIPOLAR APPLICATIONS
1. For Bidirectional use C or CA Suffix for types 1.5KE6.8 thru 1.5KE440. 2. Electrical characteristics apply in both directions.
http://www.SeCoSGmbH.com
Any changing of specification will not be informed individual
01-Jun-2002 Rev. B
Page 1 of 4
1.5KE SERIES
Elektronische Bauelemente VOLTAGE 6.8V ~ 440V 1500W Peak Power / 5.0W Steady State 1500W Peak Power TVS
RATING AND CHARACTERISTIC CURVES (1.5KE SERIES)
FIG.1-PEAK PULSE POWER DERATING CURVE
Non-Repetitive Pulse Waveform Shown in Fig. 3 TA=25 C 10 PEAK PULSE POWER(PPP) OR CURRENT(IPP) DERATING IN PERCENTAGE 100 100
FIG.2-PULSE DERATING CURVE
PPPM, PEAK PULSE POWER, KW
75
50
1.0
25
0.1 0.1 s
0 1.0 s 10 s 100 s 1.0ms 10ms 0 25 50 75 100 125 150 175
td, PULSE WIDTH, sec.
TA, AMBIENT TEMPERATURE ( C)
FIG.3-PULSE WAVE FORM
150 IPPM, PEAK PULSE CURRENT, %
tf=10us Peak Value IPPM TA=25 C Pulse Width (td) is defined as the point where the Peak Current Deacys to 50% of Ipp 10000
FIG.4-TYPICAL JUNCTION CAPACITANCE
TJ=25 C f=1.0MHz Vsig=50mVp-p Measued at Zero Bias 1000
100
Half Value-IPPM 2
CJ, CAPACITANCE, pF
50
10/1000 sec Waveform as Defined by R.E.A.
100
Measured at Stand-Off Voltage(VMW)
td
e-kt
0
0
1.0
2.0
3.0
4.0
10
5.0
10
20
50
100
200
500
t, TIME, ms
V(BR), BREAKDOWN VOLTAGE, VOL TS
FIG.5-STEADY STATE POWER DERATING CURVE
Pm(AV), STEADY STATE POWER DISSIPATION, WATTS
5.00
FIG.6-MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT, UNIDIRECTIONAL
200 TJ=TJmax 8.3ms Single Half Sine-wave JEDEC Method 100
3.75 L=.375"(9.5mm)
IFSM, PEAK FORWARD SURGE CURRENT, AMPERES
50
2.50
1.25
20mm x 20mm x 1mm Copper Heat Sink (0.8" x 0.8" x .040")
UNIDIRECTIONAL ONLY 20
10 0 0 25 50 75 100 125 150 175 200
1
5
10
20
50
100
NUMBER OF CYCLES AT 60Hz
TL, LEAD TEMPERATURE ( C)
http://www.SeCoSGmbH.com
Any changing of specification will not be informed individual
01-Jun-2002 Rev. B
Page 2 of 4
1.5KE SERIES
Elektronische Bauelemente VOLTAGE 6.8V ~ 440V 1500W Peak Power / 5.0W Steady State 1500W Peak Power TVS
BREAKDOWN VOLTAGE VBR (V) MAX. @ IT TEST CURRENT IT (mA) MAXIMUM CLAMPING VOLTAGE @IPP VC (V) PEAK PULSE CURRENT IPP (A) REVERSE LEAKAGE @VRWM IR ( A)
UNI DIRECTIONAL PART NUMBER
REVERSE BREAKDOWN STAND-OFF VOLTAGE VOLTAGE VBR (V) VRWM (V) MIN. @ IT
1.5KE6.8 1.5KE6.8A 1.5KE7.5 1.5KE7.5A 1.5KE8.2 1.5KE8.2A 1.5KE9.1 1.5KE9.1A 1.5KE10 1.5KE10A 1.5KE11 1.5KE11A 1.5KE12 1.5KE12A 1.5KE13 1.5KE13A 1.5KE15 1.5KE15A 1.5KE16 1.5KE16A 1.5KE18 1.5KE18A 1.5KE20 1.5KE20A 1.5KE22 1.5KE22A 1.5KE24 1.5KE24A 1.5KE27 1.5KE27A 1.5KE30 1.5KE30A 1.5KE33 1.5KE33A 1.5KE36 1.5KE36A 1.5KE39 1.5KE39A 1.5KE43 1.5KE43A 1.5KE47 1.5KE47A 1.5KE51 1.5KE51A 1.5KE56 1.5KE56A 1.5KE62 1.5KE62A 1.5KE68 1.5KE68A 1.5KE75 1.5KE75A
http://www.SeCoSGmbH.com
5.50 5.80 6.05 6.40 6.63 7.02 7.37 7.78 8.10 8.55 8.92 9.40 9.72 10.20 10.50 11.10 12.10 12.80 12.90 13.60 14.50 15.30 16.20 17.10 17.80 18.80 19.40 20.50 21.80 23.10 24.30 25.60 26.80 28.20 29.10 30.80 31.60 33.30 34.80 36.80 38.10 40.20 41.30 43.60 45.40 47.80 50.20 53.00 55.10 58.10 60.70 64.10
6.12 6.45 6.75 7.13 7.38 7.79 8.19 8.65 9.00 9.50 9.90 10.50 10.80 11.40 11.70 12.40 13.50 14.30 14.40 15.20 16.20 17.10 18.00 19.00 19.80 20.90 21.60 22.80 24.30 25.70 27.00 28.50 29.70 31.40 32.40 34.20 35.10 37.10 38.70 40.90 42.30 44.70 45.90 48.50 50.40 53.20 55.80 58.90 61.20 64.60 67.50 71.30
7.48 7.14 8.25 7.88 9.02 8.61 10.00 9.50 11.00 10.50 12.10 11.60 13.20 12.60 14.30 13.70 16.50 15.80 17.60 16.80 19.80 18.90 22.00 21.00 24.20 23.10 26.40 25.20 29.70 28.40 33.00 31.50 36.30 34.70 39.60 37.80 42.90 41.00 47.30 45.20 51.70 49.40 56.10 53.60 61.60 58.80 68.20 65.10 74.80 71.40 82.50 78.80
10 10 10 10 10 10 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
10.8 10.5 11.7 11.3 12.5 12.1 13.8 13.4 15.0 14.5 16.2 15.6 17.3 16.7 19.0 18.2 22.0 21.2 23.5 22.5 26.5 25.2 29.1 27.7 31.9 30.6 34.7 33.2 39.1 37.5 43.5 41.4 47.7 45.7 52.0 49.9 56.4 53.9 61.9 59.3 67.8 64.8 73.5 70.1 80.5 77.0 89.0 85.0 98.0 92.0 108.0 103.0
140.7 144.8 129.9 134.5 121.6 125.6 110.1 113.4 101.3 104.8 93.8 97.4 87.9 91.0 80.0 83.5 69.1 71.7 64.7 67.6 57.4 60.3 52.2 54.9 47.6 49.7 43.8 45.8 38.9 40.5 34.9 36.7 31.9 33.3 29.2 30.5 27.0 28.2 24.6 25.6 22.4 23.5 20.7 21.7 18.9 19.7 17.1 17.9 15.5 16.5 14.1 14.8
1000 1000 500 500 200 200 50 50 10 10 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5
Page 3 of 4
Any changing of specification will not be informed individual
01-Jun-2002 Rev. B
1.5KE SERIES
Elektronische Bauelemente VOLTAGE 6.8V ~ 440V 1500W Peak Power / 5.0W Steady State 1500W Peak Power TVS
BREAKDOWN VOLTAGE VBR (V) MAX. @ IT TEST CURRENT IT (mA) MAXIMUM CLAMPING VOLTAGE @IPP VC (V) PEAK PULSE CURRENT IPP (A) REVERSE LEAKAGE @VRWM IR ( A)
UNI DIRECTIONAL PART NUMBER
REVERSE BREAKDOWN STAND-OFF VOLTAGE VOLTAGE VBR (V) VRWM (V) MIN. @ IT
1.5KE82 1.5KE82A 1.5KE91 1.5KE91A 1.5KE100 1.5KE100A 1.5KE110 1.5KE110A 1.5KE120 1.5KE120A 1.5KE130 1.5KE130A 1.5KE150 1.5KE150A 1.5KE160 1.5KE160A 1.5KE170 1.5KE170A 1.5KE180 1.5KE180A 1.5KE200 1.5KE200A 1.5KE220 1.5KE220A 1.5KE250 1.5KE250A 1.5KE300 1.5KE300A 1.5KE350 1.5KE350A 1.5KE400 1.5KE400A 1.5KE440 1.5KE440A
66.40 70.10 73.70 77.80 81.00 85.50 89.20 94.00 97.20 102.00 105.00 111.00 121.00 128.00 130.00 136.00 138.00 145.00 146.00 154.00 162.00 171.00 175.00 185.00 202.00 214.00 243.00 256.00 284.00 300.00 324.00 342.00 356.00 376.00
73.80 77.90 81.90 86.50 90.00 95.00 99.00 105.00 108.00 114.00 117.00 124.00 135.00 143.00 144.00 152.00 153.00 162.00 162.00 171.00 180.00 190.00 198.00 209.00 225.00 237.00 270.00 285.00 315.00 332.00 360.00 380.00 396.00 418.00
90.20 86.10 100.00 95.50 110.00 105.00 121.00 116.00 132.00 126.00 143.00 137.00 165.00 158.00 176.00 168.00 187.00 179.00 198.00 189.00 220.00 210.00 242.00 231.00 275.00 263.00 330.00 315.00 385.00 368.00 440.00 420.00 484.00 462.00
1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
118.0 113.0 131.0 125.0 144.0 137.0 158.0 152.0 173.0 165.0 187.0 179.0 215.0 207.0 230.0 219.0 244.0 234.0 258.0 246.0 287.0 274.0 344.0 328.0 360.0 344.0 430.0 414.0 504.0 482.0 574.0 548.0 631.0 600.0
12.9 13.5 11.6 12.2 10.6 11.1 9.6 10.0 8.7 9.2 8.1 8.5 7.1 7.3 6.9 6.9 6.2 6.5 5.9 6.2 5.3 5.5 4.4 4.6 4.2 4.4 3.5 3.7 3.0 3.2 2.6 2.8 2.4 2.5
5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5
http://www.SeCoSGmbH.com
Any changing of specification will not be informed individual
01-Jun-2002 Rev. B
Page 4 of 4


▲Up To Search▲   

 
Price & Availability of 15KE20

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X