Part Number Hot Search : 
C6052 CER0001A 2SC5514 C6052 C6052 KT03RH TA203 R2A201
Product Description
Full Text Search
 

To Download PSMN050-80PS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PSMN050-80PS
N-channel 80 V 50 m standard level MOSFET
Rev. 01 -- 10 June 2009 Product data sheet
1. Product profile
1.1 General description
Standard level N-channel MOSFET in TO220 package qualified to 175 C. This product is designed and qualified for use in a wide range of industrial, communications and domestic equipment.
1.2 Features and benefits
High efficiency due to low switching and conduction losses Repetitive avalanche rated Suitable for standard level gate drive sources
1.3 Applications
DC-to-DC converters Load switching Motor control Server power supplies
1.4 Quick reference data
Table 1. ID Quick reference Conditions Tmb = 25 C; VGS = 10 V; see Figure 1 VGS = 10 V; ID = 25 A; VDS = 40 V; see Figure 14; see Figure 15 Min Typ Max 22 Unit A drain current Symbol Parameter
Dynamic characteristics QGD gate-drain charge 2.3 nC
NXP Semiconductors
PSMN050-80PS
N-channel 80 V 50 m standard level MOSFET
2. Pinning information
Table 2. Pin 1 2 3 Pinning information Symbol G D S Description gate drain source
mb
D
Simplified outline
Graphic symbol
G
mbb076
S
123
SOT78 (TO-220AB; SC-46)
3. Ordering information
Table 3. Ordering information Package Name PSMN050-80PS TO-220AB; SC-46 Description Version plastic single-ended package; heatsink mounted; 1 mounting hole; 3-lead SOT78 TO-220AB Type number
PSMN050-80PS_1
(c) NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 -- 10 June 2009
2 of 14
NXP Semiconductors
PSMN050-80PS
N-channel 80 V 50 m standard level MOSFET
4. Limiting values
Table 4. Symbol VDS VDGR VGS ID IDM Ptot Tstg Tj IS ISM EDS(AL)R EDS(AL)S Limiting values Parameter drain-source voltage drain-gate voltage gate-source voltage drain current peak drain current total power dissipation storage temperature junction temperature source current peak source current repetitive drain-source avalanche energy Tmb = 25 C tp 10 s; pulsed; Tmb = 25 C see Figure 3 [1][2] [3] VGS = 10 V; Tmb = 100 C; see Figure 1 VGS = 10 V; Tmb = 25 C; see Figure 1 tp 10 s; pulsed; Tmb = 25 C Tmb = 25 C; see Figure 2 Conditions Tj 25 C; Tj 175 C Tj 25 C; Tj 175 C; RGS = 20 k Min -20 -55 -55 Max 80 80 20 16 22 88 56 175 175 22 88 18 Unit V V V A A A W C C A A J mJ
In accordance with the Absolute Maximum Rating System (IEC 60134).
Source-drain diode
Avalanche ruggedness
non-repetitive VGS = 10 V; Tj(init) = 25 C; ID = 22 A; Vsup 80 V; drain-source avalanche RGS = 50 ; unclamped energy
[1] [2] [3]
Single-pulse avalanche rating limited by maximum junction temperature of 175 C. Repetitive avalanche rating limited by average junction temperature of 170 C. Refer to application note AN10273 for further information.
PSMN050-80PS_1
(c) NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 -- 10 June 2009
3 of 14
NXP Semiconductors
PSMN050-80PS
N-channel 80 V 50 m standard level MOSFET
30 ID (A) 20
003aad056
120 Pder (%) 80
03aa16
10
40
0 0 50 100 150 Tmb (C) 200
0 0 50 100 150 Tmb (C) 200
Fig 1.
Continuous drain current as a function of mounting base temperature
Fig 2.
Normalized total power dissipation as a function of mounting base temperature
003aad057
102 IAL (A)
(1)
10
(2)
1
(3)
10-1 10-3
10-2
10-1
1 tAL (ms) 10
Fig 3.
Single-pulse and repetitive avalanche rating; avalanche current as a function of avalanche time
PSMN050-80PS_1
(c) NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 -- 10 June 2009
4 of 14
NXP Semiconductors
PSMN050-80PS
N-channel 80 V 50 m standard level MOSFET
5. Thermal characteristics
Table 5. Symbol Rth(j-mb) Thermal characteristics Parameter Conditions Min Typ Max 2.7 Unit K/W thermal resistance from see Figure 4 junction to mounting base
10 Zth(j-mb) = 0.5 (K/W) 1 0.2 0.1 0.05 10-1 0.02
003aad055
10-2 single shot 10
-3
P
=
tp T
tp T
t
10-4 10-6
10-5
10-4
10-3
10-2
10-1
tp (s)
1
Fig 4.
Transient thermal impedance from junction to mounting base as a function of pulse duration
PSMN050-80PS_1
(c) NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 -- 10 June 2009
5 of 14
NXP Semiconductors
PSMN050-80PS
N-channel 80 V 50 m standard level MOSFET
6. Characteristics
Table 6. Symbol V(BR)DSS VGS(th) Characteristics Parameter drain-source breakdown voltage gate-source threshold voltage Conditions ID = 250 A; VGS = 0 V; Tj = -55 C ID = 250 A; VGS = 0 V; Tj = 25 C ID = 1 mA; VDS = VGS; Tj = 175 C; see Figure 11; see Figure 12 ID = 1 mA; VDS = VGS; Tj = -55 C; see Figure 11; see Figure 12 ID = 1 mA; VDS = VGS; Tj = 25 C; see Figure 11; see Figure 12 IDSS IGSS RDSon drain leakage current gate leakage current drain-source on-state resistance VDS = 80 V; VGS = 0 V; Tj = 25 C VDS = 80 V; VGS = 0 V; Tj = 100 C VGS = -20 V; VDS = 0 V; Tj = 25 C VGS = 20 V; VDS = 0 V; Tj = 25 C VGS = 10 V; ID = 10 A; Tj = 100 C; see Figure 13 VGS = 10 V; ID = 10 A; Tj = 25 C RG internal gate resistance f = 1 MHz (AC) total gate charge ID = 0 A; VDS = 0 V; VGS = 10 V ID = 25 A; VDS = 40 V; VGS = 10 V; see Figure 14; see Figure 15 QGS QGS(th) QGS(th-pl) QGD VGS(pl) Ciss Coss Crss td(on) tr td(off) tf gate-source charge pre-threshold gate-source charge post-threshold gate-source charge gate-drain charge gate-source plateau voltage input capacitance output capacitance reverse transfer capacitance turn-on delay time rise time turn-off delay time fall time VDS = 12 V; RL = 0.5 ; VGS = 10 V; RG(ext) = 4.7 VDS = 40 V VDS = 12 V; VGS = 0 V; f = 1 MHz; Tj = 25 C; see Figure 16 ID = 25 A; VDS = 40 V; VGS = 10 V; see Figure 14; see Figure 15 [2] Min 73 80 1 2 Typ 3 37 2 Max 4.4 4 1 100 100 100 81 51 Unit V V V V V A A nA nA m m
Static characteristics
Dynamic characteristics QG(tot) 9 11 3.8 1.9 1.9 2.3 5.2 633 100 50 9.2 1 16 2.4 nC nC nC nC nC nC V pF pF pF ns ns ns ns
PSMN050-80PS_1
(c) NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 -- 10 June 2009
6 of 14
NXP Semiconductors
PSMN050-80PS
N-channel 80 V 50 m standard level MOSFET
Table 6. Symbol VSD trr Qr
[1] [2]
Characteristics ...continued Parameter source-drain voltage reverse recovery time recovered charge Conditions IS = 15 A; VGS = 0 V; Tj = 25 C; see Figure 17 IS = 50 A; dIS/dt = 100 A/s; VGS = 0 V; VDS = 40 V Min Typ 0.86 32 28 Max 1.2 Unit V ns nC
Source-drain diode
Tested to JEDEC standards where applicable. Measured 3 mm from package.
40 ID (A) 30 20 10 8 6
003aad046
100 VGS (V) = 5 5.5 RDSon (m) 80
003aad047
5.5
6
8
5 20
10 60 20
10
VGS (V) =
4.5
40
0 0 2 4 6 8 VDS (V) 10
20 0 10 20 30 ID (A) 40
Fig 5.
Output characteristics: drain current as a function of drain-source voltage; typical values
Fig 6.
Drain-source on-state resistance as a function of drain current; typical values
PSMN050-80PS_1
(c) NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 -- 10 June 2009
7 of 14
NXP Semiconductors
PSMN050-80PS
N-channel 80 V 50 m standard level MOSFET
40 ID (A) 30
003aad048
1000 C (pF) 800 Ciss
003aad052
600 20 400 10 Tj = 175 C Crss
25 C
200
0 0 2 4 6 V (V) GS 8
0 2 4 6 8 VGS (V) 10
Fig 7.
Source (diode forward) current as a function of source-drain (diode forward) voltage; typical values
003aad053
Fig 8.
Input and reverse transfer capacitances as a function of gate-source voltage; typical values
35 gfs (S) 30 25 20
100 RDSon (m) 80
003aad054
60 15 10 5 0 0 10 20 30 40 I (A) 50 D 20 0 5 10 15 VGS (V) 20
40
Fig 9.
Forward transconductance as a function of drain current; typical values
Fig 10. Drain-source on-state resistance as a function of gate-source voltage; typical values
PSMN050-80PS_1
(c) NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 -- 10 June 2009
8 of 14
NXP Semiconductors
PSMN050-80PS
N-channel 80 V 50 m standard level MOSFET
5 VGS(th) (V) 4 max
03aa32
10-1 ID (A) 10-2 min typ max
03aa35
3
typ
10-3
2
min
10-4
1
10-5
0 -60
10-6 0 60 120 Tj (C) 180 0 2 4 VGS (V) 6
Fig 11. Gate-source threshold voltage as a function of junction temperature
3.0 a 2.5
003aad045
Fig 12. Sub-threshold drain current as a function of gate-source voltage
VDS ID VGS(pl) VGS(th) VGS
2.0
1.5
1.0
QGS1
QGS2 QGD QG(tot)
003aaa508
QGS
0.5
0.0 -60
-30
0
30
60
90
120
150 180 Tj (C)
Fig 14. Gate charge waveform definitions
Fig 13. Normalized drain-source on-state resistance factor as a function of junction temperature
PSMN050-80PS_1
(c) NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 -- 10 June 2009
9 of 14
NXP Semiconductors
PSMN050-80PS
N-channel 80 V 50 m standard level MOSFET
10 VGS (V) 8 VDS = 40 V
003aad050
103 C (pF)
003aad051
Ciss
6 102 4 Crss 2 Coss
0 0 5 10 QG (nC) 15
10 10-1
1
10
2 VDS (V) 10
Fig 15. Gate-source voltage as a function of gate charge; typical values
Fig 16. Input, output and reverse transfer capacitances as a function of drain-source voltage; typical values
003aad049
100 IS (A) 80
60
40
175 C Tj = 25 C
20
0 0 0.5 1 VSD (V) 1.5
Fig 17. Source (diode forward) current as a function of source-drain (diode forward) voltage; typical values
PSMN050-80PS_1
(c) NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 -- 10 June 2009
10 of 14
NXP Semiconductors
PSMN050-80PS
N-channel 80 V 50 m standard level MOSFET
7. Package outline
Plastic single-ended package; heatsink mounted; 1 mounting hole; 3-lead TO-220AB SOT78
E p
A A1 q
D1
mounting base
D
L1(1)
L2(1) Q
L
b1(2) (3x) b2(2) (2x)
1 2 3
b(3x) e e
c
0
5 scale
10 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A 4.7 4.1 A1 1.40 1.25 b 0.9 0.6 b1(2) 1.6 1.0 b2(2) 1.3 1.0 c 0.7 0.4 D 16.0 15.2 D1 6.6 5.9 E 10.3 9.7 e 2.54 L 15.0 12.8 L1(1) 3.30 2.79 L2(1) max. 3.0 p 3.8 3.5 q 3.0 2.7 Q 2.6 2.2
Notes 1. Lead shoulder designs may vary. 2. Dimension includes excess dambar. OUTLINE VERSION SOT78 REFERENCES IEC JEDEC 3-lead TO-220AB JEITA SC-46 EUROPEAN PROJECTION ISSUE DATE 08-04-23 08-06-13
Fig 18. Package outline SOT78 (TO-220AB)
PSMN050-80PS_1 (c) NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 -- 10 June 2009
11 of 14
NXP Semiconductors
PSMN050-80PS
N-channel 80 V 50 m standard level MOSFET
8. Revision history
Table 7. Revision history Release date 20090610 Data sheet status Product data sheet Change notice Supersedes Document ID PSMN050-80PS_1
PSMN050-80PS_1
(c) NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 -- 10 June 2009
12 of 14
NXP Semiconductors
PSMN050-80PS
N-channel 80 V 50 m standard level MOSFET
9. Legal information
9.1 Data sheet status
Product status[3] Development Qualification Production Definition This document contains data from the objective specification for product development. This document contains data from the preliminary specification. This document contains the product specification.
Document status [1][2] Objective [short] data sheet Preliminary [short] data sheet Product [short] data sheet
[1] [2] [3]
Please consult the most recently issued document before initiating or completing a design. The term 'short data sheet' is explained in section "Definitions". The product status of device(s) described in this document may have changed since this document was published and may differ in case of multiple devices. The latest product status information is available on the Internet at URL http://www.nxp.com.
9.2
Definitions
Draft -- The document is a draft version only. The content is still under internal review and subject to formal approval, which may result in modifications or additions. NXP Semiconductors does not give any representations or warranties as to the accuracy or completeness of information included herein and shall have no liability for the consequences of use of such information. Short data sheet -- A short data sheet is an extract from a full data sheet with the same product type number(s) and title. A short data sheet is intended for quick reference only and should not be relied upon to contain detailed and full information. For detailed and full information see the relevant full data sheet, which is available on request via the local NXP Semiconductors sales office. In case of any inconsistency or conflict with the short data sheet, the full data sheet shall prevail.
Applications -- Applications that are described herein for any of these products are for illustrative purposes only. NXP Semiconductors makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. Quick reference data -- The Quick reference data is an extract of the product data given in the Limiting values and Characteristics sections of this document, and as such is not complete, exhaustive or legally binding. Limiting values -- Stress above one or more limiting values (as defined in the Absolute Maximum Ratings System of IEC 60134) may cause permanent damage to the device. Limiting values are stress ratings only and operation of the device at these or any other conditions above those given in the Characteristics sections of this document is not implied. Exposure to limiting values for extended periods may affect device reliability. Terms and conditions of sale -- NXP Semiconductors products are sold subject to the general terms and conditions of commercial sale, as published at http://www.nxp.com/profile/terms, including those pertaining to warranty, intellectual property rights infringement and limitation of liability, unless explicitly otherwise agreed to in writing by NXP Semiconductors. In case of any inconsistency or conflict between information in this document and such terms and conditions, the latter will prevail. No offer to sell or license -- Nothing in this document may be interpreted or construed as an offer to sell products that is open for acceptance or the grant, conveyance or implication of any license under any copyrights, patents or other industrial or intellectual property rights. Export control -- This document as well as the item(s) described herein may be subject to export control regulations. Export might require a prior authorization from national authorities.
9.3
Disclaimers
General -- Information in this document is believed to be accurate and reliable. However, NXP Semiconductors does not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such information. Right to make changes -- NXP Semiconductors reserves the right to make changes to information published in this document, including without limitation specifications and product descriptions, at any time and without notice. This document supersedes and replaces all information supplied prior to the publication hereof. Suitability for use -- NXP Semiconductors products are not designed, authorized or warranted to be suitable for use in medical, military, aircraft, space or life support equipment, nor in applications where failure or malfunction of an NXP Semiconductors product can reasonably be expected to result in personal injury, death or severe property or environmental damage. NXP Semiconductors accepts no liability for inclusion and/or use of NXP Semiconductors products in such equipment or applications and therefore such inclusion and/or use is at the customer's own risk.
9.4
Trademarks
Notice: All referenced brands, product names, service names and trademarks are the property of their respective owners. TrenchMOS -- is a trademark of NXP B.V.
10. Contact information
For more information, please visit: http://www.nxp.com For sales office addresses, please send an email to: salesaddresses@nxp.com
PSMN050-80PS_1
(c) NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 -- 10 June 2009
13 of 14
NXP Semiconductors
PSMN050-80PS
N-channel 80 V 50 m standard level MOSFET
11. Contents
1 1.1 1.2 1.3 1.4 2 3 4 5 6 7 8 9 9.1 9.2 9.3 9.4 10 Product profile . . . . . . . . . . . . . . . . . . . . . . . . . . .1 General description . . . . . . . . . . . . . . . . . . . . . .1 Features and benefits . . . . . . . . . . . . . . . . . . . . .1 Applications . . . . . . . . . . . . . . . . . . . . . . . . . . . .1 Quick reference data . . . . . . . . . . . . . . . . . . . . .1 Pinning information . . . . . . . . . . . . . . . . . . . . . . .2 Ordering information . . . . . . . . . . . . . . . . . . . . . .2 Limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . .3 Thermal characteristics . . . . . . . . . . . . . . . . . . .5 Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . .6 Package outline . . . . . . . . . . . . . . . . . . . . . . . . . 11 Revision history . . . . . . . . . . . . . . . . . . . . . . . . .12 Legal information. . . . . . . . . . . . . . . . . . . . . . . .13 Data sheet status . . . . . . . . . . . . . . . . . . . . . . .13 Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . .13 Disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . .13 Trademarks. . . . . . . . . . . . . . . . . . . . . . . . . . . .13 Contact information. . . . . . . . . . . . . . . . . . . . . .13
Please be aware that important notices concerning this document and the product(s) described herein, have been included in section `Legal information'.
(c) NXP B.V. 2009.
All rights reserved.
For more information, please visit: http://www.nxp.com For sales office addresses, please send an email to: salesaddresses@nxp.com Date of release: 10 June 2009 Document identifier: PSMN050-80PS_1


▲Up To Search▲   

 
Price & Availability of PSMN050-80PS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X