Part Number Hot Search : 
KBPC3502 74ALS102 12DRW 88PA6270 4VHCT0 95100 6025107 2SD2599
Product Description
Full Text Search
 

To Download SK160 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SK120 thru SK160
MINIATURE SCHOTTKY BARRIER RECTIFIER
CHENG- YI
ELECTRONIC
VOLTAGE RANGE 20 TO 80 Volts CURRENT 1.0 Amperes
DO-214AA
.130(3.30) .155(3.94)
.006(.152)
.012(.305)
FEATURES
Low switching noise Low forward voltage drop High current capability High switching capability High reliability High surge capability
.160(4.06) .180(4.57)
Case:Molded plastic Epoxy:UL 94V-0 rate flame retardant Lead:MIL-STD-202 method 208 quaranteed Mounting position:Any
.077(1.96) .083(2.11)
SMB
MAXIMUM RATINGS ( At TA=25 C unless otherwise noted)
0
SK120
SK130
30 21 30
SK140
40 28 40 1.0
SK150
50 35 50
SK160
60 42 60
.030(0.76) .050(1.27)
MECHANICAL DATA
.086(2.18) .096(2.44)
.004(.102) .008(.305)
.205(5.21) .220(5.59)
UNITS
Volts Volts Volts Amps
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Output .375" (9.5mm) lead length Peak Forward Surge Current, 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Typical Thermal Resistance (Note 1) Typical Junction Capacitance (Note 2) Operating Temperature Range Storage and Operating Temperature Range
0
VRRM VRMS VDC IO
20 14 20
IFSM R
JC
40 50 110 -65 to +125 -65 to +150 -65 to +150
Amps
0
C/W pF
0
CJ TJ TSTG Symbol VF IR
C C
0
ELECTRICAL CHARACTERISTICS ( At TA=25 C unless otherwise noted)
Characteristics Maximum Instantaneous Forward Voltage at 1.0A DC Maximum Average Reverse Cruuent @TA=250C at Rated DC Blocking Voltage @TC=1000C
20V 30V
.55 1.0 10
40V
50V
.70
60V
UNITS
Volts mAmps mAmps
Notes : 1. Thermal Resistance (Junction to Ambient ) : Vertical PC Board Mounting, 0.5" (12.7mm) Lead Length 2. Measured at 1 MHz and applied reverse voltage of 4.0 volts.
SK120 thru SK160
MINIATURE SCHOTTKY BARRIER RECTIFIER
CHENG- YI
ELECTRONIC
RATING AND CHARACTERISTICS CURVES SK120 THRU SK160
Fig.4 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
AVERAGE FORWARD CURRENT AMPERES INSTANTANEOUS FORWARD CURRENT, AMPERES
Fig.1 - FORWARD CURRENT DERATING CURVE
1.0
1 SK
20 10
.75 .50 .25 0 0 25 50 75 SINGLE PHASE HALF WAVE 60 Hz RESISTIVE OR INDUCTIVE LOAD .375" (9.5mm) LEAD LENGTH
LEAD TEMPERATURE, 0C
0.1 .1 .3 .5
Fig.3A - TYPICAL FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD CURRENT. AMPERES
100
INSTANTANEOUS REVERSE CURRENT. MILLAMPERES
0 TJ=125C
120 SK
50~ SK 180
1.0
100
125
150
175
Pulse Width-300 s 1% DUTY CYCLE
.7 .9
TJ=250C
SK120 SK130 SK140 SK150 SK160 SK180
40 K1 ~S
1.1 1.3 1.5 1.7 1.9 2.1
INSTANTANEOUS FORWARD VOLT AGE, (V)
Fig.3B - TYPICAL REVERSE CHARACTERISTICS
100
SK120 SK180
10
10
1.0
TJ=750C
1.0
0 TJ=150C
0 TJ=125C
.10
.10
TJ=250C
0.1
0.1
TJ=250C
.001
0
20
40
60
80
100
120 140
.001
0
20
40
60
80
100
120 140
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
Fig.4 - TYPICAL JUNCTION CAPACIT ANCE JUNCTION CAPACITANCE, pF
400 200
TJ=250C
Fig.5 - MAXIMUM NON-REPETITIVE SURGE CURRENT
50
PEAK FORWARD SURGE CURRENT AMPERES
100 80 60 40 20 10 .1
SK120 SK130 SK140 SK150 SK160 SK180
40 30 20 10 0
8.3ms Single Half Sine Wave JEDEC Method
1.0
10
100
1
10
100
REVERSE VOLTAGE, VOLTS
NUMBER OF CYCLES AT 60 Hz


▲Up To Search▲   

 
Price & Availability of SK160

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X