Part Number Hot Search : 
2SB1448 MC74LVX P010022 1001C LT8610 BTB826M3 A1125 4C08A
Product Description
Full Text Search
 

To Download RT1416B6TR13 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Configuration Selector Guide
RoHS Compliant part numbers begin with "RT2" (example RT2200B7)
Configuration
C Isolated Configuration
Contact CTS if you have a new design request or application.
Configuration
F Center Bus Configuration
Cols
8
R1
10 15 22 25 33 38 50 56 100 18 22 25 27 33 47 50 10,000 10 22 33 50 100 22 25 56 150 22 25 56 150 22 25 28 33 39 56 150 10,000 22,000
R2
Pitch 1.00mm Pitch 1.27mm
RT1200B7 RT116B7 RT1232B7 RT1233B7 RT1202B7 RT101B7 RT1235B7 RT1710B7 RT1406B7 RT1405B7 RT1404B7 RT1409B7 RT1463B7 RT1465B7 RT1460B7 RT128B7 RT1201B7 RT104B7 RT1203B7 RT1205B7 RT1236B7 RT1100B7 RT1450B6 RT1453B6 RT1410B6 RT1101B7 RT1101B6 RT1451B6 RT1454B6 RT1411B6 RT1102B6 RT1452B6 RT1421B6 RT1425B6 RT1423B6 RT1427B6 RT1412B6 H RT119B6 RT1710B6 RT1405B6 RT1404B6 RT1463B6 RT1465B6 RT1460B6 G
Cols
4
R1
1,000 4,700 8,200 28 33 39 56 1,000 2,700 4,700 8,200 25 35 50 60 100 120 100 100 110 130 127 150 220 250 330 100 1,000 25 50 60 100 120 1,000 187 140 140 70 70 140 140 187
R2
Pitch 1.00mm Pitch 1.27mm
RT1435B7 RT1415B7 RT1416B7 RT1420B7 RT1435B6 RT1415B6 RT1416B6 RT1420B6 RT1424B6 RT1422B6 RT1426B6 RT1436B6 RT120B6 RT1417B6 RT1418B6 RT1403B6 RT1407B6 RT1402B6 RT1430B6 RT1443B6 RT1432B6
8
RT1426B7 33 RT1417B7 RT1418B7 RT1403B7 RT1407B7 RT1402B7 RT1430B7 RT1443B7 RT1432B7 RT1220B7 RT1510B7 RT1505B7 RT1500B7 RT1250B7 RT134B7 RT1211B7 RT1251B7 RT1210B7
9
9
16
9 8
Thevenin Configuration RT1205B6
D Star Configuration
3
82.5 75 1,800 62.5 470 36 22 25 25
RT1250B6
RT1251B6 RT1520B6 RT140B6
12 4 9 Top Bus Configuration
6
12 E Thevenin Configuration
RT1102B7
RT1401B7 RT1400B7 RT1408B7 RT1440B7 RT1433B7 RT1721B7 RT1723B7 RT1725B7 RT1727B7 RT1729B7 RT1722B7 RT1724B7 RT1720B7
RT1401B6 RT1400B6 RT1408B6 RT1433B6 RT141B6 RT1721B6 RT1723B6 RT1725B6 RT1727B6 RT1729B6
36 100 165 135 187 240 165 135 100
I Horseshoe Configuration
4 3 2 1
8
RT1412B7 RT130B7 RT131B7 150 121
16
A B C D E F G H
9
330 475
RT1320B6 RT1300B6
(c) 2006 CTS Corporation. All rights reserved. Information subject to change. CTS Electronic Components www.ctsclearone.com Page 1 Configuration Selector Guide October 07
Configuration Selector Guide
Mechanical Outline
L H
W
RT____B_ CTS YRWK
P (Pitch)
A1 Identifier
K
P (Pitch)
D
Operating Temperature : -55C to +125C
1.27 mm Pitch Package (B6 suffix) mm inch P 1.270.25 .050.010 D 0.760.05 .030.002 K 0.640.25 .025.010 H 1.320.15 .052.006 Array L W Size mm 3.810.15 3.810.15 3x3 inch .150.006 .150.006 mm 5.080.15 3.810.15 3x4 inch .200.006 .150.006 mm 7.620.15 3.810.15 3x6 inch .300.006 .150.006 mm 10.160.15 3.810.15 3x8 inch .400.006 .150.006 mm 11.430.15 3.810.15 3x9 inch .450.006 .150.006 mm 15.240.15 3.810.15 3 x 12 inch .600.006 .150.006 mm 11.430.15 5.080.15 4x9 inch .450.006 .200.006
1.00 mm Pitch Package (B7 suffix) mm inch P 1.000.25 .039.010 D 0.640.05 .025.002 K 0.500.25 .020.010 H 1.190.15 .047.006 Array L W Size mm 4.000.15 3.000.15 3x4 inch .157.006 .118.006 mm 8.000.15 3.000.15 3x8 inch .315.006 .118.006 mm 9.000.15 3.000.15 3x9 inch .354.006 .118.006 mm 12.000.15 3.000.15 3 x 12 inch .472.006 .118.006 mm 8.000.15 4.000.15 4x8 inch .315.006 .157.006 mm 9.000.15 4.000.15 4x9 inch .354.006 .157.006 mm 16.000.15 4.000.15 4 x 16 inch .630.006 .157.006
Recommended Land Pattern
Outline of Substrate
Environmental Performance
Test Name Thermal Cycle (Resistors) Short Time Overload Max. Delta R 0.50% 0.50% 0.50% 1.00% 1.00% 1.00% 0.25% 0.25% 0.25% 0.25% 213 I 108 F 106 Mil Std. 202 Method 107 Test Cond. B Test Description 5 cycles, -65C to +125C 2.5 times rated voltage, 5 sec, (50V max) 240 hours, 0.1 x rated load, -10C to +65C, 90% RH 1,000 hours, 0.1 x rated load, 70C, 85-92% RH 240 hours, no load @125C 2,000 hours @ 70C, 100% rated load Per IPC/JEDEC J-STD-020C 100G, 1 msec., 3 shocks each plane 24 hours @ -65C, no load 24 hours @ -65C, full load UL 94V0
PCB Pad Diameter 1.00mm Pitch (B7) = 0.51mm/.020 inch (minimum) 1.27mm pitch (B6) = 0.64mm/.025 inch (minimum)
Solder Mask Dia = Pad Diameter +.15mm (.006 inch)
Moisture Resistance Load Humidity High Temp. Exposure Load Life Resistance to solder Heat Mechanical Shock Low Temp. Storage Low Temp. Operation Flammability Resistance to Solvents
For .006" Thick Solder Paste Stencil, Aperture Opening Should be Equal to the PCB Pad Diameter. Refer to www.ctscorp.com/resistor for Land Pattern Library
215
J
Tape and Reel Packaging
(Bulk Packaging Not Available)
Suffix Tape Width Carrier Pitch Reel Diameter Parts/Reel TR7 24 mm 8 mm 7 inch 1,000 TR13 24mm 8 mm 13 inch 4,000
Part Number Coding 7 inch reel, Add TR7 to part number, example RT2415B7TR7 13 inch reel, Add TR13 to part number, example RT2415B7TR13
Direction of Feed
CTS Electronic Components www.ctsclearone.com
(c) 2006 CTS Corporation. All rights reserved. Information subject to change. Page 2 Configuration Selector Guide
October 07


▲Up To Search▲   

 
Price & Availability of RT1416B6TR13

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X