Part Number Hot Search : 
P6KE500A AOD11S60 C1473 P6KE75CA MB85R BAYP18 WP710 S1A120D0
Product Description
Full Text Search
 

To Download JV1-12V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FLAT TYPE POWER RELAY
JV-RELAYS
22 .866
16 .630
FEATURES
10.9 .429
mm inch
* Flat type: 16 mm (length) x 22 mm (width) x 10.9 mm (height) (.630x.866x.429 inch) * High capacity type (16A) available * High sensitivity type (100 mW: 1 Form A) available * TUV also approved
SPECIFICATIONS
Contact
Arrangement Initial contact resistance, max. (By voltage drop 6 V DC 1 A) Contact material Nominal switching capacity Rating (resistive) Max. switching power Max. switching voltage Max. switching current Expected life (min. ope.) Mechanical at (180 cpm) Electrical at resistive Sealed type (at 20 cpm) Flux-resistant (at rated load) type Standard type 1 Form A 1 Form C High capacity High type sensitivity type 1 Form A 1 Form A
Characteristics
Max. operating speed Initial insulation resistance*1 Between open Initial contacts breakdown Between convoltage*2 tacts and coil Operate time*3 (at nominal voltage)
Release time (without diode)*3 (at nominal voltage)
50 m Silver alloy 10 A 125 V AC (N.O.) 10 A 125 V AC 16 A 125 V AC 10 A 125 V AC 6 A 125 V AC (N.C.) 1,250 VA (N.O.) 1,250 VA 2,000 VA 1,250 V 750 VA (N.C.) 125 V AC 10 A (N.O.) 10 A 16 A 10 A 6 A (N.C.) 107 105 3x105 1 Form A type 105 105 3x104 105 5x104 105
20 cpm Min. 100 M (at 500 V DC) 1,000 Vrms for 1 min. 1,500 Vrms for 1 min. Approx. 10 ms Approx. 5 ms (100 V DC coil type) Approx. 4 ms
Max. 65C with nominal coil voltage across coil and at nominal switching capacity
Temperature rise (at 50C) Functional*4 Shock resistance Destructive*5
Coil
200 mW (up to 48 V coil type) Nominal Standard type 600 mW (100 V coil type) operating High capacity type power High sensitivity type 100 mW Remarks
1 Form C type 400 mW (up to 48 V coil type) 600 mW (100 V coil type) -- --
* Specifications will vary with foreign standards certification ratings. *1 Measurement at same location as "Initial breakdown voltage"section *2 Detection current: 10mA *3 Excluding contact bounce time *4 Half-wave pulse of sine wave: 11ms, detection time: 10s *5 Half-wave pulse of sine wave: 6ms *6 Detection time: 10s *7 Refer to 5. Conditions for operation, transport and storage mentioned in AMBIENT ENVIRONMENT (Page 24). *8 100V type: -40 to + 60C -40 to + 140F
Min. 98 m/s2 {10 G} Min. 980 m/s2 {100 G} 10 to 55 Hz Functional*6 at double amplitude of 1.0 mm Vibration resistance 10 to 55 Hz Destructive at double amplitude of 1.6 mm Conditions for opera- Ambient -40C to +70C*8 tion, transport and temp. -40F to +158F storage*7 (Not freezing and Humidity 5 to 85%R.H. condensing at low temperature) Unit weight Approx. 8 g .282 oz
TYPICAL APPLICATIONS
1. Home appliances: Air conditioner, heater, etc. 2. Automotive: Power supply for car stereo and air conditioner
ORDERING INFORMATION
Ex. JV Contact arrangement 1: 1 Form C 1a: 1 Form A Rating Nil: Standard type P: High capacity type* 1a P F S 12V Coil voltage (DC) 5, 6, 9, 12, 18, 24, 48, 100V Protective construction Nil: Sealed type F: Flux-resistant type Sensitivity Nil: Standard type (1 Form A: 200 mW, 1Form C: 400 mW 100 V DC coil type: 600 mW) S: High sensitivity type* (1 Form A: 100 mW)
Notes: 1. Standard packing: Carton: 50 pcs.; Case: 1,000 pcs. 2. Coil voltage DC 48, 100 V types are not available for high sensitivity type. UL/CSA, TUV approved type is standard.
* Only for 1 Form A type
87
JV
TYPES
Contact arrangement Coil voltage, V DC 5 6 9 12 18 24 48 100 5 6 9 12 18 24 48 100 5 6 9 12 18 24 5 6 9 12 18 24 48 100 Sealed type JV1a-5V JV1a-6V JV1a-9V JV1a-12V JV1a-18V JV1a-24V JV1a-48V JV1a-100V JV1aP-5V JV1aP-6V JV1aP-9V JV1aP-12V JV1aP-18V JV1aP-24V JV1aP-48V JV1aP-100V JV1aS-5V JV1aS-6V JV1aS-9V JV1aS-12V JV1aS-18V JV1aS-24V JV1-5V JV1-6V JV1-9V JV1-12V JV1-18V JV1-24V JV1-48V JV1-100V Part No. Flux-resistant type JV1aF-5V JV1aF-6V JV1aF-9V JV1aF-12V JV1aF-18V JV1aF-24V JV1aF-48V JV1aF-100V JV1aPF-5V JV1aPF-6V JV1aPF-9V JV1aPF-12V JV1aPF-18V JV1aPF-24V JV1aPF-48V JV1aPF-100V JV1aFS-5V JV1aFS-6V JV1aFS-9V JV1aFS-12V JV1aFS-18V JV1aFS-24V JV1F-5V JV1F-6V JV1F-9V JV1F-12V JV1F-18V JV1F-24V JV1F-48V JV1F-100V
1 Form A Standard type
1 Form A High capacity type
1 Form A High sensitivity type
1 Form C
COIL DATA (at 20C 68F)
Part No. Nominal voltage, V DC 5 6 9 12 18 24 48 100 5 6 9 12 18 24 5 6 9 12 18 24 48 100 Pick-up voltage, V DC (max.) 4.0 4.8 7.2 9.6 14.4 19.2 38.4 48 4.0 4.8 7.2 9.6 14.4 19.2 4.0 4.8 7.2 9.6 14.4 19.2 38.4 70 Drop-out voltage, V DC (min.) 0.25 0.3 0.45 0.6 0.9 1.2 2.4 3 0.25 0.3 0.45 0.6 0.9 1.2 0.25 0.3 0.45 0.6 0.9 1.2 2.4 5 Coil resistance, (10%) 125 180 405 720 1,620 2,880 11,520 16,600 250 360 810 1,440 3,240 5,760 62.5 90 202.5 360 810 1,440 5,760 16,600 Nominal operating current, mA (10%) 40 33.3 22.2 16.7 11.1 8.3 4.2 6 20 16.7 11.1 8.3 5.6 4.2 80 66.7 44.4 33.3 22.2 16.7 8.3 6 Nominal operating power, mW 200 200 200 200 200 200 200 600 100 100 100 100 100 100 400 400 400 400 400 400 400 600 Max. allowable voltage, V DC 7.5 9 13.5 18 27 36 72 110 9 10.8 16.2 21.6 32.4 43.2 6.5 7.8 11.7 15.6 23.4 31.2 62.4 110
1 Form A (Standard type & High capacity type)
1 Form A (High sensitivity type)
1 Form C
88
JV
DIMENSIONS
1 Form A type
22 .866 10.5 0.4 .413 .016 4 .157 17.78 .700
2 1
mm inch
1 Form C type
16 .630 22 .866 10.5 0.4 .413 .016 4 .157 16 .630
PC board pattern (Copper-side view)
17.78 .700 12.7 .500 2-0.9 dia. 2-.035 dia.
2
17.78 .700
1
PC board pattern (Copper-side view)
17.78 .700 12.7 .500 2-0.9 dia. 2-.035 dia.
COM 3
NO 4
NC 5
12.7 .500
COM 3
NO 4
NC 5
12.7 .500
10.16 .400
2-1.3 dia. 2-.051 dia.
10.16 .400 10.16 .400
7.62 .300
3-1.3 dia. 3-.051 dia.
Dimension : Max. 1mm .039 inch 1 to 5mm .039 to .197 inch Min. 5mm .197 inch
General tolerance 0.2 .008 0.3 .012 0.4 .016
Tolerance: 0.1 .004
Dimension : Max. 1mm .039 inch 1 to 5mm .039 to .197 inch Min. 5mm .197 inch
General tolerance 0.2 .008 0.3 .012 0.4 .016
10.16 .400
7.62 .300
Tolerance: 0.1 .004
REFERENCE DATA
1.-(1) Maximum value for switching capacity (1 Form A type)
100
1.-(2) Maximum value for switching capacity (1 Form C type)
100
2.-(1) Operate/release time (Standard 1 Form A type)
Operate/release time, ms 18 16 14 12 10 8 6 4 2 Release time Max. - x Min. Max. - x Min. 140 160 180 Operate time
Contact current, A
16 10 Standard type, AC resistive load
Contact current, A
High capacity type, AC resistive load
10
AC resistive load (NO side)
1
1
10
100 Contact voltage, V
1,000
10
100 Contact voltage, V
1,000
0
80
100
120
Coil applied voltage, %V
2.-(2) Operate/release time (High capacity 1 Form A type)
Operate/release time, ms 18 16 14 12 10 8 6 4 2 0 80 100 120 140 160 Release time Max. - x Min. Max. - x Min. 180 Operate time
2.-(3) Operate/release time (1 Form C type)
3.-(1) Coil temperature rise (1 Form A type)
Measured portion: Inside the coil
15 A at 26C 79F (High capacity type) 80 15 A at 60C 140F (High capacity type) 60 10 A at 15C 59F (Standad type) 10 A at 60C 140F (Standad type)
Operate/release time, ms
10 8 Operate time 6 4 Release time 2 Max. - x Min. Max. - x Min. 140 160
Temperature rise, C
40
20
0
80
100
120
0
80
100
120
140
160
180
Coil applied voltage, %V
Coil applied voltage, %V
Coil applied voltage, %V
3.-(2) Coil temperature rise (1 Form C type)
Measured portion: Inside the coil
3.-(3) Coil temperature rise (High sensitivity type)
Measured portion: Inside the coil
60 Standard 200 mW type
4. Life curve
Operation frequency: 20 times/min. (ON/OFF = 1.5s:1.5s) Ambient temperature: Room temperature
100 125V AC resistive load
Temperature rise, C
80 10 A at 25C 77F 60
Temperature rise, C
Life, x104 High sensitivity 100 mW type 0 100 120 140 160 180 200
40
10
40
20 20
0
80
100
120
140
160
180
0
1
4
6
8
10
12
14
16
18
Coil applied voltage, %V
Coil applied voltage, %V
Contact current, A
89
JV
5.-(1) Ambient temperature characteristics (Standard 10 A type, 1 Form A)
Contact current: 10 A
5.-(2) Ambient temperature characteristics (High capacity 15 A type, 1 Form A)
Contact current: 0 A, 10 A, 13 A, 15 A
0
300
5.-(3) Ambient temperature characteristics (1 Form C type)
Contact current: 10 A
Coil applied voltage, %V
Coil applied voltage, %V
300
Allowable ambient temperatures against % coil voltage (max. inside the coil temperature set as 115C 239F)
A A A
Coil applied voltage, %V
10 13 15
200
Allowable ambient temperatures against % coil voltages (max. inside the coil temperature set as 115C 239F)
200
Pick-up voltage with a hot-start condition of 100%V on the coil
200
100 Pick-up voltage
100
0
20
40
60
80
100
120
0
Allowable ambient temperature against A % coil voltages (max. inside the coil temperature set as 13 A 15 A 115C 239F) Pick-up voltage with a hot-start condition of 100%V on the coil 10 A Pick-up voltage 0A 20 40 60 80 100 120 Ambient temperature, C
Pick-up voltage 100
0
20
40
60
80
Ambient temperature, C
Ambient temperature, C
5.-(4) Ambient temperature characteristics (High sensitivity type)
Contact current: 10 A
300 Coil applied voltage, %V High sensitivity 100 mW type
200
Standard 200 mW type
Allowable ambient temperature against % coil voltages (max. inside the coil temperature set as 115C 239F)
100
0
0
20
40
60
80
100
120
Temperature rise, C
Types dedicated to a wider variety of automotive applications are available, upon receipt of order, with the following specifications:
SPECIFICATIONS
Contact
Arrangement Initial contact resistance, max. (By voltage drop 6 V DC 1 A) Contact material Nominal switching capacity Rating (resistive Max. switching power load) Max. switching voltage Max. switching current Mechanical (at 300 cpm) Expected Electrical life (min. (DC 12 V motor, 6 A steady current, ope.) 20 A lock current)(at rated load) 1 Form C 100 m Silver alloy 10 A 125 V AC 6A 30 V DC 1,250 V AC 180 W 125 V (AC) 30 V (DC) 10 A (AC) 6 A (DC) 5x106 4x104
Characteristics
Max. operating speed Initial insulation resistance Initial break Between open contacts down voltage Between contacts and coil Operate time (at nominal voltage) Release time (at nominal voltage) Temperature rise (max.) (at nominal voltage)(at 50C) Functional Shock resistance Destructive Functional Vibration resistance Destructive 5, 6, 9, 12, 18, 24 450 mW 70% of nominal voltage 5% of nominal voltage 150% of nominal voltage
Conditions for operation, Ambient transport and storage temp. (Not freezing and condensHumidity ing at low temperature)
Coil
Nominal voltage, V DC Nominal operating power Pick-up voltage, V DC (max.) Drop-out voltage; V DC (min.) Max. allowable voltage
20 cpm Min. 100 M (at 500 V DC) 750 Vrms for 1 min. 1,500 Vrms for 1 min. Approx. 5 ms Approx. 4 ms 65C with nominal coil voltage and at maximum allowable contact current Min. 196 m/s2 {20 G} Min. 980 m/s2 {100 G} 10 to 55 Hz at double amplitude of 1.6 mm 10 to 55 Hz at double amplitude of 2 mm -40C to +70C -40F to +158F 5 to 85%R.H. Approx. 8 g .282 oz
Unit weight
For Cautions for Use, see Relay Technical Information (Page 11 to 39).
90


▲Up To Search▲   

 
Price & Availability of JV1-12V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X