Part Number Hot Search : 
102M1 8C110JDG OP123 MAX954 JANTXV ISL64 C700019 NGBAN
Product Description
Full Text Search
 

To Download EEEFPJ470UAR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Aluminum Electrolytic Capacitors/ FP Surface Mount Type
Series:
FP
Type:
V
FP High temperature Lead-Free reflow (suffix:A)

Features
Low ESR (30 % to 50 % less than FK series) Endurance: 2000 h at 105 C Vibration-proof product is available upon request. (8 <) RoHS directive compliant
Specifications
Category Temp. Range Rated W.V. Range Nominal Cap. Range Capacitance Tolerance DC Leakage Current tan W.V. (V) Characteristics at Low Temperature Z(-25 C)/Z(+20 C) Z(-40C)/Z(+20 C) Z(-55C)/Z(+20 C) 6.3 2 3 4 -55 C to +105 C 6.3 V.DC to 35 V.DC 10 F to 1800 F 20 % (120 Hz/+20 C) I < 0.01 CV or 3 (A) After 2 minutes (whichever is greater) Please see the attached standard products list 10 2 3 4 16 2 3 4 25 2 3 3 35 2 3 3 (Impedance ratio at 120 Hz)
After applying rated working voltage at +105 C 2 C for 2000 hours the capacitors shall meet the limits specified below. Post-test requirement at +20 C
Endurance
Capacitance change
tan
30 % of initial measured value < 200 % of initial specified value < initial specified value
DC leakege current
Shelf Life
After storage for 1000 hours at +105 C2 C with no voltage applied and then being stabilized at +20 C, capacitors shall meet the limits specified in Endurance. (With voltage treatment) After reflow soldering and then being stabilized at +20 C, capacitors shall meet the following limits.
Resistance to Soldering Heat
Capacitance change tan DC leakage current
10 % of initial measured value < initial specified value < initial specified value
Marking
Example:6.3 V 22 F Marking color: BLACK
Negative polarity marking (-) Capacitance (F)
Dimensions in mm(not to scale)
( )reference size 0.3 max. A0.2
-
D0.5 B0.2 H
22 j FP
Lot number Rated Voltage Mark j A C E V 6.3 V 10 V 16 V 25 V 35 V
Series identification Mark for Lead-Free Products Black Dot (Square) Rated voltage Mark Size code B C D D8 E F G D 4.0 5.0 6.3 6.3 8.0 L 5.8 5.8 5.8 7.7 6.2 A,B 4.3 5.3 6.6 6.6 8.3 8.3 H max. 5.5 6.5 7.8 7.8 9.5 10.0 12.0 L0.3
W
(I)
+
(P)
(I)
K
(mm) I 1.8 2.2 2.6 2.6 3.4 3.4 3.5 W 0.650.1 0.650.1 0.650.1 0.650.1 0.650.1 0.900.2 0.900.2 P 1.0 1.5 1.8 1.8 2.2 3.1 4.6 K 0.35-0.20 to +0.15 0.35-0.20 to +0.15 0.35-0.20 to +0.15 0.35-0.20 to +0.15 0.35-0.20 to +0.15 0.700.20 0.700.20
8.0 10.2
10.0 10.2 10.3
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use. Should a safety concern arise regarding this product, please be sure to contact us immediately.
Jul. 2008
Aluminum Electrolytic Capacitors/ FP
Standard Products
Case size W.V. Cap. (20 %) Size Code Specification Ripple E.S.R. tan Part No. Current (RoHS:compliant) (100 kHz) (100 kHz) (120 Hz) (+105 C) (+20 C) (+20 C) (mA r.m.s.) () EEEFP0J220AR 160 0.85 0.26 EEEFPJ470UAR 160 0.85 0.26 EEEFP0J470AR 240 0.36 0.26 EEEFPJ101UAR 240 0.36 0.26 EEEFP0J101AP 300 0.26 0.26 EEEFP0J221AP 300 0.26 0.26 EEEFPJ331XAP 600 0.16 0.26 EEEFP0J331AP 500 0.18 0.26 EEEFP0J471AP 850 0.08 0.26 EEEFP0J102AP 850 0.08 0.26 EEEFP0J152AP 1190 0.06 0.26 EEEFPJ182UAP 850 0.08 0.26 EEEFP1A220AR 160 0.85 0.19 EEEFPA330UAR 160 0.85 0.19 EEEFP1A330AR 240 0.36 0.19 EEEFP1A151AP 300 0.26 0.19 EEEFPA221XAP 600 0.16 0.19 EEEFP1A221AP 500 0.18 0.19 EEEFP1A331AP 850 0.08 0.19 EEEFP1A471AP 850 0.08 0.19 EEEFP1A681AP 850 0.08 0.19 EEEFP1A102AP 1190 0.06 0.19 EEEFPA122UAP 850 0.08 0.19 EEEFP1C100AR 160 0.85 0.16 EEEFPC220UAR 160 0.85 0.16 EEEFP1C220AR 240 0.36 0.16 EEEFPC470UAR 240 0.36 0.16 EEEFP1C470AP 300 0.26 0.16 EEEFP1C680AP 300 0.26 0.16 EEEFP1C101AP 300 0.26 0.16 EEEFPC101XAP 600 0.16 0.16 EEEFPC151XAP 600 0.16 0.16 EEEFPC221XAP 600 0.16 0.16 EEEFP1C221AP 500 0.18 0.16 EEEFP1C331AP 850 0.08 0.16 EEEFP1C471AP 850 0.08 0.16 EEEFP1C681AP 1190 0.06 0.16 EEEFPC821UAP 850 0.08 0.16 EEEFP1E100AR 160 0.85 0.14 EEEFP1E220AR 240 0.36 0.14 EEEFPE330UAR 240 0.36 0.14 EEEFP1E330AP 300 0.26 0.14 EEEFP1E470AP 300 0.26 0.14 EEEFP1E680AP 300 0.26 0.14 EEEFPE101XAP 600 0.16 0.14 EEEFP1E101AP 500 0.18 0.14 EEEFP1E151AP 850 0.08 0.14 EEEFP1E221AP 850 0.08 0.14 EEEFP1E331AP 850 0.08 0.14 EEEFP1E471AP 1190 0.06 0.14 EEEFPE561UAP 850 0.08 0.14 Reflow
Endurance : 105 C 2000 h
Min. Packaging Q'ty Taping (pcs) 2000 2000 1000 1000 1000 1000 900 1000 500 500 500 500 2000 2000 1000 1000 900 1000 500 500 500 500 500 2000 2000 1000 1000 1000 1000 1000 900 900 900 1000 500 500 500 500 2000 1000 1000 1000 1000 1000 900 1000 500 500 500 500 500
Dia. (mm) 4 4 5 5 6.3 6.3 6.3 8 8 8 10 10 4 4 5 6.3 6.3 8 8 8 8 10 10 4 4 5 5 6.3 6.3 6.3 6.3 6.3 6.3 8 8 8 10 10 4 5 5 6.3 6.3 6.3 6.3 8 8 8 8 10 10
Length (mm) 5.8 5.8 5.8 5.8 5.8 5.8 7.7 6.2 10.2 10.2 10.2 10.2 5.8 5.8 5.8 5.8 7.7 6.2 10.2 10.2 10.2 10.2 10.2 5.8 5.8 5.8 5.8 5.8 5.8 5.8 7.7 7.7 7.7 6.2 10.2 10.2 10.2 10.2 5.8 5.8 5.8 5.8 5.8 5.8 7.7 6.2 10.2 10.2 10.2 10.2 10.2
(V)
(F) 22 47 100
6.3
220 330 470 1000 1500 1800 22 33 150
10
220 330 470 680 1000 1200 10 22 47 68
16
100 150 220 330 470 680 820 10 22 33 47 68
25
100 150 220 330 470 560
B (B) C (C) D D D8 E F F G (G) B (B) C D D8 E F F F G (G) B (B) C (C) D D D D8 D8 D8 E F F G (G) B C (C) D D D D8 E F F F G (G)
(5) (5) (5) (5) (5) (5) (5) (6) (6) (6) (6) (6) (5) (5) (5) (5) (5) (6) (6) (6) (6) (6) (6) (5) (5) (5) (5) (5) (5) (5) (5) (5) (5) (6) (6) (6) (6) (6) (5) (5) (5) (5) (5) (5) (5) (6) (6) (6) (6) (6) (6)
Size code( ):Miniaturization product If Part number exceeds 12 digits, voltage code is abbreviated as follows; 0J J, 1A A, 1C C, 1E The taping dimensions are explained on p.177 of our Catalog. Please use it as a reference guide. Reflow Profile(Fig-1 to Fig-11) listed on p.175 of our Catalog.
E, 1V V
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use. Should a safety concern arise regarding this product, please be sure to contact us immediately.
Jul. 2008
Aluminum Electrolytic Capacitors/ FP
Standard Products
Case size W.V. Cap. (20 %) Size Code Specification Ripple E.S.R. tan Part No. Current (RoHS:compliant) (100 kHz) (100 kHz) (120 Hz) (+105 C) (+20 C) (+20 C) (mA r.m.s.) () EEEFPV100UAR 160 0.85 0.12 EEEFP1V220AR 240 0.36 0.12 EEEFP1V330AP 300 0.26 0.12 EEEFP1V470AP 300 0.26 0.12 EEEFPV680XAP 600 0.16 0.12 EEEFPV101XAP 600 0.16 0.12 EEEFP1V101AP 850 0.08 0.12 EEEFP1V151AP 850 0.08 0.12 EEEFP1V221AP 850 0.08 0.12 EEEFP1V331AP 1190 0.06 0.12 EEEFPV391UAP 850 0.08 0.12
E, 1V Endurance : 105 C 2000 h
Min. Packaging Q'ty Reflow Taping (pcs) 2000 1000 1000 1000 900 900 500 500 500 500 500
Dia. (mm) 4 5 6.3 6.3 6.3 6.3 8 8 8 10 10
Length (mm) 5.8 5.8 5.8 5.8 7.7 7.7 10.2 10.2 10.2 10.2 10.2
(V)
(F) 10 22 33 47 68 100 150 220 330 390
35
(B) C D D D8 D8 F F F G (G)
(5) (5) (5) (5) (5) (5) (6) (6) (6) (6) (6)
V
Size code( ):Miniaturization product If Part number exceeds 12 digits, voltage code is abbreviated as follows; 0J J, 1A A, 1C C, 1E The taping dimensions are explained on p.177 of our Catalog. Please use it as a reference guide. Reflow Profile(Fig-1 to Fig-11) listed on p.175 of our Catalog.
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use. Should a safety concern arise regarding this product, please be sure to contact us immediately.
Jul. 2008


▲Up To Search▲   

 
Price & Availability of EEEFPJ470UAR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X