Part Number Hot Search : 
33X64C TORX1 GSIB2 CP63010 MAX3890 SMCJ3 CXL5514M 125MTC
Product Description
Full Text Search
 

To Download EEEFKA221XAP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Aluminum Electrolytic Capacitors/ FK Surface Mount Type
Series:
FK
FK
Type:
V
High temperature Lead-Free reflow(suffix:A)
Endurance: 2000 h at 105 C Low impedance (40 % to 60 % less than FC series) Miniaturized (30 % to 50 % less than FC series) Vibration-proof product is available upon request. (8 <) RoHS directive compliant
Features
Specifications
Category Temp. Range Rated W.V.Range Nominal Cap.Range Capacitance Tolerance DC Leakage Current tan Characteristics at Low Temperature -55 C to +105 C 6.3 V.DC to 35 V.DC 4.7 F to 1500 F 20 % (120 Hz/+20 C) I < 0.01 CV or 3 (A) After 2 minutes (Whichever is greater) Please see the attached High temperature lead-free reflow products list. W.V. (V) 6.3 10 16 25 35 Z(-25 C)/Z(+20 C) 2 2 2 2 2 (Impedance ratio at 120 Hz) Z(-40 C)/Z(+20 C) 3 3 3 3 3 Z(-55 C)/Z(+20 C) 4 4 4 3 3 After applying rated working voltage for 2000 hours at +105 C2 C and then being stabilized at +20 C, Capacitors shall meet the following limits. Endurance Capacitance change tan DC leakage current 30 % of initial measured value < 200 % of initial specified value < initial specified value
Shelf Life
After storage for 1000 hours at +105 C2 C with no voltage applied and then being stabilized at +20 C, capacitors shall meet the limits specified in Endurance. (With voltage treatment) After reflow soldering and then being stabilized at +20 C, capacitor shall meet the following limits. Capacitance change 10 % of initial measured value tan < initial specified value DC leakage current < initial specified value
Resistance to Soldering Heat
Marking
Example:6.3 V 22 F Marking color : BLACK
Dimensions in mm (not to scale)
( )reference size Negative polarity marking (-) Capacitance (F) D0.5
-
B0.2 H
22
Series identification
j FK
Lot number
Mark for Lead-Free Products Black Dot (Square) Rated Voltage Mark
L0.3
W
(I)
+
(P)
(I)
K
0.3 max.
A0.2
(mm) Size code B C D D8 E F G D L A,B H max. 5.5 6.5 7.8 7.8 9.5 10.0 12.0 I 1.8 2.2 2.6 2.6 3.4 3.4 3.5 W 0.650.1 0.650.1 0.650.1 0.650.1 0.650.1 0.900.2 0.900.2 P 1.0 1.5 1.8 1.8 2.2 3.1 4.6 K 0.35-0.20 0.35-0.20 0.35-0.20 0.35-0.20 0.35-0.20 0.700.2 0.700.2 to to to to to +0.15 +0.15 +0.15 +0.15 +0.15
Rated Voltage Mark j A C E V 6.3 V 10 V 16 V 25 V 35 V
4.0 5.8 4.3 5.0 5.8 5.3 6.3 5.8 6.6 6.3 7.7 6.6 8.0 6.2 8.3 8.0 10.2 8.3 10.0 10.2 10.3
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use. Should a safety concern arise regarding this product, please be sure to contact us immediately.
Jul. 2008
Aluminum Electrolytic Capacitors/ FK
High temperature Lead-Free reflow
Case size W.V. Cap. (20 %) Size Code Specification Ripple Impedance tan Part No. Current (RoHS:compliant) (100 kHz) (100 kHz) (120 Hz) (+105 C) (+20 C) (+20 C) (mA r.m.s.) EEEFK0J220AR 90 1.35 0.26 EEEFKJ470UAR 90 1.35 0.26 EEEFK0J470AR 160 0.70 0.26 EEEFKJ101UAR 160 0.70 0.26 EEEFK0J101AP 240 0.36 0.26 EEEFK0J221AP 240 0.36 0.26 EEEFKJ331XAP 280 0.34 0.26 EEEFK0J331AP 300 0.26 0.26 EEEFK0J471AP 600 0.16 0.26 EEEFK0J102AP 600 0.16 0.26 EEEFK0J152AP 850 0.08 0.26 EEEFK1A220AR 90 1.35 0.19 EEEFKA330UAR 90 1.35 0.19 EEEFK1A330AR 160 0.70 0.19 EEEFK1A151AP 240 0.36 0.19 EEEFKA221XAP 280 0.34 0.19 EEEFK1A221AP 300 0.26 0.19 EEEFK1A331AP 600 0.16 0.19 EEEFK1A471AP 600 0.16 0.19 EEEFK1A681AP 600 0.16 0.19 EEEFK1A102AP 850 0.08 0.19 EEEFK1C100AR 90 1.35 0.16 EEEFKC220UAR 90 1.35 0.16 EEEFK1C220AR 160 0.70 0.16 EEEFKC470UAR 160 0.70 0.16 EEEFK1C470AP 240 0.36 0.16 EEEFK1C680AP 240 0.36 0.16 EEEFK1C101AP 240 0.36 0.16 EEEFKC151XAP 280 0.34 0.16 EEEFKC221XAP 280 0.34 0.16 EEEFK1C221AP 300 0.26 0.16 EEEFK1C331AP 600 0.16 0.16 EEEFK1C471AP 600 0.16 0.16 EEEFK1C681AP 850 0.08 0.16 EEEFK1E100AR 90 1.35 0.14 EEEFK1E220AR 160 0.70 0.14 EEEFKE330UAR 160 0.70 0.14 EEEFK1E330AP 240 0.36 0.14 EEEFK1E470AP 240 0.36 0.14 EEEFK1E680AP 240 0.36 0.14 EEEFKE101XAP 280 0.34 0.14 EEEFK1E101AP 300 0.26 0.14 EEEFK1E151AP 600 0.16 0.14 EEEFK1E221AP 600 0.16 0.14 EEEFK1E331AP 600 0.16 0.14 EEEFK1E471AP 850 0.08 0.14 EEEFK1V4R7AR 90 1.35 0.12 EEEFKV100UAR 90 1.35 0.12 EEEFK1V100AR 160 0.70 0.12 EEEFK1V220AR 160 0.70 0.12 EEEFK1V330AP 240 0.36 0.12 EEEFK1V470AP 240 0.36 0.12 EEEFKV680XAP 280 0.34 0.12 EEEFK1V101AP 600 0.16 0.12 EEEFK1V151AP 600 0.16 0.12 EEEFK1V221AP 600 0.16 0.12 EEEFK1V331AP 850 0.08 0.12 Reflow
Endurance : 105 C 2000 h
Min. Packaging Q'ty Taping (pcs) 2000 2000 1000 1000 1000 1000 900 1000 500 500 500 2000 2000 1000 1000 900 1000 500 500 500 500 2000 2000 1000 1000 1000 1000 1000 900 900 1000 500 500 500 2000 1000 1000 1000 1000 1000 900 1000 500 500 500 500 2000 2000 1000 1000 1000 1000 900 500 500 500 500
Dia. (mm) 4 4 5 5 6.3 6.3 6.3 8 8 8 10 4 4 5 6.3 6.3 8 8 8 8 10 4 4 5 5 6.3 6.3 6.3 6.3 6.3 8 8 8 10 4 5 5 6.3 6.3 6.3 6.3 8 8 8 8 10 4 4 5 5 6.3 6.3 6.3 8 8 8 10
Length (mm) 5.8 5.8 5.8 5.8 5.8 5.8 7.7 6.2 10.2 10.2 10.2 5.8 5.8 5.8 5.8 7.7 6.2 10.2 10.2 10.2 10.2 5.8 5.8 5.8 5.8 5.8 5.8 5.8 7.7 7.7 6.2 10.2 10.2 10.2 5.8 5.8 5.8 5.8 5.8 5.8 7.7 6.2 10.2 10.2 10.2 10.2 5.8 5.8 5.8 5.8 5.8 5.8 7.7 10.2 10.2 10.2 10.2
(V)
(F) 22 47 100
6.3
220 330 470 1000 1500 22 33 150
10
220 330 470 680 1000 10 22 47
16
68 100 150 220 330 470 680 10 22 33 47 68 100 150 220 330 470 4.7 10 22 33 47 68 100 150 220 330
25
35
B (B) C (C) D D D8 E F F G B (B) C D D8 E F F F G B (B) C (C) D D D D8 D8 E F F G B C (C) D D D D8 E F F F G B (B) C C D D D8 F F F G
(5) (5) (5) (5) (5) (5) (5) (6) (6) (6) (6) (5) (5) (5) (5) (5) (6) (6) (6) (6) (6) (5) (5) (5) (5) (5) (5) (5) (5) (5) (6) (6) (6) (6) (5) (5) (5) (5) (5) (5) (5) (6) (6) (6) (6) (6) (5) (5) (5) (5) (5) (5) (5) (6) (6) (6) (6)
Size code( ):Miniaturization product If Part number exceeds 12 digits, voltage code is abbreviated as follows; 0J J, 1A A, 1C C, 1E The taping dimensions are explained on p.177 of our Catalog. Please use it as a reference guide. Reflow Profile(Fig-1 to Fig-11) listed on p.175 of our Catalog.
E, 1V V
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use. Should a safety concern arise regarding this product, please be sure to contact us immediately.
Jul. 2008


▲Up To Search▲   

 
Price & Availability of EEEFKA221XAP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X