Part Number Hot Search : 
C01130 1N5003 82000 SS220 C1470 74163 UP7534 473ML
Product Description
Full Text Search
 

To Download PC-TFT-2535PA-LED Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PC-TFT-2535PA-LED
Interface Board
Features
* Used for TFT-LCD display: 2.5"/3.5" AND-TFT-25PA * Compact, light, thin and small * Short circuit protection * Low EMI interference * External pin to allow user to adjust color, brightness and contrast.
The PC-TFT-2535PA-LED is designed to work with the AND-TFT-25PA and the AND-TFT-35PA color TFT display which is suitable for security, video game, door phone, video phone, portable TV and instrument display applications..
Mechanical Characteristics Item Outline Dimension Weight Absolute Maximum Rating Item Operating Temperature Storage Temperature
Specification 62.5 (W) x 52 (H) x 7.5 (D) 20
Unit mm g
Symbol Top Tstg
Conditions - -
Min. 0 -30
Max. 60 80
Unit C C
DC to DC Converter Voltage (V) +5V +7.5V +15V -12V Input Characteristics: Typical Input Voltage: 8V DC Input Voltage Range: 6VDC to 15 VDC Input Current: 150mA, Typical at 12VDC with panel load. Inrush Current Max: 250mA at 6VDC, 130mA at 15VDC Cold start at 25C, 5.0VDC with panel load. Sync. Pulse: 60KHz Typical Current (mA) 50-100 6~10 5~5 2-5 Total Regulation Min. 4.8 7 12 -9 Typ. 5.0 9.1 15 -12 Max. 5.1 9.5 16 -15 Ripple & Noise (mV) 50 200 200 200
Product specifications contained herein may be changed without prior notice. It is therefore advisable to contact Purdy Electronics before proceeding with the design of equipment incorporating this product.
Purdy Electronics Corporation * 720 Palomar Avenue * Sunnyvale, CA 94085 Tel: 408.523.8200 * Fax: 408.733.1287 * sales@purdyelectronics.com
7/23/07
1
www.purdyelectronics.com
PC-TFT-2535PA-LED
Terminal Pin Assignment Pin Symbol I/O No. 1 2 3 4 5 6 7 8 9 10 11 12 +5V COL BRT CNT Video U/P R/L GND GND +12V HSY VSY O I I I I I I I I I O O Description 5.0V output color adj. brightness adj. contrast adj. composite video signal up/down scan control left/right scan control ground ground +12V DC power input HSY output VSY output Remarks - - - - The signal resistance is 75, 1V p-p. +5V or GND +5V or GND - - - - - Output Characteristics: DC to DC Backlight Inverter: Starting Voltage: 15.8VDC, typical at 6.0 VDC Working Voltage: 16.0 VDC, typical at 15 VDC Working Current: DC 10mA 20% typical for general application. Block Diagram
Connector: Pin No: FC12D (Bottom Contact) Pitch: FC 1.0mm
2
Purdy Electronics Corporation * 720 Palomar Avenue * Sunnyvale, CA 94085 Tel: 408.523.8200 * Fax: 408.733.1287 * sales@purdyelectronics.com
7/23/07
www.purdyelectronics.com
PC-TFT-2535PA-LED
Dimensional Outline
7/23/07
Purdy Electronics Corporation * 720 Palomar Avenue * Sunnyvale, CA 94085 Tel: 408.523.8200 * Fax: 408.733.1287 * sales@purdyelectronics.com
3
www.purdyelectronics.com
PC-TFT-2535PA-LED
Dimensional Outline
4
Purdy Electronics Corporation * 720 Palomar Avenue * Sunnyvale, CA 94085 Tel: 408.523.8200 * Fax: 408.733.1287 * sales@purdyelectronics.com
7/23/07
www.purdyelectronics.com


▲Up To Search▲   

 
Price & Availability of PC-TFT-2535PA-LED

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X