Part Number Hot Search : 
IDT74 APTRG TM12864F KSC1623O NE06L 7805T DT72821L 018ENA1
Product Description
Full Text Search
 

To Download SR3030PT-SR30150PT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SR3030PT thru SR30150PT
SCHOTTKY BARRIER RECTIFIERS REVERSE VOLTAGE - 30 to 100Volts FORWARD CURRENT - 30.0 Amperes TO-3P
.245(6.2) .820(5.7) .645(16.4) .625(15.9) .085(2.16) .075(1.90) .135(3.4) .115(2.9) .203(5.16) .193(4.90)
FEATURES
Metal of silicon rectifier , majority carrier conduction Guard ring for transient protection Low power loss,high efficiency High current capability,low VF High surge capacity Plastic package has UL flammability
.093(2.30) .076(1.97) .858(21.8) .820(20.8)
classification 94V-0
For use in low voltage,high frequency inverters,free
wheeling,and polarity protection applications .095(2.4) .085(2.1) .127(3.22) .117(2.97) .086(2.18) .076(1.93) .030(0.76) .020(0.51)
MECHANICAL DATA
Case: TO-3P molded plastic Polarity: As marked on the body
.160(4.1) .140(3.5) .795(20.2) .775(19.7)
Weight: 0.2ounces,5.6 grams
Mounting position :Any
.225(5.7) .048(1.22) .205(5.2) .044(1.12) Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 ambient temperature unless otherwise specified. Single phase, half wave ,60Hz, resistive or inductive load.
For capacitive load, derate current by 20% SR 3030PT 30 21 30 SR 3040PT 40 28 40 SR 3050PT 50 35 50 SR 3060PT 60 42 60 30 SR SR SR 3080PT 30100PT 30150PT 80 56 80 100 70 100 150 105 150
CHARACTERISTICS
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current ( See Fig.1) Peak Forward Surge Current 8.3ms Single Half Sine-Wave Super Imposed on Rated Load (JEDEC Method) Peak Forward Voltage at 15.0A DC Maximum DC Reverse Current at Rated DC Bolcking Voltage @TJ=25 @TJ=100 @TC=95
SYMBOL VRRM VRMS VDC I(AV)
UNIT V V V A
IFSM VF IR CJ RJC TJ TSTG 0.55 0.70
275 0.85 1.0 75 700 2.0 -55 to + 125 -55 to + 150 0.95
A V mA pF /W
Typical Junction Capacitance (Note1) Typical Thermal Resistance (Note2) Operating Temperature Range Storage Temperature Range
NOTES: 1.Measured at 1.0 MHZ and applied reverse voltage of 4.0VDC. 2.Thermal resistance junction to case.
~ 274 ~
RATING AND CHARACTERTIC CURVES SR3030PT thru SR30150PT
FIG. 1 - FORWARD CURRENT DERATING CURVE PEAK FORWARD SURGE CURRENT, AMPERES 30.0 AVERAGE FORWARD CURRENT AMPERES 25.0 20.0 15.0 10.0 5.0 0
SINGLE PHASE HALF WAVE 60Hz RESISTIVE OR INDUCTIVE LOAD
FIG. 2 - MAXIMUM NON-REPETITIVE SURGE CURRENT 300 250 200 150 100 50 0 1 10 20 50 100
PULSE WIDTH 8.3 ms SINGLE HALF-SINE-WAVE (JEDEC METHOD)
25
50
75
100
125
150
175
2
5
CASE TEMPERATURE () FIG.3-TYPICAL REVER CHARACTERISTICS 100 INSTANTANEOUS REVERSE CURRENT,(mA) INSTANTANEOUS FORWARD CURRENT, (A)
NUMBER OF CYCLES AT 60Hz FIG.4-TYPICAL FORWARD CHARACTERISTICS 100
SR3030PT - SR3040PT SR3050PT - SR3060PT
10
TJ=100
10
SR3080PT SR30100PT
1.0
TJ=75
SR30150PT
1.0
TJ = 25C PULSE WIDTH 300us 2% DUTY CYCLE
0.1
TJ=25
0.01 0 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
0.1 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 INSTANTANEOUS FORWARD VOLTAGE, VOLTS
FIG.5 - TYPICAL JUNCTION CAPACITANCE 10000
CAPACITANCE, (pF)
1000
TJ = 25C f = 1 MHz
100 0.1
10 1 REVERSE VOLTAGE ,VOLTS
100
~ 275 ~


▲Up To Search▲   

 
Price & Availability of SR3030PT-SR30150PT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X