Part Number Hot Search : 
LBS15401 120EI MC1558SG 39162 MB89538H EN8935A SM7745 EFM201A
Product Description
Full Text Search
 

To Download MBR30100PT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BL
FEATURES
GALAXY ELECTRICAL
MBR3030PT - - - MBR30100PT
VOLTAGE RANGE: 30 - 100 V CURRENT: 30 A
SCHOTTKY BARRIER RECTIFIER
High s urge capacity. For us e in low voltage, high frequency inverters , free 111wheeling, and polarity protection applications . Metal s ilicon junction, m ajority carrier conduction. Guard ring for over voltage protection. High current capacity, low forward voltage drop.
TO-3P(TO-247AD)
5a
5
15.45 15.75
4.85 5.15
18.50
MECHANICAL DATA
Cas e:JEDEC TO-3P,m olded plas tic body Term inals :Leads, s olderable per MIL-STD-750, 11 Method 2026 Polarity: As m arked Pos ition: Any Weight: 0.223 ounce, 6.3 grams
19.85 20.15
5.50
3.00
2.00 2.00 2.40
3.70 4.30
34.60
2.20 2.60
60
1.00 1.40 A1
3.00 3.40
14.20 14.80
10.90 K A2 A1 K A2
2.00 3.00
0.40 0.80
mm
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 am bient tem perature unles s otherwis e s pecified. Single phase,half wave,60Hz,resistive or inductive load.For capactive load,derate current by 20%.
MBR MBR MBR MBR MBR MBR MBR MBR UNITS 3030PT 3035PT 3040PT 3045PT 3050PT 3060PT 3080PT 30100PT
Maximum recurrent peak reverse voltage Maximum RMS V oltage Maximum DC blocking voltage Maximum average forw ard total device m rectified current @TC = 105C Peak forw ard surge current 8.3ms single half b sine-w ave superimposed on rated load Maximum forward voltage (Note 1) (IF=15A,TC=25 (IF=15A,TC=125 (I F=30A ,TC=25 ) ) )
V RRM V RMS V DC IF(AV) IFSM
30 21 30
35 25 35
40 28 40
45 32 45 30
50 35 50
60 42 60
80 56 80
100 70 100
V V V A A
200
0.80 0.85
VF
0.57 0.84 0.72
0.70 0.95 0.85 1.0 60 6.8 - 55 ---- + 150 - 55 ---- + 150
0.65 0.95 0.75 0.2
V
(I F=30A ,TC=125 ) @TC =25 @TC =125
Maximum reverse current at rated DC blocking voltage
IR R JC TJ TSTG
mA 40 4.4 /W
Maximum thermal resistance (Note2) Operating junction temperature range Storage temperature range
NOTE: 1. Pulse test:300s pulse width,1% duty cy cle. 2. Thermal resistance from junction to case.
www.galaxycn.com
Document Number 0267041
BLGALAXY ELECTRICAL
1.
RATINGS AND CHARACTERISTIC CURVES
FIG.1 -- PEAK FORWARD SURGE CURRENT AVERAGE FORWARD OUTPUT CURRENT, AMPERES PEAK FORWARD SURGE CURRENT,
MBR3030PT- - - MBR30100PT
FIG.2 -- FORWARD DERATING CURVE
200
30
160
AMPERES
8.3ms Single Half Sine Wave TJ=125
24
120
18
80
12
40
6.0
0 1
0 25 50 75 100 125 150
10
100
NUMBER OF CYCLES AT 60HZ
CASE TEMPERATURE,
FIG.3 -- TYPICAL FORWARD CHARACTERISTIC
FIG.4 -- TYPICAL REVERSE CHARACTERISTIC
INSTANTANEOUS FORWARD CURRENT,
500
INSTANTANEOUS REVERSE CURRENT, MILLIAMPERES
10
MBR3030PT-MBR3060PT
100 TJ=125
Pulse width = 300s 1% Duty Cycle
AMPERES
TJ=25 10
1
MBR3080PT-MBR30100PT
.1
MBR3030PT-MBR3060PT
1
MBR3030PT-MBR3045PT MBR3050PT-MBR3060PT MBR3080PT-MBR30100PT
MBR3080PT-MBR30100PT
.01
TC=125ae TC=25ae
0
20
40
60
80
100
120
140
.1
.3
.4
.5 .6
.7
.8
.9 1.0 1.1 1.2 1.3 1.4 1.5
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
PERCENT OF RATED PEAK REVERSE VOLTAGE,%
www.galaxycn.com
Document Number 0267041
BLGALAXY ELECTRICAL
2.


▲Up To Search▲   

 
Price & Availability of MBR30100PT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X