Part Number Hot Search : 
OPN20 A5800 MIC2010 BA604 C2434S 140SA1 1N3050D AP4056
Product Description
Full Text Search
 

To Download SM2527-41 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Model SM2527-41
2500-2700 MHz 12 Watt Linear Power Amplifier FOR MMDS APPLICATIONS
The SM2527-41 is a 2.5 to 2.7 GHz solid state GaAs FET amplifier designed for the Multichannel Multipoint Distribution System (MMDS) market. By using the latest surface mount technologies, this small amplifier can easily fit into tightly packed transmitters and repeaters. The output power (P1dB) is +41 dBm, the OIP3 is +52 dBm, and the linear gain is 55 dB. The unit is available in modular form (standard), or as a rack mountable amplifier. Features * * * * * Single Power Supply Over/Reverse Voltage Protection Thermal Protection with Auto Reset Temperature Compensation Integral Output Isolator
Parameter Frequency Range Pout (P1dB) Third Order Intercept Point Linear Gain Gain Flatness over Full Band Gain Change over Temperature Input/Output Return Loss DC Input Voltage DC Input Current, typ. Level Control (Optional) Mechanical Dimensions RF Connectors Operating Temperature Operating Humidity Operating Altitude Specification 2.5 - 2.7 GHz + 41 dBm + 52 dBm 55 dB 1 dB .5 dB .5 dB -16 dB /-18 dB + 12 Volts 4.3 Amperes 20 dB (min.) 7.5 x 4.0 x 2.0 in. SMA Female 0C to +55C 95% Non-condensing Up to 10,000 feet above Sea Level
Options * * * * Forward/Reverse Power Detection RF Sampling Logic On/Off Control Integral Heatsink
Configurations * * Module 19" Rack
1007 Whitehead Road Ext., Trenton, NJ 08638 Tel: (609) 538-8586 Fax: (609) 538-8587 Email: sales@stealthmicrowave.com Web site: www.stealthmicrowave.com
Model SM2527-41
2500-2700 MHz 12 Watt Linear Power Amplifier FOR MMDS APPLICATIONS
DIMENSIONS IN INCHES
RF INPUT
CNTL GND ON/OFF +12VDC +12VDC
INCORPORATED
RF SMPL
REV
Made in USA
RF OUTPUT
HEATSINK OPTION
1007 Whitehead Road Ext., Trenton, NJ 08638 Tel: (609) 538-8586 Fax: (609) 538-8587 Email: sales@stealthmicrowave.com Web site: www.stealthmicrowave.com
GND RF SMPL REV Made in USA RF OUTPUT
CNTL +12VDC ON/OFF +12VDC
Model SM2527-41
2500-2700 MHz 12 Watt Linear Power Amplifier FOR MMDS APPLICATIONS
Pin RF Input RF OUT RF SAMPLE (Optional) GND REV FWD +12VDC On/Off
Description Input Connector (SMA Female) Output Connector (SMA Female) Sample RF Port (SMA Female) Ground Turret Reverse Power Detector Forward Power Detector DC Input Voltage TTL Logic On/Off
Values - 4 dBm, typical + 41 dBm @ P1dB 30 dBr -- VSWR @ + 41 dBm + 5 Volts + 41 dBm Output Power + 5 Volts + 12 Volts @ 4.6 Amperes (typ.) 0 Volts = Off, + 5 Volts = On
Specifications subject to change without notice.
1007 Whitehead Road Ext., Trenton, NJ 08638 Tel: (609) 538-8586 Fax: (609) 538-8587 Email: sales@stealthmicrowave.com Web site: www.stealthmicrowave.com


▲Up To Search▲   

 
Price & Availability of SM2527-41

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X