Part Number Hot Search : 
LF713RW 24LC128 DBL1085 P4KE180 702MU Z30D5 F8HTYZ D38999
Product Description
Full Text Search
 

To Download 3452RF2LNNP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Fuseholders
For 3AG, 5 x 20mm, or 2AG Fuses
International Shock-Safe Panel Mount Type
A complete selection of styles and options satisfy a wide variety of fuseholder design needs. Designed to eliminate the possibility of electrical shock, as defined in IEC standards 60065 and 60127. The universal fuseholder body will accept 3AG, 5 x 20mm, and 2AG fuse sizes depending on knob selected. Permits inventory reduction of bodies and provides knob interchange versatility. Anti-tease feature eliminates circuit interruption when knob is accidentally depressed. Five fuseholder types assure design flexibility. Available with two knob styles -- screwdriver slot or fingergrip. Drip-proof option is available on screwdriver slot knob style. Available in two terminal styles -- dual-purpose for soldering or 3/16" NEMA quick connect; and 1/4" NEMA/DIN quick connect. Quick fuse size identification is provided with letters on fingergrip knob and color-coded screwdriver slot knobs.
(R)
(R)
D
V
E
APPROVALS: 3AG 20A 250V 20A 250V 10A 250V 5 x 20mm 10A 250V 10A 250V 10A 250V 2AG 10A 250V 10A 250V --
(R)
CSA VDE
SPECIFICATIONS: Electrical: Insulation Resistance: 10,000 megohm minimum at 500
VDC. Contact Resistance: Less than .005 ohm average at currents up to 1 ampere. Mounting: Threaded styles withstand 15 in.-lb. mounting torque. Low profile and High profile panel thickness: .032" min. /.310" max. Quick mount panel thickness: .012" min. /.360" max. Rear mount panel thickness: .012" min. /.260" max. Molded Parts: Body Material: Black glass-filled thermoplastic (UL 94V0). Knob Material: Grey, blue or black glass-filled thermoplastic (UL94 V-0) Hex Nut Material: Black glass-filled thermoplastic. Knob: Finger-Grip, Fuse Extractor type or Screwdriver Slot, Fuse Extractor type with plated copper alloy insert. Plated copper alloy contact clips. Spring loaded, locking mechanism provides an anti-tease feature and will not vibrate loose. Terminals: Copper alloy. Tin-plated. Three styles available. A .187" dual purpose terminal accepts wire for soldering or a Quick-Connect receptacle. .187" terminal for NEMA Quick-Connect and .250" terminal for NEMA/DIN Quick-Connect available. Ambient Temperature: - 40C to +85C. Hardware: Threaded style fuseholders are supplied with a thermoplastic hex nut unassembled. Quick mount style fuseholders are supplied with a push-on type retaining nut, black oxide finish, unassembled. A synthetic rubber "O" ring will be supplied only with the screwdriver slot knob when the drip-proof version is requested. To order with a metal internal tooth lockwasher (L) and/or neoprene panel washer (N) and/or drip-proof synthetic rubber "O" ring with Neoprene washer (NP) [Screwdriver slot knob only], add the appropriate suffix (L, N, or NP) respectively (or in combination) to the catalog number.
Example: 3453LS7LNP is a holder supplied with a lockwasher, a neoprene panel washer, and a drip-proof "O" ring in addition to the hex nut.
13
FUSEHOLDERS
467
* Please refer to Fuseology section for information on proper fuseholder de-rating. w w w. l i t t e l f u s e . c o m
Fuseholders
For 3AG, 5 x 20mm, or 2AG Fuses
International Shock-Safe Panel Mount Type
ORDERING INFORMATION: EXAMPLE (Complete Assembly with options): Series Number
Fuse Size 2 2AG .177" x .570" 3 3AG .250" x 1.250" 5 5 x 20mm .197" x .787" HS High Profile Body Screwdriver Slot Knob LS Low Profile Body Screwdriver Slot Knob QS Quick Mount Body Screwdriver Slot Knob Screwdriver Slot Knob 2AG -- Blue Knob 3AG -- Grey Knob 5 x 20mm -- Black Knob Style LF Low Profile Body Black Fingergrip Knob RF Rear Mount Body Black Fingergrip Knob
(R)
(R)
D
V
E
345 3 LS 7 L N NP
Terminals 1 3/16" (Rt. Angle) Dual Purpose Solder/QC 2 3/16" (Straight) Dual Purpose Solder/QC 3 3/16" (Rt. Angle) NEMA QC 4 3/16" (Straight) NEMA QC 7 1/4" (Rt. Angle) NEMA/DIN QC 8 1/4" (Straight) NEMA/DIN QC Note: To Order Knob Only: Fuse Size 2AG 3AG 5 x 20mm
Options* L Lockwasher N Neoprene Washer NP Drip-Proof "O" Ring** with Neoprene Washer
**Options (L, N, NP) can be ordered individually or in combination. **Screwdriver slot knob only.
Fingergrip Knob Part Number 3452LF1-020 3453LF1-020 3455LF1-020
Screwdriver Slot Knob Part Number 3452LS1-020 3453LS1-020 3455LS1-020
To Order Body Including Nut(s) Only: Terminal Bottom Low Profile Body Style Terminal Part Number*** 3/16" Dual Purpose (Rt. Angle) 3453LF1-010 3/16" Dual Purpose (Straight) 3453LF2-010 3/16" NEMA QC (Rt. Angle) 3453LF3-010 3/16"NEMA QC (Straight) 3453LF4-010 1/4" NEMA/DIN QC (Rt. Angle) 3453LF7-010 1/4"NEMA/DIN QC (Straight) 3453LF8-010 ***Low Profile Body will accept either Fingergrip or Screwdriver Slot Knob.
High Profile Body Part Number 3453HS1-010 3453HS2-010 3453HS3-010 3453HS4-010 3453HS7-010 3453HS8-010
Rear Mount Body Part Number 3453RF1-010 3453RF2-010 3453RF3-010 3453RF4-010 3453RF7-010 3453RF8-010
Quick Mount Body Part Number 3453QS1-010 3453QS2-010 3453QS3-010 3453QS4-010 3453QS7-010 3453QS8-010
DIMENSION DRAWINGS:
Low Profile Fingergrip Knob
Terminal Styles special 1/2" thread .090" x .160" HOLE 1.59" special 1/2" thread .187" 3/16" DUAL PURPOSE SOLDER/QUICK CONNECT 1.50" MAX. special 1/2" thread Suggested Mounting Holes .475" .480" .500" .505" 1.35" special 1/2" thread .460" .465" A A B C .187" QC .53" .30" .020" .250" QC .59" .36" .032" "Push-On" Type Retaining Nut for Quick Mount Fuseholder 1.59" .63" Plastic Hex Nut with Flange .19" .65" DIA. .187" 3/16" NEMA QUICK CONNECT .250" 1/4" NEMA/DIN QUICK CONNECT .055" HOLE .070" HOLE
F
USE
.60" DIA. .41"
Rear Mount Fingergrip Knob
F
High Profile Screwdriver Slot Knob
.04"x.25"
F
USE
Low Profile Screwdriver Slot Knob
.04"x.25"
F
Quick Mount Screwdriver Slot Knob
.04"x.25"
F
468
FUSE
USE
.65" DIA. .50" MIN.
FUSE
FUSE
FUSE
FUSE
Bottom Terminal Straight Right Angle B C
.60" DIA. .40"
USE
.60" DIA. .16"
USE
.60" DIA. .91" DIA. .16" 1.59" SPECIAL 1/2" THREAD .558" HEX.
w w w. l i t t e l f u s e . c o m


▲Up To Search▲   

 
Price & Availability of 3452RF2LNNP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X