Part Number Hot Search : 
BU405 9257AFG LAG673 11014 WITCH ENA0966B F1000 MMBZ5239
Product Description
Full Text Search
 

To Download AWM2100V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AWM2000 Series
Mass flow sensor for gases
FEATURES * Ranges 0...30 to 0...1000 sccm1 or 0...4 "H2O (0...10 mbar) * Bidirectional sensing * Actual mass flow sensing * Low differential pressure sensing
SERVICE
To be used with dry gases only The AWM series is NOT designed for liquid flow and will be damaged by liquid flow through the sensor
SPECIFICATIONS
Maximum ratings Supply voltage2 8 to 15 V typ. 10 0.01 V max. 50 mW typ. 30 mW
ELECTRICAL CONNECTION
Power consumption
P1
P2
Temperature limits Operating Storage Mechanical shock
-25 to 85C -40 to 90C 100 g (5 drops, 6 axes)
123456
Note: 1 sccm denotes standard cubic centimeters per minute 2 Output voltage is ratiometric to supply voltage
June 2005 / 581
1/6
www.sensortechnics.com
AWM2000 Series
Mass flow sensor for gases
FLOW SENSOR CHARACTERISTICS3
VS = 10 0.01 V, TA = 25C
Part no. AWM2100V AWM2150V AWM2200V AWM2300V
Flow range (full scale) 200 sccm 30 sccm
Pressure range
Max. flow change4 5.0 l/sec 5.0 l/sec
Output voltage @ trim point 30 mV @ 100 sccm 11.8 mV @ 25 sccm 20 mV @ 2 "H2O 50 mV @ 650 sccm
4 "H2O 1000 sccm
5.0 l/sec 5.0 l/sec
PERFORMANCE CHARACTERISTICS
VS = 10 0.01 V, TA = 25C
Characteristics
Zero offset Repeatability and hysteresis (combined) Temperature effects5 Offset Span -25 to 85 C6 -25 to 25 C AWM2100V AWM2150V AWM2200V AWM2300V 25 to 85 C AWM2100V AWM2150V AWM2200V AWM2300V Sensor resistance (Pin 2 - Pin 1, Pin 6 - Pin 1) Sensor current (Pin 2 - Pin 1, Pin 6 - Pin 1) Response time Common mode pressure AWM2300V all others
Min.
-1.0
Typ.
0
Max.
1.0 1.0 0.35
Unit
mV % reading mV
0.20 2.5 5.0 22.05 5.0 -2.5 -5.0 -22.05 -5.0 5 0.6 1.0 3.0 25
% reading
kOhm mA ms p si
Notes: 3 A 5 micron filter is recommended for all devices. 4 Maximum allowable rate of flow change to prevent damage. 5 Temperature shifts in differential pressure devices are mostly due to the density change of the gas over temperature. 6 Shift is relative to 25 C.
2/6
June 2005 / 581
www.sensortechnics.com
AWM2000 Series
Mass flow sensor for gases
OUTPUT FLOW VS INTERCHANGEABILITY
VS = 10 0.01 V, TA = 25C
8
7 8
OUTPUT CURVES
June 2005 / 581
3/6
www.sensortechnics.com
AWM2000 Series
Mass flow sensor for gases
HEATER CONTROL CIRCUIT
SENSING BRIDGE SUPPLY CIRCUIT
Note: Circuits required for operation per specifications. Circuits are not on board the sensor.
DIFFERENTIAL INSTRUMENTATION AMPLIFIER CIRCUIT (OPTIONAL)
2 R + R1 R4 (V2 - V1 ) + VOffset VO = 2 R R 1 3 R6 where VOffset = VS R +R 5 6
4/6
June 2005 / 581
www.sensortechnics.com
AWM2000 Series
Mass flow sensor for gases
OUTLINE DRAWING
6.3 (0.25) 2.8 (0.11) 2.9 (0.114) 7.60 (0.30) 1.40 (0.055) 1.8 (0.07) 5.1 (0.20)
54.4 (2.14)
8.4 (0.33)
P1
P2
31.5 (1.24) 23.6 (0.93) 2.8 (0.11)
1.0 (0.04)
123456
5.1 (0.20) 7.3 (0.287) 12.7 (0.50) 15.5 (0.61)
0.6 (0.025) 1.52 (0.06)
2.5 (0.10)
4.1 (0.16)
23.9 (0.94) 30.5 (1.20)
mass: approx. 10.8 g
dimensions in mm (inches)
Note: Positiv flow direction is defined as proceeding from port 1 (P1) to port 2 (P2) and results in positive output (Pin 6 > Pin 2). Negative flow direction is defined conversely and results in negative output (Pin 6 < Pin 2).
June 2005 / 581
5/6
www.sensortechnics.com
AWM2000 Series
Mass flow sensor for gases
GAS CORRECTION FACTORS9
Gas type Helium (He) Hydrogen (H2) Argon (Ar) Nitrogen (N2) Oxygen (O2) Ai r Nitric oxide (NO) Carbon monoxide (CO) Methane (CH4) Ammonia (NH3) Nitrous oxide (N2O) Nitrogen dioxide (NO2) Carbon dioxide (CO2) Correction factor (approx.) 0.510 0.710,11 0.95 1.0 1.0 1.0 1.0 1.0 1.1 1.1 1.35 1.35 1.35
Notes: 9 Gas correction factors are referenced to nitrogen (N2) as calibration gas type. Approximate gas correction factors are provided as guidelines only. Individual gas types may perform differently at temperature extremes and varying flow rates. 10 When sensing Hydrogen (H2) or Helium (He) it may be necessary to power the mass flow sensor using increased supply voltage: Hydrogen typ. 12 V, Helium typ. 15 V 11 Hydrogen (H2) flow measurement requires the use of a special sensor. These devices provide normal operation when sensing hydrogen flow and are designated with an "H" at the end of the order number.
ORDERING INFORMATION
Flow range 30 sccm 200 sccm 1000 sccm
Dry gas AWM2150V AWM2100V AWM2300V
Hydrogen gas11 --AWM2100VH AWM2300VH
Pressure range 4 "H2O (10 mbar)
Dry gas AWM2200V
Sensortechnics reserves the right to make changes to any products herein. Sensortechnics does not assume any liability arising out of the application or use of any product or circuit described herein, neither does it convey any license under its patent rights nor the rights of others.
6/6
June 2005 / 581
www.sensortechnics.com


▲Up To Search▲   

 
Price & Availability of AWM2100V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X