Part Number Hot Search : 
TME2412S SD243 CG3750T TSMBJ1 2SK231 0DIM3 C1210 CXMXX
Product Description
Full Text Search
 

To Download ST2N5400 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ST 2N5400 / 2N5401
PNP Silicon Epitaxial Planar Transistors for general purpose, high voltage amplifier applications. As complementary types the NPN transistors ST 2N5550 and ST 2N5551 are recommended. On special request, these transistors can be manufactured in different pin configurations.
TO-92 Plastic Package Weight approx. 0.19g
Absolute Maximum Ratings (Ta = 25oC) Symbol Collector Emitter Voltage ST 2N5400 ST 2N5401 Collector Base Voltage ST 2N5400 ST 2N5401 Emitter Base Voltage Collector Current Power Dissipation Junction Temperature Storage Temperature Range
1)
Value 120 150 130 160 5 600 625
1)
Unit V V V V V mA mW
o o
-VCEO -VCEO -VCBO -VCBO -VEBO -IC Ptot Tj TS
150 -55 to +150
C C
Valid provided that leads are kept at ambient temperature at a distance of 2 mm from case.
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
(R)
Dated: 07/12/2002
ST 2N5400 / 2N5401
Characteristics at Tamb=25 oC Symbol DC Current Gain at-VCE=5V, -IC=1mA at -VCE=5V, -IC=10mA at -VCE=5V, -IC=50mA ST 2N5400 ST 2N5401 ST 2N5400 ST 2N5401 ST 2N5400 ST 2N5401 Collector Emitter Breakdown Voltage at -IC=1mA Collector Base Breakdown Voltage at -IC=100A Emitter Base Breakdown Voltage at -IE=10A Collector Cutoff Current at -VCB=100V at -VCB=120V Emitter Cutoff Current at -VEB=3V Collector Saturation Voltage at -IC=10mA, -IB=1mA at -IC=50mA, -IB=5mA Base Saturation Voltage at -IC=10mA, -IB=1mA at -IC=50mA, -IB=5mA Gain Bandwidth Product
at -VCE=10V,-IC=10mA,f=100MHz ST 2N5400
Min. 30 50 40 60 40 50 120 150 130 160 5 100 100 -
Typ. -
Max. 180 240 100 50 50 0.2 0.5 1 1 400 400 6 8 200
1)
Unit V V V V V nA nA nA V V V V MHz MHz pF dB K/W
hFE hFE hFE hFE hFE hFE -V(BR)CEO -V(BR)CEO -V(BR)CBO -V(BR)CBO -V(BR)EBO
ST 2N5400 ST 2N5401 ST 2N5400 ST 2N5401
ST 2N5400 ST 2N5401
-ICBO -ICBO -IEBO -VCE sat -VCE sat -VBEsat -VBEsat fT fT CCBO F RthA
ST 2N5401 Collector Base Capacitance at -VCB=10V, f=1MHz Noise Figure
at -VCE=5V,-IC=200A,RG=2k,f=30HZ...15kHZ
Thermal Resistance Junction to Ambient
1)
Valid provided that leads are kept at ambient temperature at a distance of 2 mm from case.
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
(R)
Dated: 07/12/2002
ST 2N5400 / 2N5401
Ptot-Ta
IC - VBE
Power Dissipation Ptot (mW)
Ambient Temperature Ta ( )
Collector Current Ic (mA)
Base Emitter Voltage VBE (V)
fT - IC
Collector Emitter Saturation Base Emitter Saturation Voltage V C E ( s a t ) , V B E ( s at ) ( m V )
V CE(sat), V BE(sat) - I
C
Transition Frequency
VBE(sat)
VCE(sat)
C o l l e c t o r C u r r e n t IC ( m A )
C o l l e c t o r C u r r e n t IC ( m A )
Cob - VCB
Collector Output Capacitance Cob (pF)
Collector Base Voltage VCB (V)
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
(R)
Dated: 07/12/2002


▲Up To Search▲   

 
Price & Availability of ST2N5400

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X