Part Number Hot Search : 
MC144 HFW50N06 GCM1885C 06780 T350507 24NBP T350507 24NBP
Product Description
Full Text Search
 

To Download SS5P5 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 New Product
SS5P5 & SS5P6
Vishay General Semiconductor
High Current Density Surface Mount Schottky Barrier Rectifiers
eSMP
K
TM
Series
FEATURES * Very low profile - typical height of 1.1 mm * Ideal for automated placement * Low forward voltage drop, low power losses * High efficiency
1
* Low thermal resistance * Meets MSL level 1, per J-STD-020, LF maximum peak of 260 C * Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC * Halogen-free MECHANICAL DATA Case: TO-277A (SMPC) Molding compound meets UL 94V-0 flammability rating. Base P/N-E3 - RoHS compliant, commercial grade Base P/NHE3 - RoHS compliant, high reliability/ automotive grade (AEC-Q101 qualified) Base P/N-M3 - halogen-free and RoHS compliant, commercial grade Base P/NHM3 - halogen-free and RoHS compliant, high reliability/automotive grade (AEC-Q101 qualified) Terminals: Matte tin plated leads, solderable per J-STD-002 and JESD22-B102 E3 and M3 suffix meets JESD 201 class 1A whisker test, HE3 and HM3 suffix meets JESD 201 class 2 whisker test
2 TO-277A (SMPC)
K Cathode Anode 1 Anode 2
PRIMARY CHARACTERISTICS
IF(AV) VRRM IFSM EAS VF at IF = 5.0 A TJ max. 5.0 A 50 V, 60 V 150 A 20 mJ 0.560 V 150 C
TYPICAL APPLICATIONS For use in low voltage high frequency inverters, freewheeling, dc-to-dc converters and polarity protection applications.
MAXIMUM RATINGS (TA = 25 C unless otherwise noted)
PARAMETER Device marking code Maximum repetitive peak reverse voltage Maximum average forward rectified current (Fig. 1) Peak forward surge current 10 ms single half sine-wave superimposed on rated load Non-repetitive avalanche energy at IAS = 2 A, TJ = 25 C Operating junction and storage temperature range VRRM IF(AV) IFSM EAS TJ, TSTG SYMBOL SS5P5 S55 50 5.0 150 20 - 55 to + 150 SS5P6 S56 60 V A A mJ C UNIT
Document Number: 88988 Revision: 30-Jul-08
For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com 1
New Product
SS5P5 & SS5P6
Vishay General Semiconductor
ELECTRICAL CHARACTERISTICS (TA = 25 C unless otherwise noted)
PARAMETER TEST CONDITIONS IF = 2.5 A IF = 5.0 A IF = 2.5 A IF = 5.0 A rated VR 4.0 V, 1 MHz TA = 25 C VF TA = 125 C TA = 25 C TA = 125 C IR CJ SYMBOL TYP. 0.518 0.631 0.451 0.560 8.4 3.4 200 MAX. 0.69 V 0.62 150 15 A mA pF UNIT
Maximum instantaneous forward voltage (1)
Maximum reverse current (2) Typical junction capacitance Notes:
(1) Pulse test: 300 s pulse width, 1 % duty cycle (2) Pulse test: Pulse width 40 ms
THERMAL CHARACTERISTICS (TA = 25 C unless otherwise noted)
PARAMETER Typical thermal resistance Note: (1) Units mounted on recommended P.C.B. 1 oz. pad layout SYMBOL RJA RJL
(1)
SS5P5 65 3
SS5P6
UNIT C/W
ORDERING INFORMATION (Example)
PREFERRED P/N SS5P5-E3/86A SS5P5-E3/87A SS5P5HE3/86A (1) SS5P5HE3/87A SS5P5-M3/86A SS5P5-M3/87A SS5P5HM3/86A (1) SS5P5HM3/87A (1) Note: (1) High reliability/automotive grade (AEC-Q101 qualified)
(1)
UNIT WEIGHT (g) 0.10 0.10 0.10 0.10 0.10 0.10 0.10 0.10
PREFERRED PACKAGE CODE 86A 87A 86A 87A 86A 87A 86A 87A
BASE QUANTITY 1500 6500 1500 6500 1500 6500 1500 6500
DELIVERY MODE 7" diameter plastic tape and reel 13" diameter plastic tape and reel 7" diameter plastic tape and reel 13" diameter plastic tape and reel 7" diameter plastic tape and reel 13" diameter plastic tape and reel 7" diameter plastic tape and reel 13" diameter plastic tape and reel
www.vishay.com 2
For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88988 Revision: 30-Jul-08
New Product
SS5P5 & SS5P6
Vishay General Semiconductor
RATINGS AND CHARACTERISTICS CURVES (TA = 25 C unless otherwise noted)
6 100 Resistive or Inductive Load 5
Average Forward Rectified Current (A)
Instantaneous Reverse Current (mA)
TA = 150 C 10 TA = 125 C
4
1
3
0.1
2 TL measured at the Cathode Band Terminal
0.01 TA = 25 C 0.001
1 0 80
0.0001 90 100 110 120 130 140 150 10 20 30 40 50 60 70 80 90 100
Lead Temperature (C)
Percent of Rated Peak Reverse Voltage (%)
Figure 1. Maximum Forward Current Derating Curve
Figure 4. Typical Reverse Characteristics
4.0 D = 0.8 3.5 D = 0.3 D = 0.2 D = 0.1
D = 1.0
1000 D = 0.5
3.0 2.5 2.0 1.5 1.0 0.5 0 0
Junction Capacitance (pF)
Average Power Loss (W)
100
T
D = tp/T
tp
10 1.0 2.0 3.0 4.0 5.0 6.0 0.1 1 10 100
Average Forward Current (A)
Reverse Voltage (V)
Figure 2. Forward Power Loss Characteristics
Figure 5. Typical Junction Capacitance
100
100
Transient Thermal Impedance (C/W)
Instantaneous Forward Current (A)
TA = 150 C 10 TA = 125 C
Junction to Ambient
1 TA = 25 C 0.1
10
0.01 0 0.2 0.4 0.6 0.8 1.0 1.2
1 0.01
0.1
1
10
100
Instantaneous Forward Voltage (V)
t - Pulse Duration (s)
Figure 3. Typical Instantaneous Forward Characteristics
Figure 6. Typical Transient Thermal Impedance
Document Number: 88988 Revision: 30-Jul-08
For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com 3
New Product
SS5P5 & SS5P6
Vishay General Semiconductor
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
TO-277A (SMPC)
0.187 (4.75) 0.175 (4.45) K 0.016 (0.40) 0.006 (0.15)
0.262 (6.65) 0.250 (6.35) 0.242 (6.15) 0.238 (6.05)
0.026 (0.65) NOM.
2
1
0.171 (4.35) 0.167 (4.25) 0.146 (3.70) 0.134 (3.40) 0.087 (2.20) 0.075 (1.90)
0.047 (1.20) 0.039 (1.00)
Mounting Pad Layout
0.189 MIN. (4.80)
0.189 (4.80) 0.173 (4.40) 0.155 (3.94) NOM. 0.030 (0.75) NOM. 0.268 (6.80)
0.186 MIN. (4.72)
0.049 (1.24) 0.037 (0.94) 0.084 (2.13) NOM. 0.053 (1.35) 0.041 (1.05) 0.041 (1.04)
0.050 MIN. (1.27)
0.055 MIN. (1.40)
Conform to JEDEC TO-277A
www.vishay.com 4
For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88988 Revision: 30-Jul-08
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of SS5P5

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X