Part Number Hot Search : 
M58LW064 E712526 HA1630 ILA7050N PP1DMS 2N2894 59100 GNTRP
Product Description
Full Text Search
 

To Download SR104 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SR102
THRU
SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE SR108 CURRENT
20 to 80 Volts 1.0 Ampere
FEATURES Fast switching. Low forward voltage, high current capability. Low power loss, high efficiency. High current surge capability. High temperature soldering guaranteed: 250/10 seconds, 0.375" (9.5mm) lead length at 5 lbs. (2.3kg) tension. MECHANICAL DATA Case: Transfer molded plastic Epoxy: UL94V - 0 rate flame retardant. Polarity: Color band denoted cathode end. Lead: Plastic axial lead, solderable per MIL - STD - 202E method 208C Mounting position : Any Weight: 0.012 ounce, 0.33 gram MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Ratings at 25 ambient temperature unless otherwise specified Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load derate current by 20% SYMBOLS SR102 SR103 SR104 SR105 SR106 SR108 UNIT VRRM Volts VRMS

Volts VDC Volts I(AV)
Amp
Maximum Repetitive Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage TL = 75(SR102-104) Maximum Average Forward Rectified Current 0.375" TL = 100(SR105108) (9.5mm) lead length at Peak Forward Surge Current 8.3ms single half sine - wave superimposed on rated load (JEDEC method ) Maximum Instantaneous Forward Voltage at 1.0A TA = 25 Maximum DC Reverse Current at rate DC blocking voltage (Note 1) TA
Typical Junction Capacitance (Note 2 ) Typical Thermal Resistance (Note 3) Operating Temperature Range Storage Temperature Range NOTES:
1. Pulse test: 300 s pulse width, 1% duty cycle. 2. Measured at 1MHz and applied reverse voltage of 4.0 volts.
IFSM VF IR Cj R TJ TSTG



(-65 to +125) (-65 to +150) (-65 to +150)
Amps Volts mA pF /W
3. Thermal resistance from junction to ambient P.C.B. mounted with 0.375" (9.5mm) lead length with 1.5" x 1.5" (38 X 38mm) copper pads.
MIC INVESTMENTS (CHINA) COMPANY LIMITED
RATINGS AND CHARACTERISTIC CURVES SR102 THRU SR108
FIG.1-TYPICAL FORWARD CURRENT DERATING CURVE
70
FIG.2-MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
AVERAGE FORWARD CURRENT,
1.2
1.0
PEAK FORWARD SURGE
60
8.3ms Single Half Sine-Wave Tj (JEDEC Method) =T
j max
CURRENT, (A)
0.8
1 SR
1 SR
(A)
40
05 -
02 -SR
1 SR
0.6
Single Phase Half Wave 60Hz Load
10 4
08
0.4
Inductive or Resistive 0.375"(9.5mm) Lead Length
20
0.2
1 Cycle
0 0 25 50 75 100 125 150 175
0 1 2 4 6 8 10 20 40 60 80 100
LEAD TEMPERATURE, ( C)
NUMBER OF CYCLES AT 60 Hz
FIG.4-TYPICAL REVERSE FIG.3-TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
20
SR102-104
CHARACTERISTICS
10
SR102-SR104 SR105-SR108
INSTANTANEOUS FORWARD CURRENT, (A)
10
INSTANTANEOUS REVERSE CURRENT,
SR105-108
Tj =125 C
1.0
1.0
(mA)
0.1
T j=75 C
0.1
Tj =25 C Pluse Width=300uS 1%Duty Cycle
0.01
0.01 0.6 0.2 0.4 0.6 0.8 1.0 1.2 1.4 0.001 0
T j=25 C
INSTANTANEOUS FORWARD VOLT AGE,(V)
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%) FIG.5-TYPICAL JUNCTION CAPACITANCE
1000
JUNCTION CAPACITANCE,(pF)
Tj =25 C f=1MHz V sig =50mV
100
SR102-SR104 SR105-SR108
10 0.1
1.0
10
100
REVERSE VOLTAGE,(V)


▲Up To Search▲   

 
Price & Availability of SR104

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X