Part Number Hot Search : 
BZX84C UPC2407A 36280170 J100567 WCB16 1AA04 10M25 B154SW01
Product Description
Full Text Search
 

To Download FWM-T40D1F09 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 COMMUNICATIONS MODULES & SUBSYSTEMS
Multi-Channel CWDM Mux/Demux 20 nm Spacing
Key Features
* Extended temperature range * Flat and wide passband * High demux channel isolation * Low insertion loss
LGX Cassette
JDSU Coarse Wavelength Division Multiplexers (CWDMs) are manufactured using laser weld technology to exceed Telcordia GR-1221 requirements. They demonstrate low loss and reliable performance over an extended temperature range. These devices show broad passbands and high isolation, making them ideal for operation with inexpensive, uncooled lasers. They feature up to 16 low dispersion channels, thereby enabling high capacity, low cost products for the CATV and metro/access markets. Easily customizable, JDSU CWDMs can be configured from a standard list of packaging and connector options.
Applications
Flat Box
* Metro optical networks * Access optical networks * Enterprise networks
Compliance
* Telcordia GR-1209 and 1221 qualified
NORTH AMERICA: 800 498-JDSU (5378)
WORLDWIDE: +800 5378-JDSU
WEBSITE: www.jdsu.com
MULTI-CHANNEL CWDM MUX/DEMUX 20 NM SPACING
2
Specifications
Parameter Operating wavelength range Wavelength centers (ITU wavelengths) Wavelength centers (ITU+1 wavelengths) Passband Passband ripple Insertion loss1 Demultiplexer module Multiplexer module Isolation (adjacent channel) Demultiplexer module Multiplexer module Isolation (non-adjacent channel) Demultiplexer module Multiplexer module Directivity Return loss Polarization dependent loss Polarization mode dispersion Operating temperature range Storage temperature range Fiber type Pigtail length (for flat box only) Package dimensions LGX cassette (W x D x H) Flat box (W x D x H)
4 Channel
8 Channel
Minimum Maximum Maximum Maximum Minimum Minimum Minimum Minimum Minimum Minimum Maximum Maximum
1300 to 1620 nm 1470nm, 1490nm, 1510nm, 1530nm, 1550nm, 1570nm, 1590nm, 1610nm 1471nm, 1491nm, 1511nm, 1531nm, 1551nm, 1571nm, 1591nm, 1611nm c 6.5 nm 0.35 dB 2.0 dB 1.7 dB 30 dB 15 dB 50 dB 15 dB 50 dB 45 dB 0.2 dB 0.2 ps -40 to 75 C -40 to 85 C SMF-28 or equivalent (900 m, 1.6 mm, 2.0 mm, 3.0 mm) 1.0 0.1 m 6.35" x 5.10" x 1.15" 125.7 x 93.0 x 9.9 mm 6.35" x 5.10" x 2.28" 125.7 x 93.0 x 9.9 mm 3.2 dB 2.9 dB
1. Losses include one connector. If no connector option is selected, the maximum loss should be 0.2 dB lower.
MULTI-CHANNEL CWDM MUX/DEMUX 20 NM SPACING
Ordering Information
For more information on this or other products and their availability, please contact your local JDSU account manager or JDSU directly at 1-800-498-JDSU (5378) in North America and +800-5378-JDSU worldwide or via e-mail at customer.service@jdsu.com.
Sample: FWM-T80D7F094
FWM-T
Code 4 8 Number of Channels 4 channels 8 channels Code D M Device Type Demux Mux Code F09 F16 F20 F30 LGX Package Flat box, 900 m fiber Flat box, 1.6 mm fiber Flat box, 2.0 mm fiber Flat box, 3.0 mm fiber LGX cassette Code 0 2 3 4 5 6 7 Connector Type None FC/SPC FC/APC SC/SPC SC/APC LC/UPC LC/APC
Code 0 1
Channel Plan ITU channels ITU+1 channels
Code 7 9 1 3 5
Channels Starts at 147x1 Starts at 149x Starts at 151x Starts at 153x Starts at 155x
1. Default for 8 channel.
Telcordia is a registered trademark of Telcordia Technologies Incorporated. All statements, technical information and recommendations related to the products herein are based upon information believed to be reliable or accurate. However, the accuracy or completeness thereof is not guaranteed, and no responsibility is assumed for any inaccuracies. The user assumes all risks and liability whatsoever in connection with the use of a product or its application. JDSU reserves the right to change at any time without notice the design, specifications, function, fit or form of its products described herein, including withdrawal at any time of a product offered for sale herein. JDSU makes no representations that the products herein are free from any intellectual property claims of others. Please contact JDSU for more information. JDSU and the JDSU logo are trademarks of JDS Uniphase Corporation. Other trademarks are the property of their respective holders. (c)2006 JDS Uniphase Corporation. All rights reserved. 10143040 Rev. 003 02/06 CWDMMUXDEMUX.DS.CMS.AE
NORTH AMERICA: 800 498-JDSU (5378)
WORLDWIDE: +800 5378-JDSU
WEBSITE: www.jdsu.com


▲Up To Search▲   

 
Price & Availability of FWM-T40D1F09

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X