![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Real time clock module Epson Toyocom Product Number (Please contact us) RX-8025SA : Q41802551xxxx00 RX-8025NB : Q41802591xxxx00 High-Stability I 2 C-Bus INTER FACE REAL TIME C LOCK MODU LE RX - 8025 SA / NB *Built-in 32.768 kHz crystal unit : Frequency adjusted for high accuracy ( 5 x10-6 / Ta = +25 C) *Interface Type : I2C-Bus Interface (400 kHz) *Operating voltage range: 1.70 V to 5.5 V *Wide Timekeeper voltage range : 1.15 V to 5.5 V *Various detection Functions : Ex. Oscillation stop detection function *Low backup current : 0.48 A / 3 V (Typ.) *32.768 kHz frequency output function : C-MOS output With Control Pin *The various functions include full calendar, alarm, timer. * The I2C-Bus is a trademark of NXP Semiconductors Actual size RX-8025SA RX-8025NB Block diagram Overview * Features built-in 32.768 kHz crystal unit * Frequency adjusted for high accuracy. ( 5 x10-6 / Ta = +25 C ) ( Equivalent to 13 seconds of monthly deviation ) FOUT FOE 32 kHz Output Control Comparator_W Alarm_W Register ( Min,Hour,W eek ) Voltage Detect VDD Comparator_D Alarm_D Regi ster ( Min,Hour ) * The various detection function OSC Divider Correc -tion Div. Time Counter ( Sec,Min,Hour,Week,Day,Month,Year ) * Power supply voltage monitoring function (with selectable detection threshold ) * Stop detection function * Power-on reset detection function OSC Detect Address Decoder Address Register I/O Control * Alarm function and Timer function SCL * Timer function produces a periodic interruption signal. As for the Alarm function an optional combination is produced. (Date of the week , time , minute) SDA / INTA Interrupt Control / INTB Shift Register GND Pin Function Signal Name SCL SDA FOUT Input / output Function 1. 2. 3. 4. 5. 6. 7. Terminal connection / External dimensions RX - 8025 SA N.C. SCL FOUT N.C. 5.0 1.27 (Unit:mm) RX - 8025 NB 0.5 Input Serial clock input pin Bi-directional Data input and output pin Output 32.768 kHz clock output pin with the output control function. (C-MOS) FOE input L H /CLEN1 bit X 0 0 1 1 /CLEN2 bit X 0 1 0 1 FOUT output OFF ( LOW ) 32.768 kHz 32.768 kHz 32.768 kHz OFF(LOW ) 14. 10.1 0.2 N.C. SDA / INTB GND / INTA N.C. N.C. 1. 2. 3. 4. 5. 6. 7. 8. 9. 10. 11. FOE VDD (GND) TEST FOUT SCL SDA / INTB GND / INTA N.C. SON - 22 pin 5.0 0. 2 4.8 1.3 0.1 6.3 Max. 22. 21. 20. 19. 18. 17. 16. 15. 14. 13. 12. N.C. N.C. N.C. N.C. N.C. N.C. N.C. N.C. N.C. - - 13. 12. 11. 10. FOE / INTA / INTB TEST VDD GND Input Output Output - TEST VDD FOE 7.4 0 .2 3.2 0.1 Interrupt output A pin ( N-ch open drain ) Interrupt output B pin ( N-ch open drain ) Used by the manufacture for testing. (Do not connect externally.) Connected to a positive power supply. Connected to a ground. 9. 8. SOP - 14 pin Metal may be exposed on the top or bottom of this product. This w ill not affect any quality, reliability or electrical spec. Specifications (characteristics) . Refer to application manual for details. ! Recommended Operating Conditions Item Power voltage Clock voltage Operating temperature Symbol VDD VCLK TOPR Condition Min. 1.7 1.15 -40 Typ. 3.0 3.0 +25 Max. 5.5 5.5 +85 Unit V V C ! Current consumption characteristics Item Symbol Condition Min. VDD =5V VDD =3V Ta = -40 C to +85 C Typ. 0.60 0.48 Max. 1.80 Unit fSCL = 0Hz IBK Curent Consumption ! Frequency characteristics Item Frequency tolerance Oscillation start-up time Frequency voltage characteristics Symbol f/f Condition Ta = +25 C V DD = 3.0 V Ta = +25 C VDD = 2.0 V Ta = +25 C V DD = 2.0 V to 5.5 V Range AA: 5 5 AC: 0 5 1 Max. 1 Max. 1) 2) Unit x 10 s x 10 -6 -6 I32k FOE = GND FOUT ; output OFF(LOW) fSCL = 0Hz VDD VDD, FOE = 5.5 V = 5.5 V FOUT ; output ON ( Output=OPEN; CL = 0 pF ) A 1.20 3.0 6.5 A tSTA f/V ! Power supply detection voltage Item High-voltage mode Low-voltage mode Symbol VDETH VDETL Condition VDD pin VDD pin Min. 1.90 1.15 Ta = -30 C to +70 C Typ. 2.10 1.30 Max. 2.30 1.45 Unit V V 1) 2) Equivalent to 13 seconds of monthly deviation (excluding offset). http://www.epsontoyocom.co.jp "QMEMS" EPSON TOYOCOM In order to meet customer needs in a rapidly advancing digital, broadband and ubiquitous society, we are committed to offering products that are one step ahead of the market and a rank above the rest in quality. To achieve our goals, we follow a "3D (three device) strategy" designed to drive both horizontal and vertical growth. We will to grow our three device categories of "Timing Devices", "Sensing Devices" and "Optical Devices", and expand vertical growth through a combination of products from these categories. A Quartz MEMS is any high added value quartz device that exploits the characteristics of quartz crystal material but that is produced using MEMS (micro-electro-mechanical system) processing technology. Market needs are advancing faster than previously imagined toward smaller, more stable crystal products, but we will stay ahead of the curve by rolling out products that exceed market speed and quality requirements. We want to further accelerate the 3D strategy by QMEMS. Quartz devices have become crucial in the network environment where products are increasingly intended for broadband, ubiquitous applications and where various types of terminals can transfer information almost immediately via LAN and WAN on a global scale. Epson Toyocom Corporation addresses every single aspect within a network environment. The new corporation offers "Digital Convergence" solutions to problems arising with products for consumer use, such as, core network systems and automotive systems. PROMOTION OF ENVIRONMENTAL MANAGEMENT SYSTEM CONFORMING TO INTERNATIONAL STANDARDS At Epson Toyocom, all environmental initiatives operate under ISO 14000 is an international standard for environmental management the Plan-Do-Check-Action(PDCA) cycle designed to achieve that was established by the International Standards Organization in 1996 continuous improvements. The environmental management against the background of growing concern regarding global warming, system (EMS) operates under the ISO 14001 environmental destruction of the ozone layer and global deforestation management standard. All of our major manufacturing and non-manufacturing sites,in Japan and overseas, completed the acquisition of ISO 14001 certification. In the future, new group companies will be expected to acquire the certification around the third year of operations. WORKING FOR HIGH QUALITY In order provide high quality and reliable products and services than meet customer needs, Epson Toyocom made early efforts towards obtaining ISO9000 series certification and has acquired ISO9001 for all business establishments in Japan and abroad. We have also acquired ISO/TS 16949 certification that is requested strongly by major automotive manufacturers as standard. QS-9000 is an enhanced standard for quality assurance systems formulated by leading U.S. automobile manufacturers based on the international ISO 9000 series. ISO/TS 16949 is a global standard based on QS-9000, a severe standard corresponding to the requirements from the automobile industry. Explanation of the mark that are using it for the catalog Pb free. Complies with EU RoHS directive. Pb free terminal designed. Contains Pb in products exempted by RoHS directive. (Contains Pb in sealing glass, high melting temperature type solder or other.) Complies with EU RoHS directive. The products have been designed for high reliability applications such as Automotive. Notice This material is subject to change without notice. Any part of this material may not be reproduced or duplicated in any form or any means without the written permission of Epson Toyocom. The information, applied circuitry, programming, usage, etc., written in this material is intended for reference only. Epson Toyocom does not assume any liability for the occurrence of infringing on any patent or copyright of a third party. This material does not authorize the licensing for any patent or intellectual copyrights. Any product described in this material may contain technology or the subject relating to strategic products under the control of the Foreign Exchange and Foreign Trade Law of Japan and may require an export license from the Ministry of International Trade and Industry or other approval from another government agency. You are requested not to use the products (and any technical information furnished, if any) for the development and/or manufacture of weapon of mass destruction or for other military purposes. You are also requested that you would not make the products available to any third party who may use the products for such prohibited purposes. These products are intended for general use in electronic equipment. When using them in specific applications that require extremely high reliability, such as the applications stated below, you must obtain permission from Epson Toyocom in advance. / Space equipment (artificial satellites, rockets, etc.) / Transportation vehicles and related (automobiles, aircraft, trains, vessels, etc.) / Medical instruments to sustain life / Submarine transmitters / Power stations and related / Fire work equipment and security equipment / traffic control equipment / and others requiring equivalent reliability. In this new crystal master for Epson Toyocom, product codes and markings will remain as previously identified prior to the merger. Due to the on-going strategy of gradual unification of part numbers, please review product codes and markings, as they will change during the course of the coming months. We apologize for the inconvenience, but we will eventually have a unified part numbering system for Epson Toyocom that will be user friendly. |
Price & Availability of RX-8025NB
![]() |