Part Number Hot Search : 
101M10 TS8P05G 1N4001 27S21 74LS3 2SA1635 2SC5044 PJ3100
Product Description
Full Text Search
 

To Download MBR4045WTPBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bulletin PD-20677 rev. B 11/06
MBR4045WTPBF
SCHOTTKY RECTIFIER 40 Amp
IF(AV) = 40Amp VR = 45V
Major Ratings and Characteristics Characteristics
IF(AV) Rectangular waveform (Per Device) IFRM @ TC = 125C (Per Leg) VRRM IFSM @ tp = 5 s sine VF TJ @ 20 Apk, TJ = 125C range 40 45 1020 0.56 - 55 to 150 A V A V C
Description/ Features Units
A The MBR4045WTPBF center tap Schottky rectifier has been optimized for very low forward voltage drop, with moderate leakage. The proprietary barrier technology allows for reliable operation up to 150 C junction temperature. Typical applications are in switching power supplies, converters, free-wheeling diodes, and reverse battery protection. 150 C TJ operation Center tap TO-247 package High purity, high temperature epoxy encapsulation for enhanced mechanical strength and moisture resistance Very low forward voltage drop High frequency operation Guard ring for enhanced ruggedness and long term reliability Lead-Free ("PbF" suffix)
Values
40
Case Styles
Base Common Cathode
2
1
3 2
Anode
1
Anode
2
TO-247AC
Common Cathode
www.irf.com
1
MBR4045WTPBF
Bulletin PD-20677 rev. B 11/06
Voltage Ratings
Part number
VR Max. DC Reverse Voltage (V) 45 VRWM Max. Working Peak Reverse Voltage (V)
MBR4045WTPBF
Absolute Maximum Ratings
Parameters
IF(AV) Max.AverageForward (PerLeg) Current (PerDevice) IFRM Peak Repetitive Forward Current (Per Leg) IFSM EAS IAR Max.Peak One Cycle Non-Repetitive Surge Current ( Per Leg) See fig.7 Non-Repetitive Avalanche Energy (Per Leg) Repetitive Avalanche Current (Per Leg)
Values Units
20 40 40 1020 265 20 3 A A
Conditions
@ TC = 125C, 50% duty cycle, rectangular waveform Rated V R , square wave, 20kHz TC = 125 C 5s Sine or 3s Rect. pulse Following any rated load condition and with 10ms Sine or 6ms Rect. pulse rated V RRM applied TJ = 25 C, IAS = 3 Amps, L = 4.40 mH Current decaying linearly to zero in 1 sec Frequency limited by TJ max. VA = 1.5 x VR typical
A mJ A
Electrical Specifications
Parameters
VFM Max. Forward Voltage Drop (1) IRM Max. Instantaneus Reverse Current (1) VF(TO) Threshold Voltage rt CT LS Forward Slope Resistance Max. Junction Capacitance Typical Series Inductance
Values
0.59 0.78 0.56 0.72 1.75 50 85 0.29 10.3 900 7.5 10000
Units
V V V V mA mA mA V m pF nH V/ s @ 20A @ 40A @ 20A @ 40A
Conditions
TJ = 25 C TJ = 125 C
TJ = 25 C TJ = 100 C Rated DC voltage TJ = 125 C TJ = TJ max. VR = 5VDC (test signal range 100Khz to 1Mhz) 25C Measured from top of terminal to mounting plane (Rated VR)
(1) Pulse Width < 300s, Duty Cycle <2%
dv/dt Max. Voltage Rate of Change
Thermal-Mechanical Specifications
Parameters
TJ Tstg Max. Junction Temperature Range Max. Storage Temperature Range
Values
-55 to 150 -55 to 175 1.4 0.7 6 (0.21) Min. Max. 6 (5) 12 (10)
Units
C C
Conditions
RthJC Max. Thermal Resistance Junction to Case (Per Package) RthCS Typical Thermal Resistance Case to Heatsink wt T Approximate Weight Mounting Torque Case Style Device Marking
C/W DC operation C/W Mounting surface, smooth and greased g (oz.) Kg-cm (Ibf-in) JEDEC
TO-247AC(TO-3P) MBR4045WT
2
www.irf.com
MBR4045WTPBF
Bulletin PD-20677 rev. B 11/06
1000
1000 100
Reverse Current - I R (mA)
TJ = 150C 125C 100C 75C
10 1 0.1 0.01
50C 25C
100
Instantaneous Forward Current - I F (A)
T = 150C
J
0.001 0 10 20 30 40 Reverse Voltage - VR (V) 50
TJ = 125C TJ = 25C
Fig. 2 - Typical Values Of Reverse Current Vs. Reverse Voltage
1000
10
Junction Capacitance - C T (pF)
T = 25C J
1 0 0.4 0.8 1.2 1.6 Forward Voltage Drop - VFM (V) 2
100 0 10 20 30 40 50 Reverse Voltage - VR (V) Fig. 3 - Typical Junction Capacitance Vs. Reverse Voltage
Fig. 1 - Max. Forward Voltage Drop Characteristics
10
Thermal Impedance Z thJC (C/W)
1 D = 0.75 D = 0.50 D = 0.33 D = 0.25 D = 0.20 0.1
Notes:
PDM
t1 t2
Single Pulse (Thermal Resistance)
1. Duty factor D = t1 / t2 2. Peak T J = P DM x Z thJC + T C
0.01 0.00001
0.0001
0.001 0.01 0.1 1 t 1, Rectangular Pulse Duration (Seconds)
10
100
Fig. 4 - Max. Thermal Impedance ZthJC Characteristics
www.irf.com
3
MBR4045WTPBF
Bulletin PD-20677 rev. B 11/06
160
Allowable Case Temperature (C) Average Power Loss (Watts)
20
D = 0.20 D = 0.25 D = 0.33 D = 0.50 D = 0.75 RMS Limit DC
140
DC
15
120
Square wave (D = 0.50) Rated V applied R
10
100
see note (2)
5
80 0 5 10 15 20 25 Average Forward Current - I F(AV) (A) 30
0 0 5 10 15 20 25 30
Average Forward Current - I F(AV) (A) Fig. 6 - Forward Power Loss Characteristics
Fig. 5 - Max. Allowable Case Temperature Vs. Average Forward Current
Non-Repetitive Surge Current - I FSM (A)
1000
At Any Rated Load Condition And With Rated VRRM Applied Following Surge
100 10
100
1000
10000
Square Wave Pulse Duration - t p (microsec) Fig. 7 - Max. Non-Repetitive Surge Current
L HIGH-S PEED S CH WIT FREE-WHEEL DIODE 40HF L40S 02
+
DUT
IR P460 F R = 25 ohm g
Vd = 25 Volt
CURR ENT MONIT OR
Fig. 8 - Unclamped Inductive Test Circuit
(2) Formula used: TC = TJ - (Pd + PdREV) x RthJC ; Pd = Forward Power Loss = IF(AV) x VFM @ (IF(AV) / D) (see Fig. 6); PdREV = Inverse Power Loss = VR1 x IR (1 - D); IR @ VR1 = rated VR
4
www.irf.com
MBR4045WTPBF
Bulletin PD-20677 rev. B 11/06
Outline Table
Conform to JEDEC outline TO-247AC (TO-3P) Dimensions in millimeters and (inches)
Marking Information
EXAMPLE: THIS IS A MBR4045WT WITH ASSEMBLY LOT CODE 5657 ASSEMBLED ON WW 35, 2000 IN ASSEMBLY LINE "H"
INTERNATIONAL RECTIFIER LOGO ASSEMBLY LOT CODE
PART NUMBER
MBR4045WT
P035H
56
57
DATE CODE P = LEAD-FREE YEAR 0 = 2000 WEEK 35 LINE H
www.irf.com
5
MBR4045WTPBF
Bulletin PD-20677 rev. B 11/06
MBR4045WT ******************************************** This model has been developed by Wizard SPICE MODEL GENERATOR (1999) (International Rectifier Corporation) contains Proprietary Information ******************************************** SPICE Model Diode is composed by a simple diode plus paralled VCG2T ******************************************** .SUBCKT MBR4045WT ANO CAT D1 ANO 1 DMOD (0.07089) *Define diode model .MODEL DMOD D(IS=1.87674447387184E-04A,N=1.0815129563336,BV=51V, + IBV=0.370052071012812A,RS= 0.000482052,CJO=1.77083341686508E-08, + VJ=2.63120433908928,XTI=2, EG=0.680665296447736) ******************************************** *Implementation of VCG2T VX 1 2 DC 0V R1 2 CAT TRES 1E-6 .MODEL TRES RES(R=1,TC1=30.266567848718) GP1 ANO CAT VALUE={-ABS(I(VX))*(EXP((((-2.374754E-03/30.26657)*((V(2,CAT)*1E6)/(I(VX)+1E-6)1))+1)*6.049001E-02*ABS(V(ANO,CAT)))-1)} ******************************************** .ENDS MBR4045WT Thermal Model Subcircuit .SUBCKT MBR4045WT 5 1 CTHERM1 CTHERM2 CTHERM3 CTHERM4 RTHERM1 RTHERM2 RTHERM1 RTHERM1 5 4 3 2 5 4 3 2 4 3 2 1 4 3 2 1 8.75E-01 1.19E+01 7.69E+01 4.98E+02 1.00E-04 7.15E-01 5.30E-01 1.50E-01
.ENDS MBR4045WT
6
www.irf.com
MBR4045WTPBF
Bulletin PD-20677 rev. B 11/06
Ordering Information Table
Device Code
MBR
1
40
2
45
3
WT
4
PbF
5
1 2 3 4
-
Schottky MBR Series Currrent Rating (40 = 40A) Voltage Rating (45 = 45V) Circuit Configuration : Center Tap (Dual) TO-247 none = Standard Production PbF = Lead-Free
5
Data and specifications subject to change without notice. This product has been designed and qualified for Industrial Level and Lead-Free. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7309 Visit us at www.irf.com for sales contact information. 11/06
www.irf.com
7


▲Up To Search▲   

 
Price & Availability of MBR4045WTPBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X