Part Number Hot Search : 
MAX44 BFXXXX ANT24 AM28F SB330S 00159 T1010 ML4823MJ
Product Description
Full Text Search
 

To Download 2SD2148 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SD2148
DESCRIPTION With TO-3PML package High voltage ,high speed Low collector saturation voltage APPLICATIONS High speed switching power supply output applications PINNING
PIN 1 2 3 DESCRIPTION Base Collector Emitter Fig.1 simplified outline (TO-3PML) and symbol
Absolute maximum ratings (Ta=25ae )
SYMBOL VCBO VCEO VEBO IC ICM IB PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current-peak Base current Collector power dissipation Junction temperature Storage temperature TC=25ae Open emitter Open base Open collector CONDITIONS VALUE 1500 700 5 8 16 4 50 150 -55~150 ae ae UNIT V V V A A A W
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER CONDITIONS MIN
2SD2148
SYMBOL
TYP.
MAX
UNIT
V(BR)CEO
Collector-emitter breakdown voltage
IC=5mA , IB=0
700
V
V(BR)EBO VCE(sat)
Emitter-base breakdown voltage
IE=1mA , IC=0 IC=7A ;IB=1.4A
5
V
Collector-emitter saturation voltage
5.0
V
VBE(sat)
Base-emitter saturation voltage
IC=7A ;IB=1.4A
1.5
V
ICBO
Collector cut-off current
VCB=800V; IE=0
10
|I
A
IEBO
Emitter cut-off current
VEB=5V; IC=0
10
|I
A
hFE-1
DC current gain
IC=1A ; VCE=5V
8
hFE-2
DC current gain
IC=7A ; VCE=5V
4
2
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SD2148
Fig.2 outline dimensions(unindicated tolerance:A
0.10 mm)
3


▲Up To Search▲   

 
Price & Availability of 2SD2148

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X