Part Number Hot Search : 
132M400A SMBJ36CA BZX55C47 SB807 OLG211 E2955 TCST1300 VIPER50B
Product Description
Full Text Search
 

To Download IRFPS37N50A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IRFPS37N50A, SiHFPS37N50A
Vishay Siliconix
Power MOSFET
PRODUCT SUMMARY
VDS (V) RDS(on) (Max.) () Qg (Max.) (nC) Qgs (nC) Qgd (nC) Configuration VGS = 10 V 180 46 71 Single
D
FEATURES
500 0.13
* Low Gate Charge Qg Results in Simple Drive Requirement * Improved Gate, Avalanche and Dynamic dV/dt Ruggedness
Available
RoHS*
COMPLIANT
* Fully Characterized Capacitance and Avalanche Voltage and Current * Effective Coss Specified * Lead (Pb)-free Available
SUPER-247TM
APPLICATIONS
G S D G S N-Channel MOSFET
* Switch Mode Power Supply (SMPS) * Uninterruptible Power Supply * High Speed Power Switching
TYPICAL SMPS TOPOLOGIES
* Full Bridge Converters * Power Factor Correction Boost
ORDERING INFORMATION
Package Lead (Pb)-free SnPb SUPER-247TM IRFPS37N50APbF SiHFPS37N50A-E3 IRFPS37N50A SiHFPS37N50A
ABSOLUTE MAXIMUM RATINGS TC = 25 C, unless otherwise noted
PARAMETER Drain-Source Voltage Gate-Source Voltage Continuous Drain Current Pulsed Drain Currenta Linear Derating Factor Single Pulse Avalanche Energyb Repetitive Avalanche Currenta Repetitive Avalanche Energya Maximum Power Dissipation Peak Diode Recovery dV/dtc Operating Junction and Storage Temperature Range Soldering Recommendations (Peak Temperature) for 10 s Notes a. Repetitive rating; pulse width limited by maximum junction temperature (see fig. 11). b. Starting TJ = 25 C, L = 1.94 mH, RG = 25 , IAS = 36 A (see fig. 12). c. ISD 36 A, dI/dt 145 A/s, VDD VDS, TJ 150 C. d. 1.6 mm from case. * Pb containing terminations are not RoHS compliant, exemptions may apply Document Number: 91258 S-81368-Rev. B, 21-Jul-08 www.vishay.com 1 TC = 25 C EAS IAR EAR PD dV/dt TJ, Tstg VGS at 10 V TC = 25 C TC = 100 C SYMBOL VDS VGS ID IDM LIMIT 500 30 36 23 144 3.6 1260 36 44 446 3.5 - 55 to + 150 300d W/C mJ A mJ W V/ns C A UNIT V
IRFPS37N50A, SiHFPS37N50A
Vishay Siliconix
THERMAL RESISTANCE RATINGS
PARAMETER Maximum Junction-to-Ambient Case-to-Sink, Flat, Greased Surface Maximum Junction-to-Case (Drain) SYMBOL RthJA RthCS RthJC TYP. 0.24 MAX. 40 0.28 C/W UNIT
SPECIFICATIONS TJ = 25 C, unless otherwise noted
PARAMETER Static Drain-Source Breakdown Voltage Gate-Source Threshold Voltage Gate-Source Leakage Zero Gate Voltage Drain Current Drain-Source On-State Resistance Forward Transconductance Dynamic Input Capacitance Output Capacitance Reverse Transfer Capacitance Output Capacitance Effective Output Capacitance Total Gate Charge Gate-Source Charge Gate-Drain Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Drain-Source Body Diode Characteristics Continuous Source-Drain Diode Current Pulsed Diode Forward Currenta Body Diode Voltage Body Diode Reverse Recovery Time Body Diode Reverse Recovery Charge Forward Turn-On Time IS ISM VSD trr Qrr ton MOSFET symbol showing the integral reverse p - n junction diode
D
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
VDS VGS(th) IGSS IDSS RDS(on) gfs Ciss Coss Crss Coss Coss eff. Qg Qgs Qgd td(on) tr td(off) tf
VGS = 0 V, ID = 250 A VDS = VGS, ID = 250 A VGS = 30 V VDS = 500 V, VGS = 0 V VDS = 400 V, VGS = 0 V, TJ = 150 C VGS = 10 V ID = 22 Ab Ab VDS = 50 V, ID = 22
500 2.0 20
-
4.0 100 25 250 0.13 -
V V nA A S
VGS = 0 V, VDS = 25 V, f = 1.0 MHz, see fig. 5 VDS = 1.0 V , f = 1.0 MHz VGS = 0 V VDS = 400 V , f = 1.0 MHz VDS = 0 V to 400 V VGS = 10 V ID = 36 A, VDS = 400 V, see fig. 6 and 13b
-
5579 810 36 7905 221 400 23 98 52 80
180 46 71 ns nC pF
VDD = 250 V, ID = 36 A, RG = 2.15 , RD = 7.0 , see fig. 10b
-
-
570 8.6
36 A 144 1.5 860 13 V ns C
G
S
TJ = 25 C, IS = 36 A, VGS = 0 Vb TJ = 25 C, IF = 36 A, dI/dt = 100 A/sb
Intrinsic turn-on time is negligible (turn-on is dominated by LS and LD)
Notes a. Repetitive rating; pulse width limited by maximum junction temperature (see fig. 11). b. Pulse width 300 s; duty cycle 2 %. c. Coss eff. is a fixed capacitance that gives the same charging time as Coss while VDS is rising from 0 to 80 % VDS.
www.vishay.com 2
Document Number: 91258 S-81368-Rev. B, 21-Jul-08
IRFPS37N50A, SiHFPS37N50A
Vishay Siliconix
TYPICAL CHARACTERISTICS 25 C, unless otherwise noted
1000
VGS 15V 10V 8.0V 7.0V 6.0V 5.5V 5.0V BOTTOM 4.5V TOP
1000
I D , Drain-to-Source Current (A)
100
I D , Drain-to-Source Current (A)
100
TJ = 150 C
10
TJ = 25 C
10
1
4.5V
0.1 0.1
20s PULSE WIDTH TJ = 25 C
1 10 100
1 4.0
V DS = 50V 20s PULSE WIDTH 5.0 6.0 7.0 8.0 9.0
VDS , Drain-to-Source Voltage (V)
Fig. 1 - Typical Output Characteristics
VGS , Gate-to-Source Voltage (V)
Fig. 3 - Typical Transfer Characteristics
100
TOP
RDS(on) , Drain-to-Source On Resistance (Normalized)
I D , Drain-to-Source Current (A)
VGS 15V 10V 8.0V 7.0V 6.0V 5.5V 5.0V BOTTOM 4.5V
3.0
ID = 36A
2.5
2.0
10
1.5
4.5V
1.0
0.5
1 0.1
20s PULSE WIDTH TJ = 150 C
1 10 100
0.0 -60 -40 -20
VGS = 10V
0 20 40 60 80 100 120 140 160
VDS , Drain-to-Source Voltage (V)
Fig. 2 - Typical Output Characteristics
TJ , Junction Temperature ( C)
Fig. 4 - Normalized On-Resistance vs. Temperature
Document Number: 91258 S-81368-Rev. B, 21-Jul-08
www.vishay.com 3
IRFPS37N50A, SiHFPS37N50A
Vishay Siliconix
100000
C, Capacitance (pF)
10000
C iss
ISD , Reverse Drain Current (A)
V GS = 0V, f = 1MHz C iss = C gs + C gd, C dsSHORTED C rss = C gd C oss = C ds + C gd
1000
100
TJ = 150 C
10
1000
C oss
TJ = 25 C
1
100
Crss
10 1 10 100 1000
A
0.1 0.2
V GS = 0 V
0.4 0.6 0.8 1.0 1.2 1.4
VDS , Drain-to-Source Voltage (V)
Fig. 5 - Typical Capacitance vs. Drain-to-Source Voltage
VSD ,Source-to-Drain Voltage (V)
Fig. 7 - Typical Source-Drain Diode Forward Voltage
20
ID = 36A VDS = 400V VDS = 250V VDS = 100V
1000
VGS , Gate-to-Source Voltage (V)
OPERATION IN THIS AREA LIMITED BY RDS(on)
16
ID , Drain Current (A)
100
10us
12
100us
8
10
1ms
4
0 0 40 80
FOR TEST CIRCUIT SEE FIGURE 13
120 160 200
1
TC = 25 C TJ = 150 C Single Pulse
10 100
10ms
1000
10000
QG , Total Gate Charge (nC) Fig. 6 - Typical Gate Charge vs. Gate-to-Source Voltage
VDS , Drain-to-Source Voltage (V)
Fig. 8 - Maximum Safe Operating Area
www.vishay.com 4
Document Number: 91258 S-81368-Rev. B, 21-Jul-08
IRFPS37N50A, SiHFPS37N50A
Vishay Siliconix
40
VGS RG
VDS
RD
D.U.T. + - VDD
ID , Drain Current (A)
30
10 V
Pulse width 1 s Duty factor 0.1 %
20
Fig. 10a - Switching Time Test Circuit
VDS
10
90 %
0 25 50 75 100 125 150
TC , Case Temperature ( C)
Fig. 9 - Maximum Drain Current vs. Case Temperature
10 % VGS td(on) tr td(off) tf
Fig. 10b - Switching Time Waveforms
1
Thermal Response (Z thJC )
D = 0.50 0.1 0.20 0.10 0.05 0.02 0.01 PDM SINGLE PULSE (THERMAL RESPONSE) t1 t2 Notes: 1. Duty factor D = t 1 / t 2 2. Peak T J = P DM x Z thJC + TC 0.0001 0.001 0.01 0.1 1
0.01
0.001 0.00001
t1 , Rectangular Pulse Duration (sec)
Fig. 11 - Maximum Effective Transient Thermal Impedance, Junction-to-Case
VDS
15 V
tp
VDS
L
Driver
RG 20 V tp
D.U.T. IAS 0.01
+ A - VDD
IAS
Fig. 12a - Unclamped Inductive Test Circuit
Fig. 12b - Unclamped Inductive Waveforms
Document Number: 91258 S-81368-Rev. B, 21-Jul-08
www.vishay.com 5
IRFPS37N50A, SiHFPS37N50A
Vishay Siliconix
580
EAS , Single Pulse Avalanche Energy (mJ)
3000
2500
BOTTOM
V DSav , Avalanche Voltage (V)
TOP
ID 16A 23A 36A
560
2000
1500
540
1000
520
500
0 25 50 75 100 125 150
500 0 10 20 30 40
A
Starting TJ , Junction Temperature ( C)
Fig. 12c - Maximum Avalanche Energy vs. Drain Current
I av , Avalanche Current (A)
Fig. 12d - Maximum Avalanche Energy vs. Drain Current
Current regulator Same type as D.U.T.
50 k
12 V
10 V QGS
QG
0.2 F
0.3 F
QGD D.U.T.
+ -
VDS
VG
VGS
3 mA
Charge
IG ID Current sampling resistors
Fig. 13a - Basic Gate Charge Waveform
Fig. 13b - Gate Charge Test Circuit
www.vishay.com 6
Document Number: 91258 S-81368-Rev. B, 21-Jul-08
IRFPS37N50A, SiHFPS37N50A
Vishay Siliconix
Peak Diode Recovery dV/dt Test Circuit
D.U.T
+
Circuit layout considerations * Low stray inductance * Ground plane * Low leakage inductance current transformer
+ +
-
RG
* * * *
dV/dt controlled by RG Driver same type as D.U.T. ISD controlled by duty factor "D" D.U.T. - device under test
+ VDD
Driver gate drive P.W. Period D=
P.W. Period VGS = 10 V*
D.U.T. ISD waveform Reverse recovery current Body diode forward current dI/dt D.U.T. VDS waveform Diode recovery dV/dt
VDD
Re-applied voltage Inductor current
Body diode forward drop
Ripple 5 %
ISD
* VGS = 5 V for logic level devices
Fig. 14 - For N-Channel
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and reliability data, see http://www.vishay.com/ppg?91258.
Document Number: 91258 S-81368-Rev. B, 21-Jul-08
www.vishay.com 7
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of IRFPS37N50A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X