Part Number Hot Search : 
X9317WS8 MT48L L78L20AB 6J1913 E472M BUK95 T2222 MAD23051
Product Description
Full Text Search
 

To Download LT0323-41-URC1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LT0323-41-URC1
Features
InGaN TECHNOLOGY HIGH POWER OUTPUT NARROW VIEW ANGLE FOR MAXIMUM LIGHT OUTPUT
3.0MM ROUND LAMP
Absolute Maximum Ratings at TA=25
REVERSE VOLTAGE (<50A)....................................................................................... 5.0V D.C. FORWARD CURRENT.......................................................................................... 20mA PULSE CURRENT (1/10 DUTY CYCLE,0.1 ms PULSE WIDTH)........................................ 100 mA OPERATING TEMPERATURE RANGE......................................................... -25 TO + 85 STORAGE TEMPERATURE RANGE.......................................................... -25 TO +100 LEAD SOLDERING TEMP. (1.6mm FROM BODY)................................ 260 FOR 5 SEC. ELECTROSTATIC DISCHARGE THRESHOLD (HBM) .................................................... 1000 V
Precautions:
These products are sensitive to static electricity; high standard of care must be fully taken when handling them. Particularly if an over-voltage that exceeds the Absolute Maximum Rating of these products were applied, the overflow energy will cause damage to and possibly result in destruction of these products. Buyer shall take absolute secure countermeasures against static electricity and surge when handling these products.
Electrical/Optical Characteristics at TA=25
LED CHIP PART NUMBER MATERIAL LT0323-41-URC1 InGaN EMITTING COLOR BLUISH GREEN LENS COLOR W.C. WAVELENGTH TYP. IF @20mA (nm) d 50510 FORWARD VOLTAGE @20mA(V) TYP. 3.6 MAX. 4.0 LUMINOUS VIEW INTENSITY ANGLE @20mA(mcd) 21/2 (deg) MIN. TYP. 700 1200 20
(1) LENS COLOR: W.C....WATER CLEAR
(2) (3)
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE. ALL ABOVE COMPONENTS ARE CONSIDERED. DEVIATIONS FROM STATED SPECIFICATIONS WILL REQUIRE A NEW PART NUMBER BE ASSIGNED.
Package Dimensions
Radiation Pattern
1. ALL DIMENSIONS ARE IN mm, TOLERANCE IS 0.25mm UNLESS OTHERWISE NOTED. 2. AN EPOXY MENISCUS MAY EXTEND ABOUT 1.0mm DOWN THE LEADS. 3. BURR AROUND BOTTOM OF EPOXY BODY MAY BE 0.5mm MAX.
First Edition
2002/5/20 1/2
LT0323-41-URC1
Forward Current vs. Applied Voltage
3.0MM ROUND LAMP
Luminous Intensity vs. Forward Current
Forward Current vs. Ambient Temperature
Relative Intensity vs. Wavelength
2/2


▲Up To Search▲   

 
Price & Availability of LT0323-41-URC1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X