Part Number Hot Search : 
25HCU04A B655M MAX6854 TLOE1 SMBTA64 FR2528 MC10EP11 07523
Product Description
Full Text Search
 

To Download 2SA1980UF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
General Small Signal Amplifier 2SA1980UF
Transistors IC
Features
Low collector saturation voltage. Low output capacitance.
1 Emitter 2 Base 3 Collector
Absolute Maximum Ratings Ta = 25
Parameter Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector dissipation Junction temperature Storage temperature Symbol VCBO VCEO VEBO IC PC Tj Tstg Rating -50 -50 -5 -150 200 150 -55 to +150 Unit V V V mA mW
Electrical Characteristics Ta = 25
Parameter Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector cutoff current Emitter cutoff current DC current transfer ratio Collector-emitter saturation voltage Transition frequency Output capacitance Noise figure Symbol BVCBO BVCEO BVEBO ICBO IEBO hFE Testconditons IC=-100iA, IE=0 IC=-1mA, IB=0 IE=-10iA, IC=0 VCB=-50V, IE=0 VEB=-5V, IC=0 VCE=-6V, IC=-2mA 70 Min -50 -50 -5 -0.1 -0.1 700 -0.3 80 4 7 10 V MHz pF dB Typ Max Unit V V V iA iA
VCE(sat) IC=-100mA, IB=-10mA fT Cob NF VCE=-10V, IC=-1mA VCB=-10V, IE=0, f=1MHz VCE=-6V,IC=-0.1mA,f=1KHz,Rg=10KU
hFE Classification
Marking Rank hFE O 70 140 Y 120 240 C G 200 400 L 300 700
www.kexin.com.cn
1


▲Up To Search▲   

 
Price & Availability of 2SA1980UF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X