Part Number Hot Search : 
TGP210 TDA111 PMFR5002 1N985B 54LS257 VD9P200E OPB940W D1975
Product Description
Full Text Search
 

To Download X700M111202 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Absolute encoders - SSI
EX approval ATEX EEx d IIC T6 Single- and multiturn encoder 14 bit ST / 12 bit MT
X 700 - SSI
Features - Encoder single- or multiturn / SSI / ATEX - Optical sensing - Resolution: singleturn 14 bit, multiturn 12 bit - Clamping flange / shaft o10 mm - Explosion protection per EEx d IIC T6 - Area of application: EX I/II 2 GD / ATEX 133213X - Device class 2 / zone 1 (gas), zone 21 (dust) - Electronic setting of zero point - Counting direction input
X 700 with clamping flange Technical data - electrical ratings Voltage supply Consumption w/o load Initializing time (typ.) Interface Steps per turn Number of turns Absolute accuracy Sensing method Code Code sequence Inputs 10...30 VDC 50 mA (24 VDC) 20 ms after power on SSI 16384 / 14 bit 4096 / 12 bit 0.025 Optical Gray or binary CW/CCW coded by connection SSI clock Control signals UP/DOWN and zero SSI data linedriver RS485 Diagnostic outputs push-pull DIN EN 61000-6-2 DIN EN 61000-6-4 Self-diagnosis Code continuity check Multiturn sensing UL approval / E301461 Weight approx. E-connection Reverse polarity protection Yes Technical data - mechanical design Housing Shaft Flange Protection DIN EN 60529 Operating speed Starting torque Admitted shaft load Materials Operating temperature Relative humidity Resistance o70 mm o10 mm (clamping flange) Clamping flange IP 67 6000 rpm (mechanical) 6000 rpm (electric) 0.4 Nm 60 N axial 50 N radial Housing: stainless steel Flange: stainless steel -25...+60 C 95 % non-condensing
Subject to modification in technic and design. Errors and omissions excepted. 29/10/2008
Output circuit Interference immunity Emitted interference Diagnostic functions
DIN EN 60068-2-6 Vibration 10 g, 16-2000 Hz DIN EN 60068-2-27 Shock 200 g, 6 ms 1300 g Cable 2 m (other length upon request)
Approval
1
www.baumerivo.com
EX approval ATEX EEx d IIC T6 Single- and multiturn encoder 14 bit ST / 12 bit MT
Absolute encoders - SSI
X 700 - SSI
Part number Singleturn X 700. A 1 12 02 Multiturn X 700. M 1 12 02
E-connection 12 Cable 2 m, axial Voltage supply / signals 0 10...30 VDC / gray code 13 bit 2 10...30 VDC / binary code 13 bit Flange / Shaft 1 Clamping flange / o10 mm IP 67 Design A Singleturn Data transfer tp T=1/f clock data tv
bit n bit n-1 bit 3 bit 2 bit 1
E-connection 12 Cable 2 m, axial Voltage supply / signals 1 10...30 VDC / gray code 25 bit 2 10...30 VDC / binary code 25 bit 4 10...30 VDC / gray code 24 bit Flange / Shaft 1 Clamping flange / o10 mm IP 67 Design M Multiturn
tm
Clock frequency f Scan ratio of T Time lag tv Monoflop time tm Clock interval tp
62.5...1500 kHz 40...60 % 150 ns 25 s + T/2 30 s
Subject to modification in technic and design. Errors and omissions excepted.
2
www.baumerivo.com
29/10/2008
Absolute encoders - SSI
EX approval ATEX EEx d IIC T6 Single- and multiturn encoder 14 bit ST / 12 bit MT
X 700 - SSI
Terminal significance UB GND Data+ DataClock+ Encoder voltage supply. Encoder ground connection relating to UB. Positive, serial data output of differential linedriver. Negative, serial data output of differential linedriver. Positive SS clock input. Clock+ together with clock- forms a current loop. A current of approx. 7 mA towards clock+ input means logic 1 in positive logic. Negative SSI clock input. Clock- together with clock+ forms a current loop. A current of approx. 7 mA towards clock- input means logic 0 in positive logic. Input for setting a zero point anywhere within the programmed encoder resolution. The zero setting operation is triggered by a High impulse and has to be in line with the selected direction of rotation (UP/DOWN). Connect to GND after setting operation for maximum interference immunity. Impulse duration >100 ms. Diagnostic output. An error warning is given at level Low. Important: Interferences must be drained by the downstram electronics. Terminal assignment Core colour Assignment brown white green grey blue pink yellow black red violet Trigger level SSI SSI-Clock SSI-Data Control inputs Input level High Input level Low Input resistance Output Output level High Output level Low Load High Load Low Circuit Optocoupler Linedriver RS485 Input circuit >0.7 UB <0.3 UB 10 k Linedriver RS422 >2.5 V (I = -20 mA) <0.5 V (I = 20 mA) <20 mA <20 mA
Subject to modification in technic and design. Errors and omissions excepted.
UB GND Clock+ Data+ Zero setting DataClockDATAVALID UP/DOWN DATAVALID MT
Clock-
Zero setting
DATAVALID
DATAVALID MT Diagnostic output for monitoring the multiturn sensor voltage supply. Upon dropping below a defined voltage level the DV MT output is switched to Low. UP/DOWN UP/DOWN counting direction input. This input is standard on High. UP/DOWN means ascending output data with clockwise shaft rotation when looking at flange. UP/DOWN-Low means ascending values with counterclockwise shaft rotation when looking at flange.
3
www.baumerivo.com
29/10/2008
EX approval ATEX EEx d IIC T6 Single- and multiturn encoder 14 bit ST / 12 bit MT
Absolute encoders - SSI
X 700 - SSI
Dimensions ~40 o50 M5x10 (6x60) 68 10 (21.5) 20 15
o10 g6
o40 g6
o30
3 3
o64 o70
9.5
4
www.baumerivo.com
29/10/2008
Subject to modification in technic and design. Errors and omissions excepted.


▲Up To Search▲   

 
Price & Availability of X700M111202

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X