Part Number Hot Search : 
74AC24 TR300 LP295 B9422 CGRC507 MM1100 6ESRFC3 1N5248
Product Description
Full Text Search
 

To Download VS-505-LFF-HBAN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VS-505
Single Frequency VCSO
Features
* Industry Standard Package, 9.1 x 13.8 x 3.7 mm * 5th Generation ASIC Technology for Ultra Low Jitter 120 fs-rms (fN = 622.08 MHz, 12 kHz to 20 MHz) 105 fs-rms (fN = 622.08 MHz, 50 kHz to 80 MHz) * Output Frequencies from 122.88 MHz to 1.00 GHz * Spurious Suppression, 90 dBc Typical * 2.5V or 3.3V Supply Voltage * LVPECL or LVDS Output Configurations * Tri-State Output Select (OD, OS, OE) * Compliant to EC RoHS Directive Pb
Applications
PLL circuits for Clock Smoothing and Frequency Translation Description * 1-2-4 Gigabit Fibre Channel * 10 Gigabit Fibre Channel * 10GbE LAN / WAN * Synchronous Ethernet * OC-192 * SONET / SDH * WiMax Standard INCITS 352-2002 INCITS 364-2003 IEEE 802.3ae ITU-T G.8261 ITU-T G.709 GR-253-CORE Issue3 IEEE 802.16
Vcc
COutput
Output
Description
The VS-505 is a Voltage Controlled SAW Oscillator that operates at the fundamental frequency of the internal SAW filter. The SAW filter is a high-Q Quartz device that enables the circuit to achieve low phase jitter performance over a wide operating temperature range. A divider circuit is deployed for output frequencies less than 491.52 MHz. The oscillator is housed in a hermetically sealed leadless surface mount package and offered on tape and reel. It has a tri-state Output Select function that provides one of three conditions: Output Disable, Output Set, or Output Enable.
SAW
LVPECL LVDS 1 X
X=1,2,4
Vc
OSelect
Gnd
Vectron International, 267 Lowell Road, Hudson, NH 03051 Page 1 of 9
Tel: 1-88-VECTRON-1 * Web: www.vectron.com Rev: 05Nov2008
VS-505 Single Frequency VCSO
Electrical Performance: 3.3V LV-PECL
Parameter Frequency
Nominal Frequency Absolute Pull Range Linearity Gain Transfer Temperature Stability fN APR Lin KV fSTAB VCC ICC ICC 120 50 7 +445 100 2.97 3.3 73 60 VCC-1.3 750 1.5 180 180 50 90 150 190 280 123 472 200 -40 9.1 x 13.8 x 3.7 +85 3.63 75 VCC-1.1 1000 MHz ppm % ppm/V ppm V mA mA mV mV-pp V-pp mA ps-pp ps-pp % dBc fs-rms fs-rms fs-rms k k kHz C mm 1,2,3 1,2,3,9 2,4,9 2,9 1,7 2,3 3 3 2,3 2,3 2,3 7 6,7 6,7 2,3 7 7,8 7,8 7,8 7 7 7 1,3
Symbol
Minimum
Typical
Maximum
Units
Notes
Supply
Voltage ( 10%) Current (Typical 50 Load) Current (No Load)
Outputs
Mid Level Single Ended Swing Differential Swing Current Rise Time Fall Time Symmetry Spurious Suppression Jitter (>491.52 MHz to <985.0 MHz) Jitter (>245.76 MHz to <425.0 MHz) Jitter (>122.88 MHz to <212.5 MHz) VCC-1.5
IOUT tR tF SYM J J J ZC ZC BW TOP
45 85
20 250 250 55
Control Voltage
Input Impedance (Output Enabled) Input Impedance (Output Disabled) Modulation Bandwidth
Operating Temperature Package Size
1. See Standard Frequencies and Ordering Information (Pg 8). 2. Parameters are tested with production test circuit (Pg 3). 3. Parameters are tested at ambient temperature with test limits guard-banded for specified operating temperature. 4. Measured as the maximum deviation from the best straight-line fit, per MIL-0-55310. 5. The Vc Model is described below (Fig 1). 6. Parameters are described with waveform diagram below (Fig 2). 7. Not tested in production, guaranteed by design, verified at qualification. 8. For Frequencies >491.52 MHz, Jitter is Integrated across 50 kHz to 80 MHz. For Frequencies <425.00 MHz, Jitter is Integrated across 12 kHz to 20 MHz. (Both per GR-253-CORE Issue3). 9. Tested with Vc = 0.3V to 3.0V.
SYM = 100 x tA / tB tR 123k Vc 3pF 80% tF Vcc-1.1V Vcc=+2V
+ -
1.65V 20%
Vcc-1.3V
Vcc-1.5V tA tB
Figure 1. Vc Model - Output Enabled
Vectron International, 267 Lowell Road, Hudson, NH 03051 Page 2 of 9
Figure 2. 10K LV-PECL Waveform
Tel: 1-88-VECTRON-1 * Web: www.vectron.com Rev: 05Nov2008
VS-505 Single Frequency VCSO
Absolute Maximum Ratings
Parameter Power Supply Input Current Output Current Voltage Control Range Output Select Storage Temperature Soldering Temperature / Duration Symbol VCC IIN IOUT VC OSelect TSTR TPEAK / t P Ratings 0 to 6 100 25 0 to VCC 0 to VCC -55 to 125 260 / 40 Unit V mA mA V V C C / sec
Stresses in excess of the absolute maximum ratings can permanently damage the device. Also, exposure to these absolute maximum ratings for extended periods may adversely affect device reliability. Functional operation is not implied at these or any other conditions in excess of those represented in the operational sections of this datasheet. Permanent damage is also possible if any device input (Vc or OS) draws >100 mA.
Test Circuits & Output Load Configurations
+3.3V Vc (-3.00V to -0.30V) 0.10 F OSelect 0.01 F Vc OSelect Gnd Vcc COutput Output 0.01 F 0.01 F + + H (-0.55V to 0.00V) M (-1.90V to -1.40V) L (-3.30V to -2.75V) +2.0V 0.10 F 0.01 F Vcc COutput Output Or 0.01 F 0.01 F 10K
1 2 3
6 5 4
Vc
1 2 3
6 5 4
OSelect Vee -1.3V
240
240
10K
Functional Test: Allows use of standard power supply biasing configuration. Pull down resistors are used for LV-PECL outputs and are removed for with LVDS outputs. Since the LVDS outputs are AC coupled, the output DC levels cannot be measured.
V DMV Production Test: DC levels shown for Vee, OSelect, & Vc are for devices configured for 3.3V operation. Vee LV-PECL outputs are DC coupled to 50 test equipment. LVDS outputs are connected to a digital volt meter, then AC coupled to the test equipment. The digitial volt meter allows for Mid Level & Swing measurements.
+3.3V 0.10 F 0.01 F Vc OSelect Gnd Vcc COutput Output Z = 50 Z = 50 100 Vc OSelect Gnd
+3.3V 0.10 F 0.01 F Vcc COutput Output Z = 50 Z = 50 100
1 2 3
6 5 4
1 2 3
6 5 4
240
240
LV-PECL to LV-PECL: For short transmission lengths, the pull down resistor values shown provide reasonable power consumption and waveform performance.
LVDS to LVDS: The 100 resistor should be removed if this load is provided internally within the LVDS receiver.
Vectron International, 267 Lowell Road, Hudson, NH 03051 Page 3 of 9
Tel: 1-88-VECTRON-1 * Web: www.vectron.com Rev: 05Nov2008
VS-505 Single Frequency VCSO
Typical Characteristics: Vc Pull
900 800 700 600 500 400 850.00 622.08 491.52 425.00 311.04 245.76 212.50 155.52 122.88
Frequency (ppm)
300 200 100 0 -100 -200 -300 -400 -500 -600 -700 0.00
Kv = 459 ppm/V Kv = 443 ppm/V Kv = 458 ppm/V
TPull = 1240 ppm TPull = 1150 ppm TPull = 1258 ppm
0.30
0.60
0.90
1.20
1.50
1.80
2.10
2.40
2.70
3.00
3.30
Control Voltage (V)
10% 8% 6% 4% 850.00 622.08 491.52 425.00 311.04 245.76 212.50 155.52 122.88
Max (0.3V to 3.0V) = 3.32% Min (0.3V to 3.0V) = -6.19%
Vc Linearity (%)
2% 0% -2% -4% -6% -8% -10% 0.30
0.60
0.90
1.20
1.50
1.80
2.10
2.40
2.70
3.00
Control Voltage (V)
Vectron International, 267 Lowell Road, Hudson, NH 03051 Page 4 of 9
Tel: 1-88-VECTRON-1 * Web: www.vectron.com Rev: 05Nov2008
VS-505 Single Frequency VCSO
Typical Characteristics: Phase Noise & Jitter
-20
Jitter (fs-rms)
-30 -40 -50 -60 -70
L(f) (dBc/Hz)
Agilent E5052B Frequency 12K-20M 50K-40M 50K-80M 850.00 104.7 67.3 83.7 622.08 116.3 79.0 100.5 491.25 128.8 106.3 140.6 425.00 142.9 160.0 217.8 311.04 169.2 183.7 255.0 245.76 185.1 218.9 212.50 205.0 258.4 155.52 235.3 300.5 122.88 275.1 360.5
Fund
Div2
Div4
-80 -90 -100 -110 -120 -130 -140 -150 -160 10 100 1,000 10,000 100,000 1,000,000 10,000,000
850.00 622.08 491.52 425.00 311.04 245.76 212.50 155.52 122.88 12K 20M 50K 80M
100,000,000
Offset (Hz)
Vectron International, 267 Lowell Road, Hudson, NH 03051 Page 5 of 9
Tel: 1-88-VECTRON-1 * Web: www.vectron.com Rev: 05Nov2008
VS-505 Single Frequency VCSO
Reliability
VI qualification includes aging at various extreme temperatures, shock and vibration, temperature cycling, and IR reflow simulation. The VS-505 family is capable of meeting the following qualification tests:
Environmental Compliance
Parameter Mechanical Shock Mechanical Vibration Solderability Gross and Fine Leak Resistance to Solvents Moisture Sensitivity Level Conditions MIL-STD-883, Method 2002 MIL-STD-883, Method 2007 MIL-STD-883, Method 2003 MIL-STD-883, Method 1014 MIL-STD-883, Method 2016 IPC/JEDEC J-STD-020, MSL1
Handling Precautions
Although ESD protection circuitry has been designed into the VS-505 proper precautions should be taken when handling and mounting. VI employs a human body model (HBM) and a charged-device model (CDM) for ESD susceptibility testing and design protection evaluation.
ESD Ratings
Model Human Body Model Charged Device Model Machine Model Minimum 2000 V 1000 V 200 V Conditions MIL-STD 883, Method 3015 JEDEC, JESD22-C101 JEDEC, JESD22-A115-A
Reflow Profile (IPC/JEDEC J-STD-020)
Parameter PreHeat Time Ramp Up Time Above 217 oC Time To Peak Temperature Time At 260 oC Ramp Down Symbol tS R UP tL t AMB-P tP R DN
260
Value 60 sec Min, 180 sec Max 3 oC/sec Max 60 sec Min, 150 sec Max 480 sec Max 20 sec Min, 40 sec Max 6 oC/sec Max tL R UP
Temperature (DegC)
217 200 150
The VS-505 is qualified to meet the JEDEC standard for Pb-Free assembly. The temperatures and time intervals listed are based on the Pb-Free small body requirements. The temperatures refer to the topside of the package, measured on the package body surface. The VS-505 should not be subjected to a wash process that will immerse it in solvents. NO CLEAN is the recommended procedure. The VS-505 has been designed for pick and place reflow soldering. The VS-505 may be reflowed once and should not be reflowed in the inverted position.
tP R DN
tS t AMB-P
25
Time (sec)
Vectron International, 267 Lowell Road, Hudson, NH 03051 Page 6 of 9
Tel: 1-88-VECTRON-1 * Web: www.vectron.com Rev: 05Nov2008
VS-505 Single Frequency VCSO
Outline & Marking Diagram Suggested Pad Layout
Pin Out
Pin Symbol Function
Control Voltage 1 VC 2 OSelect Output Select 3 GND Case and Electrical Ground 4 Output Output 5 COutput Complementary Output Power Supply Voltage 6 VCC Floating OSelect Always Results In OE
Output Select (Tri-State LV-CMOS)
Option
A
OS
Voltage Range
Result
OE OS OD OD OS OE
H (5VCC / 6) to VCC M (VCC / 2) 15%(VCC / 2) L Gnd to (VCC / 6) H (5VCC / 6) to VCC M B (VCC / 2) 15%(VCC / 2) L Gnd to (VCC / 6) OD = Outputs Disabled OS = Outputs Set (Output = H, COutput = L) OE = Outputs Enabled
Tape and Reel (EIA-481-2-A)
D Pin ID W2 F A C W1 N W Pull Off Direction Po ODo
P1
B
Tape Dimensions (mm)
Dimension
Tolerance VS-505
Reel Dimensions (mm)
F Do
Typ 1.5
W
Typ 24
Po
Typ 4
P1
Typ 12
A
Typ 330
B
Min 1.5
C
Typ 13
D
Min 20.2
N
Min 100
W1
Typ 24.4
W2
Max 30.4
Typ 11.5
# Per Reel
200
Vectron International, 267 Lowell Road, Hudson, NH 03051 Page 7 of 9
Tel: 1-88-VECTRON-1 * Web: www.vectron.com Rev: 05Nov2008
VS-505 Single Frequency VCSO
Standard Frequencies (MHz)
122.880000 167.331646 245.760000 491.520000 644.531250 737.280000 877.968756 125.000000 168.040678 307.200000 500.000000 657.421875 739.200000 983.040000 155.520000 173.370748 315.000000 531.250000 666.514286 768.000000 1000.00000 156.250000 173.437500 320.000000 614.400000 669.326582 777.600000 160.000000 184.320000 368.640000 622.080000 672.000000 800.000000 161.132813 200.000000 400.000000 625.000000 715.538900 819.200000 166.628572 212.500000 425.000000 627.329620 716.800000 834.640000
Other Frequencies Available Upon Request.
Ordering Information
VS - 505 - L F F - G A A N - xxxMxxxxxx
Product Family
VS: VCSO
Frequency (See Above)
122M880000 - 1G00000000
Package
505: 9.1 x 13.8 x 3.7mm
Other (Future Use)
N: N/A
Supply Voltage
L: 3.3V M: 2.5V (Future)
Oscillator Gain
A: Standard B: Low (Future)
Output Type
F: LVPECL G: LVDS (Future)
Control Logic (Tri-State)
A: L = OD, M = OS, H = OE B: L = OE, M = OS, H = OD
Operating Temperature
F: -40 C to 85 C
o o
Absolute Pull Range Example: VS-505-LFF-GAAN-1G00000000
G: 50 ppm H: 100 ppm
Contact Information:
USA: Vectron International * 267 Lowell Rd. Hudson, NH 03051 Tel: 1-88-VECTRON-1 * Fax: 1-888-FAX-VECTRON EUROPE: Landstrasse, D-74924, Neckarbischofsheim, Germany Tel: 49 (0) 7268 8010 * Fax: 49 (0) 7268 801281 ASIA: 1F-2F, No 8 Workshop, No. 308 Fenju Road, WaiGaoQiao Free Trade Zone, Pudong, Shanghai, China 200131 Tel: 86 21 5048 0777 * Fax: 86 21 5048 1881 Vectron International reserves the right to make changes to the product(s) and or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
Vectron International, 267 Lowell Road, Hudson, NH 03051 Page 8 of 9
Tel: 1-88-VECTRON-1 * Web: www.vectron.com Rev: 05Nov2008
VS-505 Single Frequency VCSO
Revision History
Date
05Nov2008
Approved
JM, BW Release
Description
Vectron International, 267 Lowell Road, Hudson, NH 03051 Page 9 of 9
Tel: 1-88-VECTRON-1 * Web: www.vectron.com Rev: 05Nov2008


▲Up To Search▲   

 
Price & Availability of VS-505-LFF-HBAN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X