Part Number Hot Search : 
KTC39 HYB18 PM450 333AS01 GP10T LL101C SLK2511B 46225
Product Description
Full Text Search
 

To Download MHF24SGL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 .100" IDC LATCH HEADER
Adam Technologies, Inc.
INTRODUCTION: Adam Tech MHF Series IDC Latch Headers are designed to quickly and easily mass terminate .050" flat cable. The IDC termination is converted to a Shrouded Box Header with ejector/latches and a polarizing slot that mates with standard IDC sockets. This connector is ideal for splicing and making "T" taps to a cable bus. Adam Tech's sturdy design features solid, selectively gold plated .025"sq. copper alloy posts. FEATURES: Latches for secure attachment Latch ejection feature makes socket removal easy IDC Cable to Shrouded Box Header Mates with standard IDC sockets Ideal for splicing and "T" taps to cable bus Solid selectively gold plated contacts MATING CONNECTORS: Mates with Adam Tech Series .100" (2.54mm) dual row IDC sockets SPECIFICATIONS: Material: Insulator: PBT, rated UL94V-0 Insulator Color: Gray Contacts: Brass Contact Plating: Gold flash (30 in optional) over nickel on contact area, Tin over copper underplate on IDC area Electrical: Operating voltage: 250V AC max. Current rating: 1 Amp max Contact resistance: 20 m max. initial Insulation resistance: 5000 M min. Dielectric withstanding voltage: 1000V AC for 1 minute Mechanical: Insertion force: 0.5 lbs per circuit max. Withdrawal force: 0.094 lbs per circuit min Mating durability: 500 Cycles min. Recommended cable size: 28 Awg stranded Temperature Rating: Operating temperature: -40C to +105C PACKAGING: Anti-ESD plastic trays SAFETY AGENCY APPROVALS: UL Recognized File No. E224053 CSA Certified File No. LR1578596
.100" X .100" [2.54 X 2.54]
MHF SERIES
ORDERING INFORMATION MHF
SERIES INDICATOR MHF = IDC Latch Header
34
SG
L
EJECTOR/LATCHES S = Short ejector/ latches for sockets without strain relief L = Long ejector/ latches for sockets with strain relief
POSITIONS 10, 14, 16, 20, 24, 26, 30, 34, 40, 50, 60, 64
PLATING SG = Selective gold plating
UL
(R)
(R)
UL
(R) (R)
Pb
DE
V
(R)
(R)
RoHS
COMPLIANT 2002 / 95 / EC
DE
V
OPTIONS: Add designator(s) to end of part number E = Mounting ears
326
909 Rahway Avenue * Union, New Jersey 07083 * T: 908-687-5000 * F: 908-687-5710 * WWW.ADAM-TECH.COM
RoHS
COMPLIANT


▲Up To Search▲   

 
Price & Availability of MHF24SGL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X