Part Number Hot Search : 
807DTRP KBPC35S CS4300U AS23AH 5L20C MBRB2 ON1406 ON2847
Product Description
Full Text Search
 

To Download HD26LS32 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HD26LS32
Quadruple Differential Line Receivers With 3 State Outputs
REJ03D0295-0200Z (Previous ADE-205-577 (Z)) Rev.2.00 Jul.16.2004
Description
The HD26LS32 features quadruple line receivers designed to meet the specs of EIA standard RS-422A and RS-423. This device operates from a single 5 V power supply. The enable function is common to all four receivers and offers a choice of active high or active low input. Fail safe design ensures that if the inputs are open, the outputs will always be high.
Features
* Ordering Information
Part Name HD26LS32P HD26LS32FPEL Package Type Package Code P FP Package Abbreviation -- EL (2,000 pcs/reel) Taping Abbreviation (Quantity)
DILP-16 pin (JEITA) DP-16E, -16FV SOP-16 pin (JEITA) FP-16DAV
Note: Please consults the sales office for the above package availability.
Logic Diagram
1A 1B 2A 2B 3A 3B 4A 4B Enable G Enable G 1Y
2Y
3Y
4Y
Rev.2.00, Jul.16.2004, page 1 of 14
HD26LS32
Pin Arrangement
1B 1 1A 2 1Y 3 Enable G 4 2Y 5 2A 6 2B 7 GND 8
16 VCC 15 4B 14 4A 13 4Y 12 Enable G 11 3Y 10 3A 9 3B
(Top view)
Function Table
Differential Input A-B VID V TH VTL < VID < VTH VID V TL X H L X ? Z : : : : : High level Low level Immaterial Irrelevant High impedance H X H X H X L Enable G X L X L X L H G H H ? ? L L Z Output Y
Rev.2.00, Jul.16.2004, page 2 of 14
HD26LS32
Absolute Maximum Ratings
Item Supply Voltage In Phase Input Voltage Differential Input Voltage Enable Input Voltage Output Sink Current Continuous Total Dissipation Operating Temperature Range Storage Temperature Range VCC*1 VIC VID*2 VIN Iout PT Topr Tstg Symbol 7.0 25 25 7 50 1 0 to +70 -65 to 150 Ratings V V V V mA W C C Unit
Notes: 1. All voltage values except for differential input voltage are with respect to network ground terminal. 2. Differential input voltage is measured at the noninverting input with respect to the corresponding inverting onput. 3. The absolute maximum ratings are values which must not individually be exceeded, and furthermore, no two of which may be realized at the same time.
Recommended Operating Conditions
Item Supply Voltage In Phase Input Voltage Output Current Operating Temperature Symbol VCC VIC IOH IOL Topr 4.75 -- -- -- 0 Min 5.00 -- -- -- -- Typ 5.25 7.0 -440 8 70 Max V V A mA C Unit
Rev.2.00, Jul.16.2004, page 3 of 14
HD26LS32
Electrical Characteristics (Ta = 0 to +70C)
Item Differential Input High Threshold Voltage Differential Input Low Threshold Voltage Input Hysteresis*2 Enable Input Voltage Enable Input Clamp Voltage Output Voltage Symbol VTH VTL VTH - VTL VIH VIL VIK VOH VOL Off State (High Impedance) Output Current Line Input Current Enable Input Current IOZ Min Typ*1 Max Unit -- -- -- -- 2.0 -- -- 2.7 -- -- -- -- -- -- -- -- -- 6 -15 -- -- -- -- 30 -- -- -- -- -- -- -- -- -- -- -- -- -- 9.8 -- 52 0.2 -0.2 -0.2 -- -- 0.8 1.5 -- 0.4 0.45 20 -20 2.3 2.8 100 20 A mV V VCC = 4.75 V, IIN = -18 mA VCC = 4.75 V VIL (G) = 0.8 V VCC = 5.25 V VID = 1 V, IOH = -440 A VID = -1 V, IOL = 4 mA VID = -1 V, IOL = 8 mA VO = 2.4 V VO = 0.4 V V Conditions VIC = -7 to +7 V VOH = 2.7 V, IOH = -440 A VOL = 0.4 V, IOL = 4 mA VOL = 0.45 V, IOL = 8 mA
II II (EN) IIH IIL ri IOS*3 ICC
mA A
VI = 15 V, Other Inputs -10 to +15 V VI = -15 V, Other Inputs -15 to +10 V VI = 5.5 V VI = 2.7 V VI = 0.4 V VIC = -15 to +15 V (Other Inputs AC GND) VCC = 5.25 V VCC = 5.25 V, VI = 0 V (All Outputs Disable)
Input Resistance Short Circuit Output Current Supply Current
-0.36 mA -- k -85 70 mA
Notes: 1. All typical values are at VCC = 5 V, Ta = 25C,VIC = 0. 2. Hysteresis is the differential between the positive going input threshold voltage and the negative going input threshold voltage. 3. Not more than one output should be shorted at a time.
Switching Characteristics (VCC = 5 V, Ta = 25C)
TItem Propagation Delay Time Output Enable Time Output Disable Time Symbol tPLH, tPHL tZH, tZL tHZ tLZ Min -- -- -- -- 17 15 15 20 typ Max 25 22 22 30 Unit ns Conditions CL = 15 pF CL = 5 pF
Rev.2.00, Jul.16.2004, page 4 of 14
HD26LS32 1. tPLH, tPHL Test circuit
VCC Input Output 2 k Pulse Generator *1 CL *2 5 k *3
2V
Waveforms
2.5 V Input A 0V 0V -2.5 V
2.5 V Input B 0V 0V -2.5 V
t PLH
t PHL VOH
Output
1.3 V
1.3 V VOL
Rev.2.00, Jul.16.2004, page 5 of 14
HD26LS32 2. tHZ, tZH Test circuit
VCC Output 2 k S1 2.5 V CL Input *2 5 k *3
Pulse Generator *1 2V *4
Waveforms
3V Enable G 1.3 V 1.3 V 0V
3V 1.3 V Enable G S1 : Open t ZH Output S1 : Closed t HZ 0.5 V VOH 1.4 V 0V 1.3 V 0V
1.3 V
Rev.2.00, Jul.16.2004, page 6 of 14
HD26LS32 3. tLZ, tZL Test circuit
VCC Output 2 k
-2.5 V CL Input 5 k
Pulse Generator 2V
S2
Waveforms
3V Enable 1.3 V 1.3 V 0V
3V 1.3 V Enable G S2 : Open t ZL Output S2 : Closed t LZ VOH 1.3 V 0.5 V 1.4 V VOL 1.3 V 0V
Notes:
1. The pulse generator has the following characteristics : PRR = 1 MHz, 50 % duty cycle, tr 15 ns, t f 6 ns, Zout = 50 . 2. CL includes probe and jig capacitance. 3. All diodes are 1S2074 (H) 4. To test G input,ground G input and apply an inverted input waveform.
Rev.2.00, Jul.16.2004, page 7 of 14
HD26LS32
HD26LS32 Line Receiver Applications
The HD26LS32 is a line receiver that meets the EIA RS-422A and RS-423A conditions. It has a high in-phase input voltage range, both positive and negative, enabling highly reliable transmission to be performed even in noisy environments. Its main features are listed below. * * * * * * Operates on a single 5 V power supply. Three-state output On-chip fail-safe circuit 7 V in-phase input voltage range 200 mV input sensitivity Minimum 6 k input resistance
A block diagram is shown in figure 1. The enable function is common to all four drivers, and either active-high or active-low input can be selected. When exchange is carried out using a party line system, it is better to keep the receiver input bias current constituting the driver load small, as this allows more receivers to be connected. Consequently, whereas an input resistance of 4 k or above is stipulated in RS-422A and RS-423A, the HD26LS32 has been designed to allow a greater margin, with a minimum resistance of 6 k. Figure 2 shows the input current characteristics of the HD26LS32. The shaded areas in the graph indicate the input current allowable range stipulated in RS-422A and RS-423A. HD26LS32 output is LS-TTL compatible and has a three-state function, enabling the output to be placed in the highimpedance state, and so making the device suitable for bus line type applications. With an in-phase input voltage range of 7 V and a 200 mV input sensitivity, the HD26LS32 can withstand use in noisy environments. Also, since signals sent over a long-distance transmission line require a long transition time, it also takes a long time to cross the receiver's input threshold level. Therefore, the input is provided with hysteresis of around 30 mV to prevent receiver output misoperation due to noise. An example of input hysteresis is shown in figure 3. The fail-safe function consists of resistances R connecting input A to VCC and input B to GND, as shown in figure 4. This circuit provides for the receiver input section to be pulled up or down by a high resistance that prevents it from becoming a driver load so that the output goes high in the event of a transmission line breakage or connector detachment. When the input pin is placed in the open state by the pull-up/pull-down resistance, the differential input voltage VID is as follows: VID: (VIA - VIB) 0.2 V and the output is fixed high. However, if the receiver-side termination resistance remains connected despite a line breakage or connector detachment, the output will be undetermined (figure 5).
Rev.2.00, Jul.16.2004, page 8 of 14
HD26LS32
1A 1B 2A 2B 3A 3B 4A 4B Enable G Enable G
1Y
2Y
3Y
4Y
Figure 1 HD26LS32 Block Diagram
5 4 Ta = 25C +3.25 mA
C VC
Input Current Iin (mA)
3 2 1 0 -1 -2 -3 -4
= =
0V 5.2 5V
-10 V -3 V
VC
C
+3 V +10 V
-3.25 mA
-5 -25 -20 -15 -10 -5 0 5 10 15 20 25 Input Voltage Vin (V)
Figure 2 Input Voltage vs. Input Current Characteristics
5 VCC = 5 V, Ta = 25C
Input applied to pin A, with pin B as reference
Output Voltage Vout (V)
4
3 VIC = -7 V 2 VIC = 0 V VIC = +7 V
1
0 -100 -80 -60 -40 -20 0 20 40 60 80 100 Differential Input Voltage VID (mV)
Figure 3 Differential Input Voltage vs. Output Voltage Characteristics
VCC R Y R
A B
Figure 4 Fail-Safe Function
Rev.2.00, Jul.16.2004, page 9 of 14
HD26LS32 This is because, since the termination resistance is normally matched to the transmission line characteristic impedance, the value falls to several tens of hundreds of ohms, and the differential input pins are shorted by this termination resistance. That is, the differential input voltage VID comes within the range VID: -0.2 V < VIA - VIB < 0.2 V and the output becomes undetermined. To prevent this, resistance R1 is inserted in series with the transmission line as shown in figure 6, minimizing the effect of the termination resistance. Resistance R2 is added to increase the current flowing between the termination resistance and R1, enabling the value of R1 to be kept small. Inserting resistances R1 and R2 in this way provides for the differential input voltage VID to become 200 mV or higher, but the following points must be noted. * Smallest possible R1 value If this value is large, the receiver input sensitivity will fall. * Largest possible R2 value If this value is small, the load on the driver will be large. Figure 7 shows experimental differential input voltages for variations in R1 and R2.
Undetermined "H"
RT
RT
Figure 5 Examples of Transmission Line Disconnection
VCC R2 Receiver
Driver RT
R1
R1
R2
Figure 6 Method of Enhancing Fail-Safe Function
0.6
Differential Input Voltage VID (V)
R
2
0.5
=3
10
50
0k
0k
k
300
k
R2 =
VCC = 5 V Ta = 25C 100
VCC R1 R2 VID R1 R2
0.4
0.3
0.2
0.1 0 5 R1 (k) 10 15
Figure 7 R1, R2 vs. Differential Input Voltage
Rev.2.00, Jul.16.2004, page 10 of 14
HD26LS32
RS-442A Interface Standard Applications
Figure 9 shows sample operation waveforms at various points with 1200 m and 12 m cable lengths. 1. Unidirectional Transmission (1 : 1 Configuration)
Driver Data A input C B RT E D Receiver F Data output
Figure 8 1 : 1 Unidirectional Transmission
Line : 1200 m Frequency : 100 kHz A GND Duty : 50% RT : 100 D GND E B GND C GND F GND GND H : 5 s/div V : 2 V/div
Line : 12 m Frequency : 10 MHz A GND
Duty : 50% RT : 100 D GND E
H : 50 ns/div V : 2 V/div
B GND C GND
GND
F GND
Figure 9 Sample Transmission Waveforms
Rev.2.00, Jul.16.2004, page 11 of 14
HD26LS32 2. Unidirectional Transmission (1 : n Configuration)
Driver Data input RT RT Data output Enable Data output
Receiver
Data output
Data output
Figure 10 1 : n Unidirectional Transmission With this connection method, n receivers are connected for one driver. In the RS-422A standard, ten receivers can be connected simultaneously for one driver. Conversely, it is also possible to connect one receiver for n drivers. 3. Bidirectional Transmission
Driver Data I/O RT RT Receiver Data I/O Enable
Enable
Receiver
Driver
Figure 11 Bidirectional Transmission When bidirectional data exchange is performed using a combination of the HD26LS31 and HD26LS32, since either high or low output control is possible, using complementary enable inputs for the driver and receiver makes it easy to configure the kind of combination illustrated in figure 11 . Extending this combination makes it possible to exchange n-bit data simultaneously, and handle a party line system.
Rev.2.00, Jul.16.2004, page 12 of 14
HD26LS32
Package Dimensions
As of January, 2003
Unit: mm 19.2 20.32 Max
16
9
6.3 7.4 Max
1
0.89 1.3
8
2.54 Min 5.06 Max
7.62
0.51 Min
2.54 0.25
0.48 0.1
0.25 - 0.05 0 - 15
Package Code JEDEC JEITA Mass (reference value) DP-16E Conforms Conforms 1.05 g
+ 0.1
Unit: mm 19.2 20.32 Max
16
9
6.3 7.4 Max
1
0.89 1.3
8
2.54 Min 5.06 Max
7.62
0.51 Min
2.54 0.25
*0.48 0.08
*0.25 0.06 0 - 15
Package Code JEDEC JEITA Mass (reference value) DP-16FV Conforms Conforms 1.05 g
*NI/Pd/AU Plating
Rev.2.00, Jul.16.2004, page 13 of 14
HD26LS32
As of January, 2003
10.06 10.5 Max 16 9
5.5
Unit: mm
1
*0.20 0.05
8
0.80 Max
2.20 Max
0.20 7.80 + 0.30 -
1.15
1.27
0.10 0.10
0 - 8
0.70 0.20
*0.40 0.06
0.15
0.12 M
Package Code JEDEC JEITA Mass (reference value) FP-16DAV -- Conforms 0.24 g
*Ni/Pd/Au plating
Rev.2.00, Jul.16.2004, page 14 of 14
Sales Strategic Planning Div.
Keep safety first in your circuit designs!
Nippon Bldg., 2-6-2, Ohte-machi, Chiyoda-ku, Tokyo 100-0004, Japan
1. Renesas Technology Corp. puts the maximum effort into making semiconductor products better and more reliable, but there is always the possibility that trouble may occur with them. Trouble with semiconductors may lead to personal injury, fire or property damage. Remember to give due consideration to safety when making your circuit designs, with appropriate measures such as (i) placement of substitutive, auxiliary circuits, (ii) use of nonflammable material or (iii) prevention against any malfunction or mishap. Notes regarding these materials 1. These materials are intended as a reference to assist our customers in the selection of the Renesas Technology Corp. product best suited to the customer's application; they do not convey any license under any intellectual property rights, or any other rights, belonging to Renesas Technology Corp. or a third party. 2. Renesas Technology Corp. assumes no responsibility for any damage, or infringement of any third-party's rights, originating in the use of any product data, diagrams, charts, programs, algorithms, or circuit application examples contained in these materials. 3. All information contained in these materials, including product data, diagrams, charts, programs and algorithms represents information on products at the time of publication of these materials, and are subject to change by Renesas Technology Corp. without notice due to product improvements or other reasons. It is therefore recommended that customers contact Renesas Technology Corp. or an authorized Renesas Technology Corp. product distributor for the latest product information before purchasing a product listed herein. The information described here may contain technical inaccuracies or typographical errors. Renesas Technology Corp. assumes no responsibility for any damage, liability, or other loss rising from these inaccuracies or errors. Please also pay attention to information published by Renesas Technology Corp. by various means, including the Renesas Technology Corp. Semiconductor home page (http://www.renesas.com). 4. When using any or all of the information contained in these materials, including product data, diagrams, charts, programs, and algorithms, please be sure to evaluate all information as a total system before making a final decision on the applicability of the information and products. Renesas Technology Corp. assumes no responsibility for any damage, liability or other loss resulting from the information contained herein. 5. Renesas Technology Corp. semiconductors are not designed or manufactured for use in a device or system that is used under circumstances in which human life is potentially at stake. Please contact Renesas Technology Corp. or an authorized Renesas Technology Corp. product distributor when considering the use of a product contained herein for any specific purposes, such as apparatus or systems for transportation, vehicular, medical, aerospace, nuclear, or undersea repeater use. 6. The prior written approval of Renesas Technology Corp. is necessary to reprint or reproduce in whole or in part these materials. 7. If these products or technologies are subject to the Japanese export control restrictions, they must be exported under a license from the Japanese government and cannot be imported into a country other than the approved destination. Any diversion or reexport contrary to the export control laws and regulations of Japan and/or the country of destination is prohibited. 8. Please contact Renesas Technology Corp. for further details on these materials or the products contained therein.
RENESAS SALES OFFICES
Renesas Technology America, Inc. 450 Holger Way, San Jose, CA 95134-1368, U.S.A Tel: <1> (408) 382-7500 Fax: <1> (408) 382-7501 Renesas Technology Europe Limited. Dukes Meadow, Millboard Road, Bourne End, Buckinghamshire, SL8 5FH, United Kingdom Tel: <44> (1628) 585 100, Fax: <44> (1628) 585 900 Renesas Technology Europe GmbH Dornacher Str. 3, D-85622 Feldkirchen, Germany Tel: <49> (89) 380 70 0, Fax: <49> (89) 929 30 11 Renesas Technology Hong Kong Ltd. 7/F., North Tower, World Finance Centre, Harbour City, Canton Road, Hong Kong Tel: <852> 2265-6688, Fax: <852> 2375-6836 Renesas Technology Taiwan Co., Ltd. FL 10, #99, Fu-Hsing N. Rd., Taipei, Taiwan Tel: <886> (2) 2715-2888, Fax: <886> (2) 2713-2999 Renesas Technology (Shanghai) Co., Ltd. 26/F., Ruijin Building, No.205 Maoming Road (S), Shanghai 200020, China Tel: <86> (21) 6472-1001, Fax: <86> (21) 6415-2952 Renesas Technology Singapore Pte. Ltd. 1, Harbour Front Avenue, #06-10, Keppel Bay Tower, Singapore 098632 Tel: <65> 6213-0200, Fax: <65> 6278-8001
http://www.renesas.com
(c) 2004. Renesas Technology Corp., All rights reserved. Printed in Japan.
Colophon .1.0


▲Up To Search▲   

 
Price & Availability of HD26LS32

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X