Part Number Hot Search : 
W6811ISG N111201 PCF85 E170CA MMBD4148 TRONIC SR510 CF5524K3
Product Description
Full Text Search
 

To Download BPW17N08 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BPW17N
Vishay Semiconductors
Silicon NPN Phototransistor, RoHS Compliant
FEATURES
* Package type: leaded * Package form: T-3/4 * Dimensions (in mm): O 1.8 * High photo sensitivity * High radiant sensitivity * Suitable for visible and near infrared radiation * Fast response times * Angle of half sensitivity: = 12
94 8638-1
* Lead (Pb)-free component in accordance RoHS 2002/95/EC and WEEE 2002/96/EC
with
APPLICATIONS DESCRIPTION
BPW17N is a silicon NPN phototransistor with high radiant sensitivity in clear, T-3/4 plastic package with lens. It is sensitive to visible and near infrared radiation. On PCB this package size enables assembly of arrays with 2.54 mm pitch. * Detector in electronic control and drive circuits
PRODUCT SUMMARY
COMPONENT BPW17N Note Test condition see table "Basic Characteristics" Ica (mA) 1.0 (deg) 12 0.1 (nm) 450 to 1040
ORDERING INFORMATION
ORDERING CODE BPW17N Note MOQ: minimum order quantity PACKAGING Bulk REMARKS MOQ: 5000 pcs, 5000 pcs/bulk PACKAGE FORM T-3/4
ABSOLUTE MAXIMUM RATINGS
PARAMETER Collector emitter voltage Emitter collector voltage Collector current Collector peak current Power dissipation Junction temperature Operating temperature range Storage temperature range Soldering temperature Thermal resistance junction/ambient Note Tamb = 25 C, unless otherwise specified t3s Connected with Cu wire, 0.14 mm2 tp/T = 0.5, tp 10 ms Tamb 55 C TEST CONDITION SYMBOL VCEO VECO IC ICM PV Tj Tamb Tstg Tsd RthJA VALUE 32 5 50 100 100 100 - 40 to + 100 - 40 to + 100 260 450 UNIT V V mA mA mW C C C C K/W
www.vishay.com 370
For technical questions, contact: detectortechsupport@vishay.com
Document Number: 81516 Rev. 1.7, 08-Sep-08
BPW17N
Silicon NPN Phototransistor, RoHS Compliant Vishay Semiconductors
125
PV - Power Dissipation (mW)
100
75 RthJA = 450 K/W 50
25
0 0
94 8308
20
40
60
80
100
Tamb - Ambient Temperature (C)
Fig. 1 - Power Dissipation Limit vs. Ambient Temperature
BASIC CHARACTERISTICS
PARAMETER Collector emitter breakdown voltage Collector emitter dark current Collector emitter capacitance Collector light current Angle of half sensitivity Wavelength of peak sensitivity Range of spectral bandwidth Collector emitter saturation voltage Turn-on time Turn-off time Cut-off frequency Note Tamb = 25 C, unless otherwise specified Ee = 1 mW/cm2, = 950 nm, IC = 0.1 mA VS = 5 V, IC = 5 mA, RL = 100 VS = 5 V, IC = 5 mA, RL = 100 VS = 5 V, IC = 5 mA, RL = 100 TEST CONDITION IC = 1 mA VCE = 20 V, E = 0 VCE = 5 V, f = 1 MHz, E = 0 Ee = 1 mW/cm2, = 950 nm, VCE = 5 V SYMBOL V(BR)CEO ICEO CCEO Ica p 0.1 VCEsat ton toff fc 4.8 5.0 120 0.5 MIN. 32 1 8 1.0 12 825 450 to 1040 0.3 200 TYP. MAX. UNIT V nA pF mA deg nm nm V s s kHz
BASIC CHARACTERISTICS
Tamb = 25 C, unless otherwise specified
104 ICEO - Collector Dark Current (nA) Ica rel - Relative Collector Current
2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0 20 40 60 80 100 VCE = 5 V Ee = 1 mW/cm2 = 950 nm
103 VCE = 20 V 102
101
10
94 8235
0
20
40
60
80
100
94 8239
Tamb - Ambient Temperature (C)
Tamb - Ambient Temperature (C)
Fig. 2 - Collector Dark Current vs. Ambient Temperature
Fig. 3 - Relative Collector Current vs. Ambient Temperature
Document Number: 81516 Rev. 1.7, 08-Sep-08
For technical questions, contact: detectortechsupport@vishay.com
www.vishay.com 371
BPW17N
Vishay Semiconductors Silicon NPN Phototransistor, RoHS Compliant
ton / toff -Turn on / Turn off Time (s)
10 Ica - Collector Light Current (mA)
12
10 V CE = 5 V RL = 100 = 950 nm
1
8 6 4 2 0
0.1 V CE = 5 V = 950 nm
toff ton
0.01
0.001 0.01
94 8313
0.1
1
10
94 8238
0
4
8
12
16
Ee - Irradiance (mW/cm2)
I C - Collector Current (mA)
Fig. 4 - Collector Light Current vs. Irradiance
Fig. 7 - Turn-on/Turn-off Time vs. Collector Current
S ( )rel - Relative Spectral Sensitivity
10
Ica - Collector Light Current (mA)
1.0 0.8 0.6 0.4 0.2 0 400
= 950 nm
Ee = 1 mW/cm 2 0.5 mW/cm 2
1
0.2
mW/cm 2
0.1 0.1
94 8242
1
10
100
94 8241
600
800
1000
V CE - Collector Emitter Voltage (V)
- Wavelength (nm)
Fig. 5 - Collector Light Current vs. Collector Emitter Voltage
Fig. 8 - Relative Spectral Sensitivity vs. Wavelength
CCEO - Collector Emitter Capacitance (pF)
20 16 f = 1 MHz
Srel - Relative Radiant Sensitivity
0
10
20 30
40 1.0 0.9 0.8 0.7 50 60 70 80 0.6 0.4 0.2 0
12
8
4 0 0.1 1 10 100 VCE - Collector Emitter Voltage (V)
94 8240
94 8243
Fig. 6 - Collector Emitter Capacitance vs. Collector Emitter Voltage
Fig. 9 - Relative Radiant Sensitivity vs. Angular Displacement
www.vishay.com 372
For technical questions, contact: detectortechsupport@vishay.com
Document Number: 81516 Rev. 1.7, 08-Sep-08
- Angular Displacement
BPW17N
Silicon NPN Phototransistor, RoHS Compliant Vishay Semiconductors
PACKAGE DIMENSIONS in millimeters
0.15
.65
E
C
3.3
0.15
2.4 Chip position
R1
0.3
1.55
0.1
2.9
0.3
(2)
1.8
0.1
Area not plane
0.5
29.8
3.4
0.25
0.4
+ 0.15
0.5
+ 0.2 - 0.1
1.5
technical drawings according to DIN specifications
2.54 nom.
6.544-5042.01-4 Issue:1; 01.07.96
96 12187
Document Number: 81516 Rev. 1.7, 08-Sep-08
For technical questions, contact: detectortechsupport@vishay.com
www.vishay.com 373
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of BPW17N08

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X