Part Number Hot Search : 
V285ME10 01900 6V8BC UM3433 K2744 C5121 M1MA15 TLGE62
Product Description
Full Text Search
 

To Download TSH110IYLT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TSH110-TSH111-TSH112-TSH113-TSH114
Wide band low noise operational amplifiers
Features
TSH110: SOT23-5

Low noise: 3nV/Hz Low supply current: 3.2mA 47mA output current Bandwidth: 100MHz 5V to 12V supply voltage Slew rate: 450V/s Specified for 100 load Very low distortion Tiny SOT23-5, TSSOP and SO packages
Output 1 VCC - 2 Non Inverting Input 3
5 VCC +
+4 Inverting Input
TSH111: SO-8/TSSOP8
NC 1 Inverting Input 2 Non Inverting Input 3 VCC - 4 _ + 8 STANDBY 7 VCC + 6 Output 5 NC
Applications

TSH112: SO-8/TSSOP8
Output1 1 Inverting Input1 2 Non Inverting Input1 3 VCC - 4 _ + _ + 8 VCC + 7 Output2 6 Inverting Input2 5 Non Inverting Input2
High-end video drivers Receiver for xDSL A/D converter driver High-end audio applications
TSH113: SO-14/TSSOP14
STANDBY1 1 STANDBY2 2 STANDBY3 3 VCC + 4 Non Inverting Input1 5 Inverting Input1 6 Output1 7 + _ + _ _ + 14 Output3 13 Inverting Input3 12 Non Inverting Input3 11 VCC 10 Non Inverting Input2 9 Inverting Input2 8 Output2
Description
The single TSH110 and TSH111, the dual TSH112, the triple TSH113 and the quad TSH114 are current feedback operational amplifiers featuring a very high slew rate of 450V/s and a large bandwidth of 100MHz, with only a 3.2mA quiescent supply current. The TSH111 and TSH113 feature a Standby function for each operator. This function is a power-down mode with a high output impedance. These devices operate from 2.5V to 6V dual supply voltage or from 5V to 12V single supply voltage. They are able to drive a 100 load with a swing of 9V minimum (for a 12V power supply). The harmonic and intermodulation distortions of these devices are very low, making this circuit a good choice for applications requiring wide bandwidth with multiple carriers. For board space and weight saving, the TSH110 comes in miniature SOT23-5 package.
October 2007
TSH114: SO-14/TSSOP14
Output1 1 Inverting Input1 2 Non Inverting Input1 3 VCC + 4 Non Inverting Input2 5 Inverting Input2 6 Output2 7 + _ + _ _ + _ + 14 Output4 13 Inverting Input4 12 Non Inverting Input4 11 VCC 10 Non Inverting Input3 9 Inverting Input3 8 Output3
The TSH111 comes in SO-8 and TSSOP8 packages, the TSH112 comes in SO-8 and TSSOP8 packages, the TSH113 and TSH114 come in SO-14 and TSSOP14 packages.
Rev 2
1/15
www.st.com 15
Absolute maximum ratings and operating conditions
TSH110-TSH111-TSH112-TSH113-TSH114
1
Absolute maximum ratings and operating conditions
Table 1.
Symbol VCC Vid Vi Toper Tstg Tj Supply voltage (1) Differential input voltage Input voltage
(3) (2)
Absolute maximum ratings (AMR
Parameter Value 14 1 6 -40 to +85 -65 to +150 150 80 28 22 37 32 250 157 125 130 110 2.0 0.2 1.5 kV Unit V V V C C C
Operating free air temperature range Storage temperature Maximum junction temperature Thermal resistance junction to case SOT23-5 SO-8 SO-14 TSSOP8 TSSOP14 Thermal resistance junction to ambiant area SOT23-5 SO-8 SO-14 TSSOP8 TSSOP14 HBM: human body model(4)
Rthjc
C/W
Rthja
C/W
ESD
MM: machine model(5) CDM: charged device model(6)
(7)
Output short circuit duration
1. All voltage values, except differential voltage, are with respect to network ground terminal. 2. Differential voltages are the non-inverting input terminal with respect to the inverting terminal. 3. The magnitude of input and output voltages must never exceed VCC +0.3V 4. Human body model: A 100pF capacitor is charged to the specified voltage, then discharged through a 1.5k resistor between two pins of the device. This is done for all couples of connected pin combinations while the other pins are floating. 5. Machine model: A 200pF capacitor is charged to the specified voltage, then discharged directly between two pins of the device with no external series resistor (internal resistor < 5). This is done for all couples of connected pin combinations while the other pins are floating. 6. Charged device model: all pins and the package are charged together to the specified voltage and then discharged directly to the ground through only one pin. This is done for all pins. 7. Short-circuits can cause excessive heating and can result in destructive dissipation.
Table 2.
Symbol VCC Vicm
Operating conditions
Parameter Supply voltage Common mode input voltage range Value 5 to 12 VCC-+1.5 to VCC -1.5
+
Unit V V
2/15
TSH110-TSH111-TSH112-TSH113-TSH114
Electrical characteristics
2
Table 3.
Symbol
Electrical characteristics
Dual supply voltage, VCC= 2.5V, Rfb(1)= 680 Tamb = 25C (unless otherwise , specified)
Parameter Test conditions Min. Typ. Max. Unit
DC performance Vio Vio Iib+ Input offset voltage Tamb Tmin < Tamb < Tmax Input offset voltage drift vs. temperature Tmin < Tamb < Tmax Non inverting input bias current Tamb Tmin < Tamb < Tmax Inverting input bias current Transimpedance Supply current per operator Common mode rejection ratio (Vic/Vio) Supply voltage rejection ratio (VCC/Vio) Power supply rejection ratio (VCC/Vout) Gain=1, Rload=3.9k Tamb Tmin < Tamb < Tmax RL=100 Tamb Tmin < Tamb < Tmax 56 70 500 -3 -10 -1.5 0.3 1 5 1.4 2.5 1.9 2.5 750 3.2 3.5 60 80 48 4 7 13 2.0 mV mV V/C A A A A k mA mA dB dB dB
IibROL ICC CMR SVR PSR
Dynamic performance and output characteristics Tamb RL = 100 Tmin < Tamb < Tmax RL = 100 GND Tamb RL = 100 Tmin < Tamb < Tmax RL = 100 Output sink current Output source current Tmin < Tamb < Tmax Tmin < Tamb < Tmax Vout=1Vpk, Rfb(1)=820//2pF BW -3dB bandwidth Load=100 AVCL=+2 SR Slew rate AVCL=+2, 2V step Load=100 160 81 230 MHz V/s 1.4 2 1.9 -1.8 -1.7 20 18 -1.3 V V V V mA mA
Voh
High level output voltage
Vol
Low level output voltage
| Isink | Isource
3/15
Electrical characteristics Table 3.
Symbol Tr Tf Ov St G Rise time Fall time Overshoot Settling time @ 0.05% Differential gain Differential phase
TSH110-TSH111-TSH112-TSH113-TSH114
Dual supply voltage, VCC= 2.5V, Rfb(1)= 680 Tamb = 25C (unless otherwise , specified) (continued)
Parameter Test conditions Min. Typ. 9 for 200mV step AVCL=+2, Rfb(1)=820//2pF Load=100 9 16 60 AVCL=+2, RL=100 F=4.5MHz, Vout=1Vpeak 0.05 0.05 Max. Unit ns ns % ns %
Noise and harmonic performance en in THD Equivalent input voltage noise Frequency : 1MHz Equivalent input current noise Total harmonic distortion AVCL=+2, F=2MHz RL=100 Vout=2Vpeak AVCL=+2, Vout=2Vpp RL=100 F1=1MHz, F2=1.1MHz IM3 Third order inter modulation product @900kHz @1.2MHz @3.1MHz @3.2MHz Matching characteristics Gf Gain flatness F=(DC) to 6MHz AVCL=+2, Vout=2Vpp F=1MHz to 10MHz 0.1 65 dB dB 90 90 86 83 dBc 8.5 64.4 pA/Hz dB 3 nV/Hz
Vo1/Vo2 Channel separation
1. Rfb is the feedback resistance between the output and the inverting input of the amplifier.
4/15
TSH110-TSH111-TSH112-TSH113-TSH114 Table 4.
Symbol DC performance Vio Vio Iib+ Input offset voltage Input offset voltage drift vs temperature Non inverting input bias current Tamb Tmin < Tamb < Tmax Tmin < Tamb < Tmax Tamb Tmin < Tamb < Tmax Inverting input bias current Transimpedance Supply current per operator Common mode rejection ratio (Vic/Vio) Supply voltage rejection ratio (VCC/Vio) Power supply rejection ratio (VCC/Vout) Gain=1, Rload=3.9k Tamb Tmin < Tamb < Tmax RL=100 Tamb Tmin < Tamb < Tmax
Electrical characteristics
Dual supply voltage, VCC=6V, Rfb(1)= 680 Tamb = 25C (unless otherwise specified) ,
Parameter Test conditions Min. Typ. Max. Unit
-1.0
0.9 1.3 5
3.0
mV mV V/C
-12
1 1.7
14
A A A A k
-4
3 3.4
10
Iib ROL ICC CMR SVR PSR
600
900 4 4.1 5
mA mA dB dB dB
58 72
63 80 49
Dynamic performance and output characteristics Tamb RL = 100 Tmin < Tamb < Tmax RL = 100 Tamb RL = 100 Tmin < Tamb < Tmax RL = 100 Output sink current Output source current Tmin < Tamb < Tmax Tmin < Tamb < Tmax Vout=1Vpk, Rfb(1)=680//2pF Bw -3dB bandwidth Load=100 AVCL=+2 SR Tr Tf Ov St Slew rate Rise time Fall time Overshoot Settling time @ 0.05% for 200mV step AVCL=+2, Rfb(1)=680//2pF Load=100 AVCL=+2, 6V step Load=100 240 100 450 10.4 12.2 17 40 MHz V/s ns ns % ns 4.5 4.7 4.6 -4.7 -4.6 47 46 -4.3 V V V V mA mA
Voh
High level output voltage
Vol
Low level output voltage
| Isink | Isource
5/15
Electrical characteristics Table 4.
Symbol G
TSH110-TSH111-TSH112-TSH113-TSH114
Dual supply voltage, VCC=6V, Rfb(1)= 680 Tamb = 25C (unless otherwise specified) ,
Parameter Differential gain Differential phase Test conditions AVCL=+2, RL=100 F=4.5MHz, Vout=2Vpeak Min. Typ. 0.05 0.05 Max. Unit %
Noise and harmonic performance en in THD Equivalent input voltage noise Frequency : 1MHz Equivalent input current noise Total harmonic distortion AVCL=+2, F=2MHz RL=100 Vout=4Vpp AVCL=+2, Vout=4Vpp RL=100 F1=1MHz, F2=1.1MHz IM3 Third order inter modulation product @900kHz @1.2MHz @3.1MHz @3.2MHz Matching characteristics Gf Gain flatness F=(DC) to 6MHz AVCL=+2, Vout=4Vpp F=1MHz to 10MHz 0.1 65 dB dB 82 84 77 73 dBc 8.6 67.7 pA/Hz dB 3 nV/Hz
Vo1/Vo2 Channel separation
1. Rfb is the feedback resistance between the output and the inverting input of the amplifier.
6/15
TSH110-TSH111-TSH112-TSH113-TSH114
Standby mode
3
Table 5.
Symbol Vlow Vhigh ICC-STBY Isol Zout Ton Toff
Standby mode
Tamb = 25C (unless otherwise specified), VCC=6V
Parameter Standby low level Standby high level Current consumption per operator in Standby mode Input/output isolation Output impedance (Rout // Cout) Time from Standby mode to active mode Time from active mode to Standby mode Down to ICC-STBY=40A F=1MHz Rout Cout Test conditions Min. VCC(VCC+2) 26 -90 31 25 2 13 Typ. Max. (VCC- +0.8) (VCC 40
+)
Unit V V A dB M pF s s
Table 6.
TSH111 standby control pin status
TSH111 standby control pin 8 (SBY) Vlow Vhigh Operator status Standby Active
Table 7.
TSH113 standby control pin status
TSH113 standby control Operator status pin 3 (SBY OP) x x x OP1 Standby Active x x Vlow Vhigh x x OP1 x x Standby Active x x OP3 x x x x Standby Active
pin 1 (SBY OP1) Vlow Vhigh x x x x
pin 2 (SBY OP2) x x Vlow Vhigh x x
7/15
Package information
TSH110-TSH111-TSH112-TSH113-TSH114
4
Package information
In order to meet environmental requirements, STMicroelectronics offers these devices in ECOPACK(R) packages. These packages have a lead-free second level interconnect. The category of second level interconnect is marked on the package and on the inner box label, in compliance with JEDEC Standard JESD97. The maximum ratings related to soldering conditions are also marked on the inner box label. ECOPACK is an STMicroelectronics trademark. ECOPACK specifications are available at: www.st.com.
8/15
TSH110-TSH111-TSH112-TSH113-TSH114
Package information
4.1
SO-8 package mechanical data
Figure 1. SO-8 package mechanical data
Dimensions Ref. Min. A A1 A2 b c D H E1 e h L k ccc 0.25 0.40 1 0.10 1.25 0.28 0.17 4.80 5.80 3.80 4.90 6.00 3.90 1.27 0.50 1.27 8 0.10 0.010 0.016 1 0.48 0.23 5.00 6.20 4.00 Millimeters Typ. Max. 1.75 0.25 0.004 0.049 0.011 0.007 0.189 0.228 0.150 0.193 0.236 0.154 0.050 0.020 0.050 8 0.004 0.019 0.010 0.197 0.244 0.157 Min. Inches Typ. Max. 0.069 0.010
9/15
Package information
TSH110-TSH111-TSH112-TSH113-TSH114
4.2
TSSOP8 package mechanical data
Figure 2. TSSOP8 package mechanical data
Dimensions Ref. Min. A A1 A2 b c D E E1 e k L L1 aaa 0 0.45 0.60 1 0.1 0.05 0.80 0.19 0.09 2.90 6.20 4.30 3.00 6.40 4.40 0.65 8 0.75 0 0.018 0.024 0.039 0.004 1.00 Millimeters Typ. Max. 1.2 0.15 1.05 0.30 0.20 3.10 6.60 4.50 0.002 0.031 0.007 0.004 0.114 0.244 0.169 0.118 0.252 0.173 0.0256 8 0.030 0.039 Min. Inches Typ. Max. 0.047 0.006 0.041 0.012 0.008 0.122 0.260 0.177
10/15
TSH110-TSH111-TSH112-TSH113-TSH114
Package information
4.3
SO-14 package mechanical data
Figure 3. SO-14 package mechanical data
Dimensions Ref. Min. A a1 a2 b b1 C c1 D E e e3 F G L M S 3.8 4.6 0.5 8.55 5.8 1.27 7.62 4.0 5.3 1.27 0.68 8 (max.) 0.149 0.181 0.019 8.75 6.2 0.35 0.19 0.5 45 (typ.) 0.336 0.228 0.050 0.300 0.157 0.208 0.050 0.026 0.344 0.244 0.1 Millimeters Typ. Max. 1.75 0.2 1.65 0.46 0.25 0.013 0.007 0.019 0.003 Min. Inches Typ. Max. 0.068 0.007 0.064 0.018 0.010
11/15
Package information
TSH110-TSH111-TSH112-TSH113-TSH114
4.4
TSSOP14 package mechanical data
Figure 4. TSSOP14 package mechanical data
Dimensions Ref. Min. A A1 A2 b c D E E1 e K L 0 0.45 0.60 0.05 0.8 0.19 0.09 4.9 6.2 4.3 5 6.4 4.4 0.65 BSC 8 0.75 0 0.018 0.024 1 Millimeters Typ. Max. 1.2 0.15 1.05 0.30 0.20 5.1 6.6 4.48 0.002 0.031 0.007 0.004 0.193 0.244 0.169 0.197 0.252 0.173 0.0256 BSC 8 0.030 0.004 0.039 Min. Inches Typ. Max. 0.047 0.006 0.041 0.012 0.0089 0.201 0.260 0.176
A
A2 A1 b e K c L E
D
E1
PIN 1 IDENTIFICATION
1
12/15
TSH110-TSH111-TSH112-TSH113-TSH114
Package information
4.5
SOT23-5 package mechanical data
Figure 5. SOT23-5 package (Inches)
Dimensions Ref. Min. A A1 A2 b C D H E e e1 L 0.35 0.90 0.00 0.90 0.35 0.09 2.80 2.60 1.50 0.95 1.9 0.55 0.014 Millimeters Typ. Max. 1.45 0.15 1.30 0.50 0.20 3.00 3.00 1.75 Min. 0.035 0.00 0.035 0.014 0.003 0.110 0.102 0.059 0.037 0.075 0.022 Inches Typ. Max. 0.057 0.006 0.051 0.02 0.008 0.118 0.118 0.069
.
13/15
Ordering information
TSH110-TSH111-TSH112-TSH113-TSH114
5
Table 8.
Ordering information
Order codes
Temperature range Package SOT23-5 SOT23-5 (Automotive grade level) SO-8 TSSOP8 (Thin shrink outline package) SO-8 -40C to +85C TSSOP8 (Thin shrink outline package) SO-14 TSSOP14 SO-14 TSSOP14 Packing Tape & reel Tape & reel Tube or Tape & reel Tape & reel Tube or Tape & reel Tape & reel Tube or Tape & reel Tape & reel Tube or Tape & reel Tape & reel Marking K302 K309 H111I H111I H112I H112I TSH113I TSH113I TSH114I TSH114I
Part number TSH110ILT TSH110IYLT(1) TSH111ID TSH111IDT TSH111IPT TSH112ID TSH112IDT TSH112IPT TSH113ID TSH113IDT TSH113IPT TSH114ID TSH114IDT TSH114IPT
1. Qualification and characterization according to AEC Q100 and Q003 or equivalent, advanced screening according to AEC Q001 & Q 002 or equivalent are on-going.
6
Table 9.
Date
Revision history
Document revision history
Revision 1 2 Initial release. Added TSH110ILT/TSH110IYLT order codes to Table 8: Order codes. Document reformatted. Changes
4-Oct-2001 22-Oct-2007
14/15
TSH110-TSH111-TSH112-TSH113-TSH114
Please Read Carefully:
Information in this document is provided solely in connection with ST products. STMicroelectronics NV and its subsidiaries ("ST") reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described herein at any time, without notice. All ST products are sold pursuant to ST's terms and conditions of sale. Purchasers are solely responsible for the choice, selection and use of the ST products and services described herein, and ST assumes no liability whatsoever relating to the choice, selection or use of the ST products and services described herein. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. If any part of this document refers to any third party products or services it shall not be deemed a license grant by ST for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoever of such third party products or services or any intellectual property contained therein.
UNLESS OTHERWISE SET FORTH IN ST'S TERMS AND CONDITIONS OF SALE ST DISCLAIMS ANY EXPRESS OR IMPLIED WARRANTY WITH RESPECT TO THE USE AND/OR SALE OF ST PRODUCTS INCLUDING WITHOUT LIMITATION IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE (AND THEIR EQUIVALENTS UNDER THE LAWS OF ANY JURISDICTION), OR INFRINGEMENT OF ANY PATENT, COPYRIGHT OR OTHER INTELLECTUAL PROPERTY RIGHT. UNLESS EXPRESSLY APPROVED IN WRITING BY AN AUTHORIZED ST REPRESENTATIVE, ST PRODUCTS ARE NOT RECOMMENDED, AUTHORIZED OR WARRANTED FOR USE IN MILITARY, AIR CRAFT, SPACE, LIFE SAVING, OR LIFE SUSTAINING APPLICATIONS, NOR IN PRODUCTS OR SYSTEMS WHERE FAILURE OR MALFUNCTION MAY RESULT IN PERSONAL INJURY, DEATH, OR SEVERE PROPERTY OR ENVIRONMENTAL DAMAGE. ST PRODUCTS WHICH ARE NOT SPECIFIED AS "AUTOMOTIVE GRADE" MAY ONLY BE USED IN AUTOMOTIVE APPLICATIONS AT USER'S OWN RISK.
Resale of ST products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by ST for the ST product or service described herein and shall not create or extend in any manner whatsoever, any liability of ST.
ST and the ST logo are trademarks or registered trademarks of ST in various countries. Information in this document supersedes and replaces all information previously supplied. The ST logo is a registered trademark of STMicroelectronics. All other names are the property of their respective owners.
(c) 2007 STMicroelectronics - All rights reserved STMicroelectronics group of companies Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America www.st.com
15/15


▲Up To Search▲   

 
Price & Availability of TSH110IYLT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X