Part Number Hot Search : 
29PL127 IC16F8 20N06 EM482 FRS12W DTA114E TX150 KK4541B
Product Description
Full Text Search
 

To Download PCA110V320 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ZIF FLEX CIRCUIT CONNECTOR
Adam Technologies, Inc.
INTRODUCTION: Adam Tech PCA Series Flexible Printed Circuit (FPC) and Flexible Flat Cable (FFC) connectors are ZIF (zero insertion force) connectors designed to provide a fast, easy, reliable method to make a connection of flexible printed circuits to a PCB. Adam Tech's special contact design completely preserves conductor integrity by eliminating all wiping action while making connection. Flex circuitry enters the connector and the connector cap is pressed down to capture the flex circuit producing a stable, high pressure connection. Raising the cap releases the pressure for exchange or replacement of circuitry. This series includes single and dual row versions in thru-hole or SMT mounting in vertical or horizontal orientations. FEATURES: Superior contact design protects conductors High pressure contacts Single or dual row versions Choice of .020", .031", .039" and .049" centerlines MATING FPC & FFC: Mates with .020", .031", .039" and .049" centerline flat flexible circuits with thickness range of 0.1mm to 0.3mm SPECIFICATIONS: Material: Standard Hi-Temp Insulator: LCP, Glass reinforced, rated UL94V-0 Insulator color: Natural Contacts: Phosphor Bronze Contact Plating: Tin over copper underplate overall Electrical: Operating voltage: 100V AC max. Current rating: .020" Spacing: 0.4 Amps max. .031" & .039" Spacing: 0.5 Amps max .049" Spacing: 1 Amp max Contact resistance: 30 m max. initial Insulation resistance: 500 M min. Dielectric withstanding voltage: 500V AC for 1 minute Mechanical: Insertion Force: 0 oz max Withdrawal Force: 13 oz min Temperature Rating: Operating temperature: -40C to +85C Soldering process temperature: 260C PACKAGING: Anti-ESD plastic tubes or Tape and Reel APPROVALS AND CERTIFICATIONS: UL Recognized File No. E224053 CSA Certified File No. LR1578596
.020" [0.50] CENTERLINE .031" [0.80] CENTERLINE .039" [1.00] CENTERLINE .049" [1.25] CENTERLINE
PCA SERIES
ORDERING INFORMATION PCA
SERIES INDICATOR PCA = ZIF Flex Circuit Connector
1
10
V
3
20
PCB ROW SPACING 20 = 2.0mm Leave blank for SMT
ENTRY ANGLE V = Top entry HL = Side entry, lower contact HU = Side entry, upper contact POSITIONS 03 thru 30
Pb
UL
(R)
(R)
(R)
E DCOMPLIANT
2002 / 95 / EC
RoHS V
HI-TEMP
INSULATOR
AVA I L A B L E
TYPE 1 = .049" centerline thru-hole 2 = .039" centerline SMT (body height 2.0mm) 2A = .039" centerline SMT (body height 1.5mm) 2B = .039" centerline SMT (body height 1.2mm) 3 = .039" centerline thru-hole 4 = .049" centerline SMT 5 = .031" centerline SMT 6 = .020" centerline SMT (body height 2.0mm) 6A = .020" centerline SMT (body height 1.5mm) 6B = .020" centerline SMT (body height 1.2mm) 6C = .020" centerline SMT (body height 1.0mm) 7 = .012" centerline SMT
FLEX CIRCUIT THICKNESS 3 = 0.1mm thru 0.3mm (standard for all types)
OPTIONS: Add designator(s) to end of part number TR = Tape and reel packaging
909 Rahway Avenue * Union, New Jersey 07083 * T: 908-687-5000 * F: 908-687-5710 * WWW.ADAM-TECH.COM
RoHS
COMPLIANT
197


▲Up To Search▲   

 
Price & Availability of PCA110V320

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X