Part Number Hot Search : 
PIC14000 TAR5025 GRM188R7 RFP4668 MMBT2 E101I SN74AUC 05HIL
Product Description
Full Text Search
 

To Download CMF0603 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CMF Series
PrecisionChipResistors
* * * * * * *
Resistances from 5.1Ohm to 10MOhms Power Rating 0.065 to 0.75 Watts Resistance Tolerances to 0.05% TCR's to 5 ppm/K Extreme Low Noise Precision / Thin Film Resistance Element Sizes: 0603 / 0805 / 1206 / 1210 / 2512
SPECIFICATIONS
Type Power Rating ( W )1 Working Voltage ( VAC ) Resistance Range (W) 0603 0.065 75 0805 0.125 100 TolerancesAvailable(%) Temperature Coefficients Available ( ppm/K ) 2 1% 50 0.1%to1% 25/50 0.1%to1% 10/15/25/50 0.05%to1% 5/10/15/25/50 0.05%to1% 10/15/25/50 0.25%to1% 50 W@70C/0W@125C 5/10/15PPM:+25Cto+85C 3 1000VAvailable/contactfactory
1 2
1206 0.25 200
5.1W - <10W
0.1%to1% 25/50 0.1%to1% 10/15/25/50 0.1%to1% 5/10/15/25/50 -
0.1%to1% 25/50 0.1%to1% 10/15/25/50 0.05%to1% 5/10/15/25/50 0.1%to1% 10/15/25/50 -
10W - <47W
47W - <100W
100W - 332k >332k - 1M >1M - 2M
>2M - 10M
-
-
Powertron GmbH PotsdamerStrasse18a D-14513Teltow +49(0)33283530-0 ARiedonCompany www.powertron.de
+49(0)33283530-15 Page12
rev.03/2006A
CMF Series
PrecisionChipResistors
SPECIFICATIONS (continued)
Specification
TemperatureRange ClimacticCetegory Solderability Max.SolderingTemperature
Value
-55Cto+125C 55/125/56 250C/3s 260C/10s
LongTermStability
Storage125C/1000h LoadLife/P=70%/70C/1000h Humidity/96%RH/40C/56days
MaxDR <47W
0.25% 0.25% 0.5%
47W -10MW
0.15% 0.1% 0.15%
Type CMF 0603 CMF 0805 CMF 1206
Dimensions L
0.0630.004 [1.60.1] 0.0800.004 [2.00.1 ] 0.1260.008 [3.20.2]
B
0.0300.004 [0.80.1] 0.0500.004 [1.250.1] 0.0630.006 [1.60.15]
D
0.0180.004 [0.450.1] 0.0220.004 [0.550.1] 0.0220.004 [0.550.1]
C
0.0120.008 [0.30.2] 0.0160.008 [0.40.2] 0.0200.008 [0.50.2]
Packaging: BulkorBlistertapetoIEC60286-3
Power(%)
PowerDeratingCurve
120 100 80 60 40 20 0

Tapewidth8mm/ReelDiameter180or330mm MinimumquantityBulk/100piecespervalue MinimumquantityTape&Reel/1000piecespervalue
Ordering Information
PartNumber-Resistance-Tolerance-TCR-Packaging Example:CMF060310kOhms0.1%10ppmTape ( Note: if no TCR is Specified / The highest value will be supplied)
0
25
50
75
100
125
150
175
AmbientTemperature(C)
Powertron GmbH PotsdamerStrasse18a D-14513Teltow +49(0)33283530-0 ARiedonCompany www.powertron.de
+49(0)33283530-15 Page13
rev.03/2006A


▲Up To Search▲   

 
Price & Availability of CMF0603

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X