Part Number Hot Search : 
EC3AB23 SP1601 25L1606 74AUP B0515 MA4ST080 7C126 26000
Product Description
Full Text Search
 

To Download S101K25Y5PP6K5 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HV 1 kV - 6 kV
Vishay BCcomponents
Ceramic Disc Capacitors Class 1 and 2, 1/2/3/6 kV General Purpose
D D
FEATURES
* * * * * * * * * * Low losses High stability High capacitance in small size Kinked (preferred) or straight leads Lead (Pb)-free available
e3
RoHS
COMPLIANT
tangent line
SH
tangent line
SH
APPLICATIONS
DC high voltage Pulse high voltage SMPS HV power supply HF ballast
F
F
Capacitors with 5 mm (0.20 inch), 7.5 mm (0.30 inch) and 10 mm (0.40 inch) lead spacing
D
DESIGN
The capacitors consist of a ceramic disc both sides of which are silver-plated. Connection leads are made of tinned copper having a diameter of 0.6 mm or 0.8 mm up to 3 kV and 0.8 mm for 6 kV. The capacitors may be supplied with kinked or straight leads with a lead spacing of 5 mm (0.200"), 7.5 mm (0.300") or 10 mm (0.400") and a lead length from 4 to 30 mm. The standard tolerance on capacitance is 5 % or 10 % for class 1 capacitors and 10 % or 20 % for class 2 capacitors. Encapsulation is made of gold-coloured epoxy-resin, flammable resistant in accordance with "UL94V-0".
tangent line
SH
CAPACITANCE RANGE:
F
Capacitors with 10 mm (0.40 inch) lead spacing
Class 2 X5F - 55 to + 85 C
Class 1, at 1 MHz, 1.2 V (RMS); 10 to 220 pF 1 kHz, 1 0.2 V (RMS) for capacitance values higher than 1000 pF Class 2, at 1 kHz, 1 0.2 V (RMS); 100 to 22 000 pF
RATED DC VOLTAGE: TEMPERATURE COEFFICIENTS:
Class 1 SL0; S3N Class 2 X7R; Y5P; Z5U; Y5V; X5F 1 kV; 2 kV; 3 kV; 6 kV
DIELECTRIC STRENGTH:
200 % of rated voltage
SECTIONAL SPECIFICATIONS:
Class 1 IEC 60 384-8, Class 2 IEC 60 384-9, EIA 198
INSULATION RESISTANCE AT 500 V (DC):
10 000 M
TOLERANCE ON CAPACITANCE:
5 %; 10 %; 20 %; + 80 /- 20 % Other tolerances available on request
CLIMATIC CATEGORY:
Class 1 SL0 55/125/21 Class 2 X7R 55/125/21 Class 2 Y5P; Z5U; Y5V 30/85/21 Class 2 X5F 55/85/21
DISSIPATION FACTOR:
Class 1, C 30 pF; 20 x (10/C + 0.7) x 10-4 max. Class 1, C > 30 pF; 0.2 % Class 2, 3.0 %
MARKING
Straight and kinked leaded versions are gold coloured Marking indicates capacitance value and tolerance in accordance with "EIA 198", and voltage
OPERATING TEMPERATURE RANGE:
Class 1 SL0; S3N - 55 to + 125 C Class 2 X7R - 55 to + 125 C Class 2 Y5P; Z5U; Y5V - 30 to + 85 C
www.vishay.com 49
Document Number 28515 Revision: 26-Oct-06
For technical questions, contact: CDC@vishay.com
HV 1 kV - 6 kV
Vishay BCcomponents
Ceramic Disc Capacitors Class 1 and 2, 1/2/3/6 kV General Purpose
ORDERING INFORMATION, 1 KV (DC), STRAIGHT
C (pF) TOL. (%) Dmax (mm) LEAD SPACING F (mm) KINKED CLASS 1 SL0 10 12 15 18 22 27 33 39 47 56 68 82 100 120 150 220 CLASS 2 X7R 100 150 220 330 470 680 1000 1500 2200 3300 4700 10 7.5 8.5 10.0 11.0 12.0 15.0 7.5 4.8 5.0 4.0 6.5 S101K25X7RN6.J5. S151K25X7RN6.J5. S221K25X7RN6.J5. S331K25X7RN6.J5. S471K29X7RN6.J5. S681K29X7RN6.J5. S102K33X7RN6.J5. S152K39X7RN6.J5. S222K43X7RN6.J5. S332K47X7RN6.J7. S472K59X7RN6.J7. 5 10 5 10 5 10 5 10 5 10 5 10 5 10 5 10 5 10 5 10 5 10 5 10 5 10 5 10 8.5 10.0 7.5 5.0 4.0 6.5 S100J25SL0N6.J5. S100K25SL0N6.J5. S120J25SL0N6.J5. S120K25SL0N6.J5. S150J25SL0N6.J5. S150K25SL0N6.J5. S180J25SL0N6.J5. S180K25SL0N6.J5. S220J25SL0N6.J5. S220K25SL0N6.J5. S270J25SL0N6.J5. S270K25SL0N6.J5. S330J25SL0N6.J5. S330K25SL0N6.J5. S390J25SL0N6.J5. S390K25SL0N6.J5. S470J25SL0N6.J5. S470K25SL0N6.J5. S560J29SL0N6.J5. S560K29SL0N6.J5. S680J29SL0N6.J5. S680K29SL0N6.J5. S820J29SL0N6.J5. S820K29SL0N6.J5. S101J29SL0N6.J5. S101K29SL0N6.J5. S121J33SL0N6.J5. S121K33SL0N6.J5. S151K33SL0N6.J5. S221K39SL0N6.J5. CLEAR TEXT CODE SH(2) (mm) 13th DIGIT: T = REEL; U = AMMO; 3 = BULK 16th DIGIT: R = RoHS COMPLIANT
www.vishay.com 50
For technical questions, contact: CDC@vishay.com
Document Number 28515 Revision 26-Oct-06
HV 1 kV - 6 kV
Ceramic Disc Capacitors Vishay BCcomponents Class 1 and 2, 1/2/3/6 kV General Purpose
ORDERING INFORMATION, 1 KV (DC), STRAIGHT
C (pF) TOL. (%) Dmax (mm) LEAD SPACING F (mm) KINKED CLASS 2 Y5P 100 150 220 330 470 680 1000 1500 2200 3300 4700 6800 10 000 CLASS 2 Z5U 1000 1500 2200 3300 4700 6800 10 000 15 000 22 000 CLASS 2 Y5V 1000 1500 2200 3300 4700 6800 10 000 15 000 22 000 33 000 + 80/- 20 6.5 S102Z25Y5VN6.J5. S152Z25Y5VN6.J5. S222Z29Y5VN6.J5. 5.0 4.0 S332Z29Y5VN6.J5. S472Z33Y5VN6.J5. S682Z39Y5VN6.J5. S103Z43Y5VN6.J5. 7.5 10.0 S153Z53Y5VN6.J7. 4.8 S223Z59Y5VN6.J7. S333Z75Y5VN8.J0. 20 8.5 10.0 11.0 12.0 15.0 19.0 7.5 10.0 6.5 5.0 4.0 S102M25Z5UN6.J5. S152M29Z5UN6.J5. S222M29Z5UN6.J5. S332M33Z5UN6.J5. S472M39Z5UN6.J5. S682M43Z5UN6.J5. S103M47Z5UN63J7. 4.8 S153M59Z5UN63J7. S223M75Z5UN83J0. 10 7.5 8.5 10.0 11.0 13.5 15.0 19.0 7.5 10.0 5.0 4.0 6.5 S101K25Y5PN6.J5. S151K25Y5PN6.J5. S221K25Y5PN6.J5. S331K25Y5PN6.J5. S471K25Y5PN6.J5. S681K29Y5PN6.J5. S102K29Y5PN6.J5. S152K33Y5PN6.J5. S222K39Y5PN6.J5. S332K43Y5PN6.J5. S472K53Y5PN63J7. 4.8 S682K59Y5PN63J7. S103K75Y5PN83J0. CLEAR TEXT CODE SH(2) (mm) 13th DIGIT: T = REEL; U = AMMO; 3 = BULK 16th DIGIT: R = RoHS COMPLIANT
7.5 8.5 10.0 11.0 13.5 15.0 19.0
Document Number 28515 Revision 26-Oct-06
For technical questions, contact: CDC@vishay.com
www.vishay.com 51
HV 1 kV - 6 kV
Vishay BCcomponents
Ceramic Disc Capacitors Class 1 and 2, 1/2/3/6 kV General Purpose
ORDERING INFORMATION, 1 KV (DC), KINKED
C (pF) TOL. (%) Dmax (mm) LEAD SPACING F (mm) KINKED CLASS 2 X5F 100 220 270 330 390 470 680 820 1000 2200 3300 4700 11.0 13.5 16.0 7.5 7.5 4.8 10 7.5 6.5 S101K25X5FN6.J5R S221K25X5FN6.J5R S271K25X5FN6.J5R S331K25X5FN6.J5R 5.0 4.0 S391K25X5FN6.J5R S471K25X5FN6.J5R S681K29X5FN6.J5R S821K29X5FN6.J5R S102K29X5FN6.J5R S222K43X5FN6.J5R S332K53X5FN6.J7R S472K63X5FN63J7R CLEAR TEXT CODE SH(2) (mm) 13th DIGIT: T = REEL; U = AMMO; 3 = BULK 16th DIGIT: R = RoHS COMPLIANT
Notes 1. Maximum thickness 4.5 mm. 2. SH = seated height. 3. Lead style codes refer to inward kinked leads. Other styles available on request.
www.vishay.com 52
For technical questions, contact: CDC@vishay.com
Document Number 28515 Revision 26-Oct-06
HV 1 kV - 6 kV
Ceramic Disc Capacitors Vishay BCcomponents Class 1 and 2, 1/2/3/6 kV General Purpose
ORDERING INFORMATION, 2 KV (DC), KINKED
C (pF) TOL. (%) Dmax (mm) LEAD SPACING F (mm) KINKED CLASS 1 SL0 10 12 15 18 22 27 33 39 47 56 68 82 100 120 150 CLASS 2 X7R 100 150 220 330 470 680 1000 1500 2200 3300 Document Number 28515 Revision 26-Oct-06 10 7.5 8.5 10.0 11.0 13.5 15.0 7.5 4.8 6.5 5.0 4.0 S101K25X7RP6.K5. S151K25X7RP6.K5. S221K25X7RP6.K5. S331K25X7RP6.K5. S471K29X7RP6.K5. S681K33X7RP6.K5. S102K39X7RP6.K5. S152K43X7RP6.K5. S222K53X7RP6.K7. S332K59X7RP6.K7. www.vishay.com 53 5 10 5 10 5 10 5 10 5 10 5 10 5 10 5 10 5 10 5 10 5 10 5 10 5 10 5 10 10 11.0 10.0 8.5 7.5 5.0 4.0 6.5 S100J25SL0P6.K5. S100K25SL0P6.K5. S120J25SL0P6.K5. S120K25SL0P6.K5. S150J25SL0P6.K5. S150K25SL0P6.K5. S180J25SL0P6.K5. S180K25SL0P6.K5. S220J25SL0P6.K5. S220K25SL0P6.K5. S270J25SL0P6.K5. S270K25SL0P6.K5. S330J29SL0P6.K5. S330K29SL0P6.K5. S390J29SL0P6.K5. S390K29SL0P6.K5. S470J29SL0P6.K5. S470K29SL0P6.K5. S560J29SL0P6.K5. S560K29SL0P6.K5. S680J33SL0P6.K5. S680K33SL0P6.K5. S820J33SL0P6.K5. S820K33SL0P6.K5. S101J39SL0P6.K5. S101K39SL0P6.K5. S121J39SL0P6.K5. S121K39SL0P6.K5. S151K43SL0P6.K5. CLEAR TEXT CODE SH(2) (mm) 13th DIGIT: T = REEL; U = AMMO; 3 = BULK 16th DIGIT: R = RoHS COMPLIANT
For technical questions, contact: CDC@vishay.com
HV 1 kV - 6 kV
Vishay BCcomponents
Ceramic Disc Capacitors Class 1 and 2, 1/2/3/6 kV General Purpose
ORDERING INFORMATION, 2 KV (DC), KINKED
C (pF) TOL. (%) Dmax (mm) LEAD SPACING F (mm) KINKED CLASS 2 Y5P 100 150 220 330 470 680 1000 1500 2200 3300 4700 CLASS 2 Z5U 1000 1500 2200 3300 4700 6800 10 000 CLASS 2 Y5V 1000 1500 2200 3300 4700 6800 10 000 CLASS 2 X5F 100 220 330 470 680 1000 2200 3300 Notes 1. Maximum thickness 5.0 mm. 2. SH = seated height. 3. Lead style codes refer to outward kinked leads. Other styles available on request. 10 6.5 7.5 8.0 10.0 11.0 15.0 16.5 7.5 7.5 4.8 5.0 4.0 S101K25X5FP6.K5R S221K25X5FP6.K5R S331K29X5FP6.K5R S471K31X5FP6.K5R S681K39X5FP6.K5R S102K43X5FP6.K5R S222K59X5FP6.K7R S332K65X5FP63K7R + 80/- 20 7.5 8.5 10.5 11.0 12.0 15.0 7.5 4.8 5.0 4.0 S102Z29Y5VP6.K5. S152Z29Y5VP6.K5. S222Z33Y5VP6.K5. S322Z39Y5VP6.K5. S472Z43Y5VP6.K5. S682Z47Y5VP6.K7. S103Z59Y5VP6.K7. 20 7.5 8.5 11.0 12.0 13.5 17.5 7.5 4.8 5.0 4.0 S102M29Z5UP6.K5. S152M29Z5UP6.K5. S222M33Z5UP6.K5. S332M43Z5UP6.K5. S472M47Z5UP63K7. S682M53Z5UP63K7. S103M69Z5UP63K7. 10 7.5 8.5 10.0 11.0 13.5 17.5 7.5 4.8 5.0 4.0 6.5 S101K25Y5PP6.K5. S151K25Y5PP6.K5. S221K25Y5PP6.K5. S331K25Y5PP6.K5. S471K29Y5PP6.K5. S681K29Y5PP6.K5. S102K33Y5PP6.K5. S152K39Y5PP6.K5. S222K43Y5PP6.K5. S332K53Y5PP63K7. S472K69Y5PP63K7. CLEAR TEXT CODE SH(2) (mm) 13th DIGIT: T = REEL; U = AMMO; 3 = BULK 16th DIGIT: R = RoHS COMPLIANT
www.vishay.com 54
For technical questions, contact: CDC@vishay.com
Document Number 28515 Revision 26-Oct-06
HV 1 kV - 6 kV
Ceramic Disc Capacitors Vishay BCcomponents Class 1 and 2, 1/2/3/6 kV General Purpose
ORDERING INFORMATION, 3 KV (DC), KINKED
C (pF) CLASS 1 SL 10 15 22 33 47 68 CLASS 2 X7R 100 150 220 330 470 680 1000 1500 2200 CLASS 2 Y5P 100 150 220 330 470 680 1000 1500 2200 3300 CLASS 2 Z5U 470 680 1000 1500 2200 3300 4700 CLASS 2 Y5V 1000 1500 2200 3300 4700 6800 Notes 1. Maximum thickness 6.0 mm. 2. Lead style codes refer to outward kinked leads. Other styles available on request. 3. All packaged in bulk. TOL. (%) Dmax (mm) LEAD SPACING F (mm) KINKED SEATED HEIGHT (mm) CLEAR TEXT CODE 16th DIGIT: R = RoHS COMPLIANT
10
8.5
7.5
4.0
10.0
S100K33SL0R63K7. S150K33SL0R63K7. S220K33SL0R63K7. S330K33SL0R63K7. S470K33SL0R63K7. S680K39SL0R63K7. S101K33X7RR63K7. S151K33X7RR63K7. S221K33X7RR63K7. S331K33X7RR63K7. S471K33X7RR63K7. S681K39X7RR63K7. S102K43X7RR63K7. S152K53X7RR63K7. S222K59X7RR83K7. S101K33Y5PR63K7. S151K33Y5PR63K7. S221K33Y5PR63K7. S331K33Y5PR63K7. S471K33Y5PR63K7. S681K39Y5PR63K7. S102K43Y5PR63K7. S152K47Y5PR63K7. S222K59Y5PR63K7. S332K75Y5PR83K0. S471M33Z5UR63K7. S681M33Z5UR63K7. S102M33Z5UR63K7. S152M39Z5UR63K7. S222M43Z5UR63K7. S332M53Z5UR63K7. S472M69Z5UR83K7. S102Z33Y5VR63K7. S152Z33Y5VR63K7. S222Z39Y5VR63K7. S322Z43Y5VR63K7. S472Z47Y5VR63K7. S682Z59Y5VR63K7.
8.5 4.0 10 10.0 11.0 13.5 17.5 7.5
4.8
8.5 4.0 10 7.5 10.0 11.0 12.0 15.0 19.0
4.8 10.0
8.5 4.0 20 10.0 11.0 13.5 17.5 7.5
4.8
8.5 + 80/- 20 10.0 11.0 12.0 15.0 4.0 7.5 4.8
Document Number 28515 Revision 26-Oct-06
For technical questions, contact: CDC@vishay.com
www.vishay.com 55
HV 1 kV - 6 kV
Vishay BCcomponents
Ceramic Disc Capacitors Class 1 and 2, 1/2/3/6 kV General Purpose
ORDERING INFORMATION, 6 KV (DC), STRAIGHT
C (pF) CLASS 1 SL 10 15 22 33 CLASS 1 S3N 47 68 100 150 CLASS 2 Z5U 220 330 470 680 1000 1500 2200 20 10.0 11.0 12.0 13.5 15.0 17.5 19.0 10 3.0 S221M39Z5UU83L0. S331M43Z5UU83L0. S471M47Z5UU83L0. S681M53Z5UU83L0. S102M59Z5UU83L0. S152M69Z5UU83L0. S222M75Z5UU83L0. 20 11.0 13.5 15.0 15.0 10 3.0 S470M43S3NU83L0. S680M53S3NU83L0. S101M59S3NU83L0. S151M59S3NU83L0. 20 10.0 13.5 10 3.0 S100M39SL0U83L0. S150M43SL0U83L0. S220M43SL0U83L0. S330M53SL0U83L0. TOL. (%) Dmax (mm) LEAD SPACING F (mm) STRAIGHT SEATED HEIGHT (mm) CLEAR TEXT CODE 16th DIGIT: R = RoHS COMPLIANT
Notes 1. Maximum thickness 8.0 mm. 2. Lead style codes refer to straight leads. Other styles available on request. 3. All packaged in bulk.
PACKAGING
PACKAGING TYPE SIZE CODE LEAD SPACE (mm) VOLTAGE (VDC) SPQ 1000 20 to 47 Bulk (long lead L 25.4 mm 53 to 75 84 to 96 < 500 Tape and reel 47 6.4 7.5 6.4 7.5 500 WV 2000 3000 all < 500 Ammopack 47 500 WV < 2000 2000 and 3000 all all all 1000 1000 500 250 2500 2000 1000 1000 2000 2000 1500 1500 335 x 240 x 50 335 x 290 x 50 360 x 330 x 55 370 x 370 x 60 245 x 120 x 65 BOX DIMENSIONS LxWxH (mm)
Note 1. The capacitors are supplied in bulk packaging (cardboard boxes), in tape on reel or in ammopack.
www.vishay.com 56
For technical questions, contact: CDC@vishay.com
Document Number 28515 Revision 26-Oct-06
HV 1 kV - 6 kV
Ceramic Disc Capacitors Vishay BCcomponents Class 1 and 2, 1/2/3/6 kV General Purpose
D P2 P s P s P h h
H1 W2 H0 L W1 W0 W A
e direction of unreeling d P1 F P0 t1 detail A t D0
Kinked capacitors on tape, lead spacing 5.0 mm (0.2 inch)
DIMENSIONS OF TAPE
SYMBOL D d P P0 P P1 P2 F h W W0 W1 W2 H0 H1 e L D0 t t1 Notes 1. Cumulative pitch error: 1 mm/20 pitches. 2. Obliquity maximum 3. PARAMETER body diameter lead diameter pitch between capacitors feed-hole pitch plane deviation feed-hole centre to lead centre feed-hole centre to component centre lead spacing component alignment tape width hold-down tape width hole position hold-down tape margin height to seating plane maximum component height lead end protrusion maximum length of snipped lead feed-hole diameter total tape thickness maximum thickness of tape and wires DIMENSIONS (mm) NOMINAL 11.0 maximum 0.6 12.7 12.7 1.0 maximum 3.85 6.35 5.0 0 18.0 5.0 minimum 9.0 3.0 maximum 16.0 32.0 1.0 maximum 11.0 4.0 0.9 maximum 1.5 maximum TOLERANCE 0.05 1.0 0.3; note 1 0.7; note 2 1.3; note 2 + 0.6/- 0.4 1.0 + 1.0/- 0.5 + 0.75/- 0.5 0.5 0.2 - -
Document Number 28515 Revision 26-Oct-06
For technical questions, contact: CDC@vishay.com
www.vishay.com 57
HV 1 kV - 6 kV
Vishay BCcomponents
Ceramic Disc Capacitors Class 1 and 2, 1/2/3/6 kV General Purpose
REEL AND TAPE DATA in millimeters
Reel with capacitors on tape
290
335 50
Ammopack with capacitors on tape
www.vishay.com 58
For technical questions, contact: CDC@vishay.com
Document Number 28515 Revision 26-Oct-06
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of S101K25Y5PP6K5

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X