Part Number Hot Search : 
HM628512 XVT9009 DVG62 MX014 D103B MFW2815D DS1231S MSD3P
Product Description
Full Text Search
 

To Download TA024-025-35-35 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TA024-025-35-35
REV1_20040412
2.4 -2.5 GHz 4 W Amplifier
FEATURES * P-1 dB: 36 dBm * IP3: 46 dBm * Bias Condition: 1.7 A @ 8 V * Small Signal Gain: 36 dB DESCRIPTION The TA024-025-35-35 is a PCB based 4 W power amplifier designed for operation in the 2.4 to 2.5 GHz frequency range. This amplifier utilizes high power devices that provide excellent linearity and high gain. High efficiency operation is achieved by using hybrid MIC designs and advanced GaAs PHEMT devices. The amplifier requires a +8V DC power supply and a -2V DC power supply. ELECTRICAL SPECIFICATIONS at 25 C
Symbol FREQ SSG GOF P-1 dB IP3 VSWR, IN VDC Vg IDC OTR Description Frequency Range Small Signal Gain Small Signal Gain Flatness Output Power at 1 dB Gain Compression Third Order Intercept Point Input VSWR DC Supply Voltage (with built-in regulator) Gate Voltage Current Supply Operating Temperature Range Min. 2.4 35 35 45 Typ. 36* 0.5 36 46 1.7:1 8 -2 1.7 Max. 2.5 1 2: 1 1.9 60 Unit GHz dB dB dBm dBm Volt Volt A C
-30
Actual gain and current depend on configuration. CASE: HA7 Note: The previous product part number of TA024-025-35-35 is TC5151K.
TRANSCOM, INC., 90 Dasoong 7th Road, Tainan Science-Based Industrial Park, Hsin-She Shiang, Tainan County, Taiwan, R.O.C. Web-Site: www.transcominc.com.tw Phone: 886-6-5050086 Fax: 886-6-5051602 P1/1


▲Up To Search▲   

 
Price & Availability of TA024-025-35-35

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X