Part Number Hot Search : 
DLM50 200AAO5B CT350 LT1172MK 1102B KRC102M Q68000 MX25V
Product Description
Full Text Search
 

To Download RFP-100N50TW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Model RFP-100N50TW Aluminum Nitride Terminations
Aluminum Nitride Flanged Terminations
100 Watts, 50
General Specifications
Resistive Element: Substrate: Cover: Mounting Flange: Lead(s): Thick film Aluminum nitride ceramic Alumina ceramic Copper, nickel plated per QQ-N-290 99.99% pure silver (.005" thk)
Features
* DC - 5.0 GHz * 100 Watts * Aluminum Nitride (AlN) Ceramic * Welded Silver Leads * Non-Nichrome Resistive Element * Low VSWR * 100% Tested
Electrical Specifications
Resistance Value: Frequency Range: Power: V.S.W.R.: 50 ohms, 5% DC - 5.0 GHz 100 Watts 1.25:1
Notes: Tolerance is .010, unless otherwise specified. Operating temperature is -55C to +150C (see chart). Designed to meet or exceed applicable portions of MIL-E-5400. All dimensions are in inches. Lead length 0.15" minimum. Specifications subject to change without notice.
Outline Drawing
.160 .800 .050 .062 .120
.400
.225 .110
RFP 100N50 TW
.120 .350 REF. .560
.215 REF. .130 DIA. THRU. (2 PLACES)
VER. 4/26/02
Sales Desk USA: Voice: (800) 544-2414 Fax: (315) 432-9121 Sales Desk Europe: Voice: (+44) 23 92 232392 Fax: (+44) 23 92 251369
1
Model RFP-100N50TW
% OF RATED POWER
Aluminum Nitride Flanged Terminations
2
Typical Performance
Power Derating
Suggested Mounting Procedures
.025 MIN. (2 PLACES)
100 75 50 25 0 25 50 75 100 125 150
BOARD LOWER THAN LEAD.
BOARD EVEN WITH LEAD.
BOARD LOWER THAN LEAD.
BOARD HIGHER THAN LEAD.
SUGGESTED STRESS RELIEF METHODS SCALE:
NOT RECOMMENDED APPLICATION SCALE:
CASE TEMPERATURE -- C
1. Make sure that the devices are mounted on flat surfaces (.001" under the device) to optimize the heat transfer. 2. Drill & tap the heatsink for the appropriate thread size to be used. 3. Coat heatsink with a minimum amount of high quality silicone grease (.001" max. thickness). 4. Position device on mounting surface & secure using socket head screws, flat & split washers. Torque screws to the appropriate value. Make sure that the device is flat against the heatsink. (Care should be taken to avoid upward pressure of the leads towards the lid). 5. Solder leads in place using an SN63 type solder with a controlled temperature iron (700F).
Sales Desk USA: Voice: (800) 544-2414 Fax: (315) 432-9121 Sales Desk Europe: Voice: (+44) 23 92 232392 Fax: (+44) 23 92 251369


▲Up To Search▲   

 
Price & Availability of RFP-100N50TW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X