Part Number Hot Search : 
FR7818DD AS23AH MMPQ3467 ISD1420 807DTRP ON2847 MA745WK PT086N4
Product Description
Full Text Search
 

To Download KK4518BD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TECHNICAL DATA
KK4518B
Dual Up-Counter
High-Voltage Silicon-Gate CMOS
The KK4518B Dual BCD Up-Counter consists two identical, internally synchronous 4-stage counters. The counter stages are D-type flip-flops having interchangeable CLOCK and ENABLE lines for incrementing on either the positive-going or negative-going transition. For single-unit operation the ENABLE input is maintained high and the counter advances on each positive-going transition of the CLOCK. The counters are cleared by high levels on their RESET lines. The counter can be cascaded in the ripple mode by connecting Q4 to the enable input of the subsequent counter while the CLOCK input of the latter is held low. * Operating Voltage Range: 3.0 to 18 V * Maximum input current of 1 A at 18 V over full package-temperature range; 100 nA at 18 V and 25C * Noise margin (over full package temperature range): 1.0 V min @ 5.0 V supply 2.0 V min @ 10.0 V supply 2.5 V min @ 15.0 V supply
ORDERING INFORMATION KK4518BN Plastic KK4518BD SOIC TA = -55 to 125 C for all packages
PIN ASSIGNMENT
LOGIC DIAGRAM
FUNCTION TABLE
Inputs CLOCK ENABLE RESET H L PIN 16=VCC PIN 8= GND X X L H X X X = don't care L L L L L L H Outputs Mode Increment Counter Increment Counter No Change No Change No Change No Change Q1 thru Q4=L
1
KK4518B
MAXIMUM RATINGS*
Symbol VCC VIN VOUT IIN PD PD Tstg TL
*
Parameter DC Supply Voltage (Referenced to GND) DC Input Voltage (Referenced to GND) DC Output Voltage (Referenced to GND) DC Input Current, per Pin Power Dissipation in Still Air, Plastic DIP+ SOIC Package+ Power Dissipation per Output Transistor Storage Temperature Lead Temperature, 1 mm from Case for 10 Seconds (Plastic DIP or SOIC Package)
Value -0.5 to +20 -0.5 to VCC +0.5 -0.5 to VCC +0.5 10 750 500 100 -65 to +150 260
Unit V V V mA mW mW C C
Maximum Ratings are those values beyond which damage to the device may occur. Functional operation should be restricted to the Recommended Operating Conditions. +Derating - Plastic DIP: - 10 mW/C from 65 to 125C SOIC Package: : - 7 mW/C from 65 to 125C
RECOMMENDED OPERATING CONDITIONS
Symbol VCC VIN, VOUT TA Parameter DC Supply Voltage (Referenced to GND) DC Input Voltage, Output Voltage (Referenced to GND) Operating Temperature, All Package Types Min 3.0 0 -55 Max 18 VCC +125 Unit V V C
This device contains protection circuitry to guard against damage due to high static voltages or electric fields. However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this high-impedance circuit. For proper operation, VIN and VOUT should be constrained to the range GND(VIN or VOUT)VCC. Unused inputs must always be tied to an appropriate logic voltage level (e.g., either GND or VCC). Unused outputs must be left open.
2
KK4518B
DC ELECTRICAL CHARACTERISTICS (Voltages Referenced to GND)
VCC Symbol VIH Parameter Minimum High-Level Input Voltage Maximum Low Level Input Voltage Minimum High-Level Output Voltage Maximum Low-Level Output Voltage Maximum Input Leakage Current Maximum Quiescent Supply Current (per Package) Minimum Output Low (Sink) Current Test Conditions VOUT= 0.5 V or VCC - 0.5V VOUT= 1.0 V or VCC - 1.0 V VOUT= 1.5 V or VCC - 1.5V VOUT= 0.5 V or VCC - 0.5V VOUT= 1.0 V or VCC - 1.0 V VOUT= 1.5 V or VCC - 1.5V VIN=GND or VCC V 5.0 10 15 5.0 10 15 5.0 10 15 5.0 10 15 18 5.0 10 15 20 5.0 10 15 5.0 5.0 10 15 Guaranteed Limit -55C 3.5 7 11 1.5 3 4 4.95 9.95 14.95 0.05 0.05 0.05 0.1 5 10 20 100 0.64 1.6 4.2 -2 -0.64 -1.6 -4.2 25C 3.5 7 11 1.5 3 4 4.95 9.95 14.95 0.05 0.05 0.05 0.1 5 10 20 100 0.51 1.3 3.4 -1.6 -0.51 -1.3 -3.4 125 C 3.5 7 11 1.5 3 4 4.95 9.95 14.95 0.05 0.05 0.05 1.0 150 300 600 3000 0.36 0.9 2.4 mA -1.15 -0.36 -0.9 -2.4 Unit V
VIL
V
VOH
V
VOL
VIN=GND or VCC
V
IIN ICC
VIN= GND or VCC VIN= GND or VCC
A A
IOL
VIN= GND or VCC UOL=0.4 V UOL=0.5 V UOL=1.5 V
mA
IOH
Minimum Output VIN= GND or VCC High (Source) Current UOH=2.5 V UOH=4.6 V UOH=9.5 V UOH=13.5 V
3
KK4518B
AC ELECTRICAL CHARACTERISTICS (CL=50pF, RL=200k, Input tr=tf=20 ns)
VCC Symbol fmax Parameter Maximum Clock Frequency, (Figure 1) V 5.0 10 15 5.0 10 15 5.0 10 15 5.0 10 15 1.5 3 4 560 230 160 650 225 170 200 100 80 Guaranteed Limit -55C 25C 1.5 3 4 560 230 160 650 225 170 200 100 80 7.5 125C 0.75 1.5 2 1120 460 320 1300 450 340 400 200 160 Unit MHz
tPHL, tPLH
Maximum Propagation Delay, Clock or Enable to Output (Figures 1,3) Maximum Propagation Delay, Reset to Output (Figure 2) Maximum Output Transition Time, Any Output (Figure 1) Maximum Input Capacitance
ns
tPHL
ns
tTHL, tTLH
ns
CIN
pF
TIMING REQUIREMENTS (CL=50pF, RL=200 k, Input tr=tf=20 ns)
VCC Symbol tw Parameter Minimum Pulse Width, Clock (Figure 1) V 5.0 10 15 5.0 10 15 5.0 10 15 5.0 10 15 200 100 70 250 110 80 400 200 140 15 5 5 Guaranteed Limit -55C 25C 200 100 70 250 110 80 400 200 140 15 5 5 125C 400 200 140 500 220 160 800 400 280 15 5 5 Unit ns
tw
Minimum Pulse Width, Reset (Figure 2)
ns
tw
Minimum Pulse Width, Enable (Figure 3)
ns
tr, tf
Maximum Input Rise and Fall Times (Figure 1)
s
Figure 1. Switching Waveforms
Figure 2. Switching Waveforms
4
KK4518B
Figure 3. Switching Waveforms
TIMING DIAGRAM
EXPANDED LOGIC DIAGRAM (1/2 of the Device)
5
KK4518B
N SUFFIX PLASTIC DIP (MS - 001BB)
A
Dimension, mm
16 9 B
Symbol A
MIN 18.67 6.1
MAX 19.69 7.11 5.33
1
8
B C
F L
D F
0.36 1.14 2.54 7.62 0 2.92 7.62 0.2 0.38
0.56 1.78
C -T- SEATING
PLANE
G H
H J
N G D 0.25 (0.010) M T K M
J K L M N
10 3.81 8.26 0.36
NOTES: 1. Dimensions "A", "B" do not include mold flash or protrusions. Maximum mold flash or protrusions 0.25 mm (0.010) per side.
D SUFFIX SOIC (MS - 012AC) Dimension, mm
A 16 9
Symbol A
MIN 9.8 3.8 1.35 0.33 0.4 1.27 5.72 0 0.1 0.19 5.8 0.25
MAX 10 4 1.75 0.51 1.27
H
B
P
B C
1
G
8 C R x 45
D F G
-TD 0.25 (0.010) M T C M K
SEATING PLANE
J
F
M
H J K M P R
8 0.25 0.25 6.2 0.5
NOTES: 1. Dimensions A and B do not include mold flash or protrusion. 2. Maximum mold flash or protrusion 0.15 mm (0.006) per side for A; for B 0.25 mm (0.010) per side.
6


▲Up To Search▲   

 
Price & Availability of KK4518BD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X