Part Number Hot Search : 
MUR360 5KE300CA CEP703 MBR358W HERF1004 B25ZA B2000 1205202
Product Description
Full Text Search
 

To Download MX480 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Type MX Precision High Voltage Resistors
Cost Effective High Voltage Resistors for Industrial and General Purpose Applications
The Type MX Precision High Voltage Resistors were specifically developed for use in industrial and general purpose high voltage systems. These resistors combine the proven performance of Caddock's Micronox (R) resistance system with new cost efficient design elements. These resistors are intended for the design of high voltage systems where the system is not exposed to full military or space grade operating conditions. For full military or space grade operating conditions, we recommend Caddock's Type TG Low TC Precision High Voltage Resistors or Type MG Precision High Voltage Resistors.
MX431
The performance features of the Type MX Precision High Voltage Resistors are: * Seven Models with Voltage Ratings from 7.5 KV to 48 KV. * Temperature Coefficient: 80 ppm/C from 0C to +70C. * Load Life Stability of 0.50% per 1,000 hours. * Resistance Tolerance from 0.1% to 10%. * Non-Inductive Design. * Resistance Range from 1 Megohm to 2,000 Megohms. Ordering Information:
Model Number:
MX440
MX485 -100M - 1%
Tolerance
MX450 MX480
Resistor Value:
MX485
MX510
MX515
Model No.
Wattage
Max. Continuous Oper. Volt.
TC ppm/ C
Resistance Min. Max.
Dimensions in inches and (millimeters) A B C
Specifications:
MX 431
MX 440
2.0
3.5
7,500
11,000
80
80
1 Meg
1.5 Meg
150 Meg
300 Meg
MX 450 MX 480
MX 485
5.0 7.5
10.0
16,000 24,000
32,000
80 80
80
2 Meg 3 Meg
4 Meg
500 Meg 750 Meg
1,000 Meg
MX 510
MX 515
12.5
15.0
40,000
48,000
80
80
5 Meg
6 Meg
1,250 Meg
2,000 Meg
.940 .040 (23.88 1.02) 1.450 .040 (36.83 1.02) 2.080 .040 (52.83 1.02) 3.080 .050 (78.23 1.27) 3.940 .050 (100.08 1.27) 4.940 .080 (125.48 2.03) 5.940 .080 (150.88 2.03)
.270 .020 (6.86 .51) .270 .020 (6.86 .51) .270 .020 (6.86 .51) .270 .020 (6.86 .51) .270 .020 (6.86 .51) .270 .020 (6.86 .51) .330 .020 (8.38 .51)
.040 .002 (1.02 .05) .040 .002 (1.02 .05) .040 .002 (1.02 .05) .040 .002 (1.02 .05) .040 .002 (1.02 .05) .040 .002 (1.02 .05) .040 .002 (1.02 .05)
Type MX Resistors Utilize Caddock's Patented Coating Design
Type MX Precision High Voltage Resistors combine Caddock's NonInductive serpentine pattern with a patented, high thru-put screen printed silicone coating. The alignment of the gap in the coating pattern with the gap in the serpentine resistor pattern provides a complete encapsulation of the resistor element. The cap and lead assemblies are pressed onto the resistor core, finishing the resistor and providing rugged terminal attachment.
Resistance Tolerance: 1%, 2%, 5%, or 10% (tolerance to 0.5%, 0.25%, or 0.1% on special order). Temperature Coefficient: 80 ppm/C referenced to +25C, R taken at 0C and +70C. Thermal Shock: Mil-Std-202, Method 107, Cond. A, R, 0.20% max. Moisture Resistance: Mil-Std-202, Method 106, R, 1.0% max. Load Life: 1,000 hours at rated voltage at +70C, not to exceed rated power, R, 0.50% max. Lead Material: Tinned copper clad steel, solderable. Encapsulation: Screen printed high temperature silicone coating over resistor element.
1.500 .125 (38.10 3.18) A B C
DIMENSIONS IN INCHES AND (MILLIMETERS)
Derating Curve:
100 80 RATED POWER OR 60 RATED VOLTAGE, % 40 20 0
Certain products shown in this catalog are covered by one or more patents, there are also patents pending.
25 70 175 AMBIENT TEMPERATURE, C
Applications Engineering 17271 North Umpqua Hwy. Roseburg, Oregon 97470-9422 Phone: (541) 496-0700 Fax: (541) 496-0408
(c) 2004 Caddock Electronics, Inc.
CADDOCK
e-mail: caddock@caddock.com * web: www.caddock.com For Caddock Distributors listed by country see caddock.com/contact/dist.html
Sales and Corporate Office 1717 Chicago Avenue Riverside, California 92507-2364 Phone: (951) 788-1700 Fax: (951) 369-1151
28_IL113.1004


▲Up To Search▲   

 
Price & Availability of MX480

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X