Part Number Hot Search : 
HZ4B2 2C100 CZB2B 40100 2SK239 CYWB012X 74VCX1 LUGY59W
Product Description
Full Text Search
 

To Download MMSZ5257B-F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 500mW Two Terminals
SMD Zener Diodes MMSZ5225B-F - MMSZ5267B-F
500mW Two Terminals SMD Zener Diodes
Features
* Silicon Planar Zener Construction * 500mW Power Dissipation * * * * Zener Voltage 3.0v to 39v Standard Zener Voltage Tolerance is 5% with a "B" suffix Ideal Suited for Automated Assembly Processes RoHS Compliance
SOD-123F
Mechanical Data
Case: Epoxy: Terminals: Polarity: Approx. Weight: SOD-123F, molded plastic Plastic package has UL flammability 94V-0 Solderable per MIL-STD-750, Method 2026 Color band denotes cathode 0.01 grams
Maximum Ratings (T Ambient=25C unless noted otherwise)
Symbol Description Value 0.9 Max. Instantaneous Forward Voltage 1.5 Power Dissipation Peak Forward Surge Current Open Junction and Storage Temperature Range 500 4.0 -55 to 150 mW A C V IF=200mA TA=25 C (Note 1) Note 2 Unit IF=10mA Conditions
VF Ptot IFSM TJ, TSTG
Note: 1. Mounted on 5.0mm(.013mm thick) land areas.
2. Measured on 8.3ms, single half sine-wave or equivalent square wave, duty cycle=4 pulse per minute maximum.
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Tel: (800)-TAITRON (800)-824-8766 (661)-257-6060 Fax: (800)-TAITFAX (800)-824-8329 (661)-257-6415
Rev. A/AH 2007-12-14 Page 1 of 4
500mW Two Terminals SMD Zener Diodes
MMSZ5225B-F - MMSZ5267B-F
Electrical Characteristics (T Ambient=25C unless noted otherwise)
Norminal Zener Voltage @ Part NO. Marking Code Nom. MMSZ5225B-F MMSZ5226B-F MMSZ5227B-F MMSZ5228B-F MMSZ5229B-F MMSZ5230B-F MMSZ5231B-F MMSZ5232B-F MMSZ5233B-F MMSZ5234B-F MMSZ5235B-F MMSZ5236B-F MMSZ5237B-F MMSZ5238B-F MMSZ5239B-F MMSZ5240B-F MMSZ5241B-F MMSZ5242B-F MMSZ5243B-F MMSZ5244B-F MMSZ5245B-F MMSZ5246B-F MMSZ5247B-F MMSZ5248B-F MMSZ5249B-F MMSZ5250B-F MMSZ5251B-F MMSZ5252B-F MMSZ5253B-F MMSZ5254B-F MMSZ5255B-F MMSZ5256B-F C5 D1 D2 D3 D4 D5 E1 E2 E3 E4 E5 F1 F2 F3 F4 F5 H1 H2 H3 H4 H5 J1 J2 J3 J4 J5 K1 K2 K3 K4 K5 M1 3.0 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.0 6.2 6.8 7.5 8.2 8.7 9.1 10 11 12 13 14 15 16 17 18 19 20 22 24 25 27 28 30
IZT VZ(V)
Min. 2.85 3.14 3.42 3.71 4.09 4.47 4.85 5.32 5.70 5.89 6.46 7.13 7.79 8.27 8.65 9.50 10.45 11.40 12.35 13.30 14.25 15.20 16.15 17.10 18.05 19.00 20.90 22.80 23.75 25.65 26.60 28.50 Max. 3.15 3.47 3.78 4.10 4.52 4.94 5.36 5.88 6.30 6.51 7.14 7.88 8.61 9.14 9.56 10.50 11.55 12.60 13.65 14.70 15.75 16.80 17.85 18.90 19.95 21.00 23.10 25.20 26.25 28.35 29.40 31.50
Test Current
Max. Zener impedance
IZT(mA)
20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 9.5 9.0 8.5 7.8 7.4 7.0 6.6 6.2 5.6 5.2 5.0 4.6 4.5 4.2
ZZT @ IZT
30 28 24 23 22 19 17 11 7 7 5 6 8 8 10 17 22 30 13 15 16 17 19 21 23 25 29 33 35 41 44 49
Zzk @ Izk
1600 1600 1700 1900 2000 1900 1600 1600 1600 1000 750 500 500 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 mA 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25
Max. Reverse Leakage Current IR @ VR
IR (A)
50 25 15 10 5.0 5.0 5.0 5.0 5.0 5.0 3.0 3.0 3.0 3.0 3.0 3.0 2.0 1.0 0.5 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1
VR(V)
1.0 1.0 1.0 1.0 1.0 2.0 2.0 3.0 3.5 4.0 5.0 6.0 6.5 6.5 7.0 8.0 8.4 9.1 9.9 10 11 12 13 14 14 15 17 18 19 21 21 23
Rev. A/AH 2007-12-14 www.taitroncomponents.com Page 2 of 4
500mW Two Terminals SMD Zener Diodes
MMSZ5225B-F - MMSZ5267B-F
Norminal Zener Voltage @ Part NO. Marking Code Nom. MMSZ5257B-F MMSZ5258B-F MMSZ5259B-F MMSZ5260B-F MMSZ5261B-F MMSZ5262B-F MMSZ5263B-F MMSZ5264B-F MMSZ5265B-F MMSZ5266B-F MMSZ5267B-F M2 M3 M4 M5 N1 N2 N3 N4 N5 P1 P2 33 36 39 43 47 51 56 60 62 68 75
IZT VZ(V)
Min. 31.35 34.20 37.05 40.85 44.65 48.45 53.20 57.00 58.90 64.60 71.25 Max. 34.65 37.80 40.95 45.15 49.35 53.55 58.80 63.00 65.10 71.40 78.75
Test Current
Max. Zener impedance
IZT(mA)
3.8 3.4 3.2 3.0 2.7 2.5 2.2 2.1 2.0 1.8 1.7
ZZT @ IZT
58 70 80 93 105 125 150 170 185 230 270
Zzk @ Izk
700 700 800 900 1000 1100 1300 1400 1400 1600 1700 mA 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25
Max. Reverse Leakage Current IR @ VR
IR (A)
0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1
VR(V)
25 27 30 33 36 39 43 46 47 52 56
Dimensions in mm
SOD-123F
Rev. A/AH 2007-12-14 www.taitroncomponents.com Page 3 of 4
500mW Two Terminals SMD Zener Diodes
MMSZ5225B-F - MMSZ5267B-F
How to contact us
US HEADQUARTERS
28040 WEST HARRISON PARKWAY, VALENCIA, CA 91355-4162 Tel: (800) TAITRON (800) 824-8766 (661) 257-6060 Fax: (800) TAITFAX (800) 824-8329 (661) 257-6415 Email: taitron@taitroncomponents.com Http://www.taitroncomponents.com
TAITRON COMPONENTS MEXICO, S.A .DE C.V.
BOULEVARD CENTRAL 5000 INTERIOR 5 PARQUE INDUSTRIAL ATITALAQUIA, HIDALGO C.P. 42970 MEXICO Tel: +52-55-5560-1519 Fax: +52-55-5560-2190
TAITRON COMPONENTS INCORPORATED REPRESENTACOES DO BRASIL LTDA
RUA DOMINGOS DE MORAIS, 2777, 2.ANDAR, SALA 24 SAUDE - SAO PAULO-SP 04035-001 BRAZIL Tel: +55-11-5574-7949 Fax: +55-11-5572-0052
TAITRON COMPONENTS INCORPORATED, SHANGHAI REPRESENTATIVE OFFICE
METROBANK PLAZA, 1160 WEST YAN' AN ROAD, SUITE 1503, SHANGHAI, 200052, CHINA Tel: +86-21-5424-9942 Fax: +86-21-5424-9931
Rev. A/AH 2007-12-14 www.taitroncomponents.com Page 4 of 4


▲Up To Search▲   

 
Price & Availability of MMSZ5257B-F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X