Part Number Hot Search : 
P0402 2SB1558 05738 50PI18 30500 CAPA800 MBRF2010 B3913
Product Description
Full Text Search
 

To Download BRUS3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BRUS3 &4
MINIBRIDGE
50 ns. ULTRA-FAST RECOVERY 30 to35 AMPERES
SINGLE-PHASE, FULL-WAVE BRIDGES HEAT SINK CHASSIS PC BOARD MOUNTING
This mark indicates recognition under the component program of Underwriters Laboratories, inc.
INTEGRALLY MOLDED HEAT SINKS PROVIDE VERY LOW THERMAL RESISTANCE
WIRE LEADS BRUS3W& 4W BRUS3 &4 QUICK-CONNECT TERMINALS
PRV/LEG BRUS3 SERIES BRUS4 SERIES
50V
BRUS305 BRUS405
100V
BRUS310 BRUS410
200V
BRUS320 BRUS420
400V
BRUS340 BRUS440
500V
BRUS350 BRUS450
600V
BRUS360 BRUS460
FOR WIRE LEADS ADD SUFFIX W TO SERIES NUMBER, FOR EXAMPLE, BRUS305W
ELECTRICAL CHARACTERISTICS PER LEG (at TA=25 C U nle ss O the rwis e Sp eci fie d)
Average Output Current, lo @ 60 C (Fig.1) Max.Forward Voltage Drop, VF@ IF=12A pk Max.Forward Voltage Drop, VF@ IF=2ADC Max.DC Reverse Current @ PRV and 25 C , IR Max.DC Reverse Current @ PRV and 100 C ,IR Max.Reverse Recovery Time,Trr (Fig.3) Max.Peak Surge Current, lFSM (8.3ms) (Fig.2) Storage Temperature Range, TSTG Ambient Operating Temperature Range,TA
Thermal Resistance (Total Bridge), R0 j-c
O
SERIES DESIGNATION BRUS3 30 1.75 1.2 10 200 50 250 BRUS4 35 1.5 1.2 10 200 50 320 UNITS Amps Volts Volts
A A
Nanosec. Amps
o
-55 to+150 -55 to+150 1.25 typ. 1.5 typ.
o
C C
o
C/W
BRUS3 &4
FIG.1 CURRENT DERATING
60 lO.AVERAGE FORWARD CURRENT(AMP) L MAX.PEAK SURGE CURRENT IFSM
FIG.2 NON-REPETITIVE SURGE CURRENT
1000 500
50
40
BRUS4
200 100
30
BR US 4
BR U S3
BRUS3
20 BRIDGE OUTPUT RES.-IND. LOADS
Derate current by 20% for capacitive loads
50
10
20 10
0
25
50
75
100
O
125
150
1
2
5
10
20
50
100
TC =TEMPERATURE ( C)
NUMBER OF CYCLES AT 60 CPS
FIG. 3 REVERSE RECOVERY TEST METHOD
T RR
ZERO 0.5A REFERENCE
R1 50 OHM
D.U.T. PULSE GENERATOR R2 1 OHM SCOPE
1.0A 0.25A
R1, R2 NON-INDUCTIVE RESISTORS PULSE GENERATOR - HEWLETT PACKARD 214A OR EQUIV. IKC REP.RA TE, 10 SEC. PULSE WIDTH ADJUST PULSE AMPLITUDE FOR PEAK IR
BRUS3/4-W MECHANICAL OUTLINE
1.125
+
.193 DIA THRU HOLE
1.125
BRUS3/4 MECHANICAL OUTLINE
.093 DIA. HOLE
.712
.040 DIA. EPOXY CASE 1.2 MIN.
+
EPOXY CASE
.032
.250 FASTON 4 PLACES
.193 DIA THRU HOLE
AC
1.125
.712
S
.6 MAX.
+
AC
.405 MAX
+
1.125 . 405 MAX
.450
S
METAL HEAT SINK
INTEGRATED METAL HEAT SINK
Dielectric test voltage 2,500 volts rms, max. 50-60Hz
1. Corrosion resistant terminals designed for .250 female quick connector, wrap around or solder. 2. A thin film of silicone thermal compound is recommended between the Minibridge R case and mounting surface for improved thermal conduction. 3. Higher dielectric strengths available. Consult factory.
NOTES: Maxinum lead and terminal temperature for soldering, 3/8 inch from case,5 seconds at 250 OC EDI reserves the right to change these specifications at any time without notice.
ELECTRONIC DEVICES, INC. DESIGNERS AND MANUFACTURERS OF SOLID STATE DEVICES SINCE 1951.
21 GRAY OAKS AVENUE * YONKERS. NEW YORK 10710 914-965-4400 * FAX 914-965-5531 * 1-800-678-0828 * Ee-mail:sales@edidiodes.com Wwebsite: http://www.edidiodes.com


▲Up To Search▲   

 
Price & Availability of BRUS3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X