![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
BL Galaxy Electrical NPN General Purpose Amplifier FEATURES Epitaxial planar die construction. Ultra-small surface mount package. Production specification MMBT5550 Pb Lead-free APPLICATIONS High voltage transistors. General purpose application. ORDERING INFORMATION Type No. MMBT5550 Marking M1F SOT-23 Package Code SOT-23 MAXIMUM RATING @ Ta=25 unless otherwise specified Symbol VCBO VCEO VEBO IC PC Tj,Tstg Parameter Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current -Continuous Collector Dissipation Junction and Storage Temperature Value 160 140 6 600 225 -55to+150 Unit V V V mA mW ELECTRICAL CHARACTERISTICS @ Ta=25 unless otherwise specified Document number: BL/SSSTC117 Rev.A www.galaxycn.com 1 BL Galaxy Electrical NPN General Purpose Amplifier Parameter Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector cut-off current Emitter cut-off current DC current gain Symbol V(BR)CBO V(BR)CEO V(BR)EBO ICBO IEBO hFE Test conditions IC=100A IE=0 IC=1.0mA IB=0 B Production specification MMBT5550 MIN 160 140 6 100 50 60 60 20 250 0.15 0.25 1.0 1.2 V V MAX UNIT V V V nA nA IE=10A IC=0 VCB=100V IE=0 VEB=4V IE=0 VCE=5.0V IC=1.0mA VCE=5.0V IC=10mA VCE=5.0V IC=50mA IC=10mA IB=1.0mA IC=50mA IB=5.0mA B B Collector-emitter saturation voltage Base-emitter saturation voltage VCE(sat) VBE(sat) IC=10mA IB=1.0mA IC=50mA IB=5.0mA B B TYPICAL CHARACTERISTICS @ Ta=25 unless otherwise specified Document number: BL/SSSTC117 Rev.A www.galaxycn.com 2 BL Galaxy Electrical NPN General Purpose Amplifier Production specification MMBT5550 PACKAGE OUTLINE Plastic surface mounted package A E SOT-23 SOT-23 Dim A B C D Min 2.85 1.25 0.37 0.35 1.85 0.02 2.35 Max 2.95 1.35 0.43 0.48 1.95 0.1 2.45 K B 1.0Typical D G J E G H H C J K 0.1Typical All Dimensions in mm Document number: BL/SSSTC117 Rev.A www.galaxycn.com 3 BL Galaxy Electrical NPN General Purpose Amplifier SOLDERING FOOTPRINT Production specification MMBT5550 Unitmm PACKAGE Device MMBT5550 INFORMATION Package SOT-23 Shipping 3000/Tape&Reel Document number: BL/SSSTC117 Rev.A www.galaxycn.com 4 |
Price & Availability of MMBT5550
![]() |