Part Number Hot Search : 
HD74LS20 CS8305 NJM2550 EFF20C 7805A H4N12 74AC10P0 KRA301E
Product Description
Full Text Search
 

To Download BD680 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transys
Electronics
LIMITED
PNP DARLIGNTON POWER SILICON TRANSISTORS
BD676, 676A BD678, 678A BD680, 680A BD682, 684 TO126 Plastic Package
EC
B
For Use As Output Devices In Complementary General Purpose Amplifier Applications. COMPLEMENTARY TO BD675, 675A, 677, 677A, 679, 679A, 681 & 683 BD678, 678A, 680, 680A ARE EQUIVALENT TO MJE700, 702, 703.
ABSOLUTE MAXIMUM RATINGS (Ta=25C unless specified otherwise) DESCRIPTION SYMBOL TEST CONDITION BD676 BD678 Collector -Base Voltage Collector -Emitter Voltage Emitter Base Voltage Collector Current Base Current Collector Power Dissipation @ Tc=25C Derate above 25C Operation and Storage Junction Temperature Range THERMAL RESISTANCE Junction to Case VCBO VCEO VEBO IC IB PD Tj,Tstg 45 45 60 60
BD680 BD682 BD684 UNIT BD676A BD678A BD680A
80 100 80 100 5.0 4.0 0.1 40 0.32 -55 to +150
120 120
V V V A A W W/C C
Rth(j-c)
3.13
C/W
ELECTRICAL CHARACTERISTICS (Ta=25C unless specified otherwise) SYMBOL TEST CONDITION BD676 BD678 DESCRIPTION Collector Emitter Voltage Collector Cut off Current Collector Cut off Current BVCEO* IC=50mA, IB=0 ICEO VCE=Half RatedVCEO, IB=0 ICBO VCB=Rated VCBO,IE=0 VCB=Rated VCBO,IE=0 Ta=100C VEB=5V,IC=0 IC=1.5A, VCE=3V IC=2A, VCE=3V >45 <500 <0.2 <2 <2
BD680 BD682 BD684 UNIT BD676A BD678A BD680A
>60 <500 <0.2 <2 <2
>80 <500 <0.2 <2 <2
>100 >120 <500 >120 <0.2 <2 <2 <0.2 <2 <2
V A mA mA mA
Emitter Cut off Current DC Current Gain NON A A
IEBO hFE*
<-------------- >750---------------> <----------------- >750----------------->
PNP DARLIGNTON POWER SILICON TRANSISTORS
BD676, 676A BD678, 678A BD680, 680A BD682, 684 TO126 Plastic Package
EC
B
SYMBOL TEST CONDITION BD676 BD678 BD680 BD682 BD684 UNIT BD676A BD678A BD680A
DESCRIPTION
VCE(sat)* Collector Emitter Saturation Voltage NON A A Base Emitter on Voltage NON A A Small Signal Current Gain IhfeI VBE (on)*
IC=1.5A, IB=30mA IC=2.0A, IB=40mA
<-----------------<2.5 --------------> <---------------<2.8------------->
V V
IC=1.5A, VCE=3V IC=2A, VCE=3V
<-----------------<2.5 --------------> <-----------------<2.5 --------------> <------------------ >1.0------------------>
V V
IC=1.5A, VCE=3V f=1MHz *Pulse Condition: Width = 300s, Duty Cycle < 2%.
BD676, 676A BD678, 678A BD680, 680A BD682, 684 TO126 Plastic Package TO-126 (SOT-32) Plastic Package
A N P B C
DIM A B C D E
MIN 7.4 10.5 2.4 0.7 0.49
MAX 7.8 10.8 2.7 0.9 0.75
2.25 TYP. 4.5 TYP. 15.7 TYP. 1.27 TYP. 3.75 TYP. 3.0 3.2
S
1
1 2 3 D F G M
F 2 3 Pin Configuration 1. Emitter 2. Collector 3. Base G L M N P
L
E
S 2.5 TYP. All diminsions in mm.
Packing Detail
PACKAGE TO-126 Bulk TO-126 Tube STANDARD PACK Details Net Weight/Qty 500 pcs/polybag 340 gm/500 pcs 50 pcs/tube 73 gm/50 pcs INNER CARTON BOX Size Qty 3" x 7.5" x 7.5" 2K 3" x 3.7" x 21.5" 1K OUTER CARTON BOX Size Qty Gr Wt 17" x 15" x 13.5" 32K 31 kgs 19" x 19" x 19" 10K 15 kgs


▲Up To Search▲   

 
Price & Availability of BD680

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X