Part Number Hot Search : 
C1390 LM209 ZEN2901P BFXXXX 2SA56 AH304 SII9011 SMA28
Product Description
Full Text Search
 

To Download SL1021A150 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Gas Discharge Tubes
High Performance Beta Range
RoHS
Pb
GreentubeTM SL1021A Series Gas Plasma Arresters
(R)
The SL1021A series offers high levels of performance on fast rising transients in the domain of 100V/S to 1KV/S, which are those most likely from induced Lightning disturbances. The SL1021A series also features ultra low capacitance (typically 1pF or less) and optimised internal geometry which provides low insertion loss at high frequencies, so are ideal for the protection of broadband equipment. These devices are extremely robust and are able to divert a 10,000Amp pulse without destruction.
FEATURES
* RoHS compliant except `RS' suffix * Low insertion loss * Excellent response to fast rising transients. * Ultra low capacitance. * 10KA surge capability tested with 8/20s pulse as defined by
IEC 61000-4-5
* 20,000 A single shot surge capability tested with 8/20s
8
GAS DISCHARGE TUBES
pulse as defined by IEC 61000-4-5 * Available with thermal failsafe option (add `F' or `S' suffix to part number) * ROHS Compliant
Applications:
* Broadband equipment. * ADSL equipment. * XDSL equipment. * Satellite and CATV equipment. * General telecom equipment.
SL1021A xxxC SL1021A xxxR
All dimensions in mm
a
b
o8.0+0.2 _
e
3 ELECTRODE GDT a=TIP b=RING e=GROUND (centre electrode) GRAPHICAL SYMBOL
SL1021A xxxRF SL1021A xxxRS
o1.0+0.2 _
ORDERING INFORMATION
SL 1021 A Voltage Pin Configuration C=Core R=Leaded Failsafe Optio n F=Plastic S=Solder
Mechanical Specifications:
Weight: Materials:
2.7g (0.095 oz.) Electrode Base: Nickel Iron Alloy Electrode Plating: Bright Sn Body: Ceramic Littelfuse `LF' marking, Voltage and date code.
335
Device Marking:
w w w. l i t t e l f u s e . c o m
9.5 MAX
Gas Discharge Tubes
High Performance Beta Range
RoHS
Pb
GreentubeTM SL1021A Series Gas Plasma Arresters
(R)
LITTELFUSE 3 TERMINAL ARRESTER SERIES TOTALLY NON-RADIOACTIVE, UL RECOGNIZED
DC Breakover Voltage DC Voltage @ 100V/sec Min-Max (V) (V) 145 150 200 230 250 260 300 350 400 420 450 500 600 116-174 120-180 150-250 184-276 200-300 210-310 240-360 280-420 320-480 345-500 360-540 400-500 480-720 DC Dynamic Breakover Voltage @ 100/s (V) 500 500 350 350 400 420 450 500 550 600 650 700 850 Max Single Max Max Single Max Single Repetitive Impulse Impulse Alternating Impulse Discharge Discharge Impulse Discharge Discharge Current Current Discharge Current1,3 Current8 10/350s5 Life Test 8/20s5 Current Rating2 (A) (kA) (kA) 8/20s1,4 (kA) (kA) 100 shots 10 40 20 10 2.5 100 shots 10 40 20 10 2.5 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 20 20 20 20 20 20 20 20 20 20 20 40 40 40 40 40 40 40 40 40 40 40 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 100 shots 100 shots 100 shots 100 shots 100 shots 100 shots 100 shots 100 shots 100 shots 100 shots 100 shots
Part Number SL1021A145 SL1021A150 SL1021A2006 SL1021A230 SL1021A250 SL1021A2607 SL1021A300 SL1021A350 SL1021A400 SL1021A420 SL1021A450 SL1021A500 SL1021A600
(1) Total current through center (ground) electrode, both line electrodes pulsed simultaneously; half value through each respective line terminal. (2) 100 amps, 10/1000S pulse (does not apply to SL1021A200) (3) 10 shots, A.C. 60Hz, 1 sec duration. (4) 10 shots, 8/20S waveform (5) either end (line) electrode to centre (ground) electrode (6) Meets the requirements of BT Type 21A. (7) Meets the requirements of BT Type 14A. Addition of `F' (failsafe) option meets the requirements of BT type number 14A/1.
Voltage vs Time Characteristic
50
Max dynamic breakover voltage
Time vs. Current for Failsafe
45 40 35 30
Voltage (V)
25 (s)
Hold-over voltage On-State voltage
20 15 10 5 0 0 1 1 line to ground both lines to ground 2 3 Current (A) 4 5 6
0
200
400
600 Time (ns)
800
1000
1200
336
w w w. l i t t e l f u s e . c o m
Gas Discharge Tubes
High Performance Beta Range
RoHS
Pb
GreentubeTM SL1021A Series Gas Plasma Arresters
Profile for reflow soldering
Profile for wave soldering
300
(R)
250 225 200 Temperature C 175 150 125 100
Temperature (C)
Solder Flow Area
o T 1 max = 266C
o T 1 = 239 C
200
75 50 25 0 0 50 100 150 200 250 300 350 400 450 500 Time in seconds
Tm = 179oC
Forced Cooling
Preheating Area
100
8
GAS DISCHARGE TUBES
10
20
Time(seconds)
30
40
Notes: T1 max T1 Tm Tam b = Maximum TabTemperature = 266oC = Flow Tempearture of Solder = 239oC = Melting Point of Solder = 179oC
o
= 25 C o C Maximum permissible rate of temperature change = 7 / sec
w w w. l i t t e l f u s e . c o m
337
Gas Discharge Tubes
High Performance Beta Range
RoHS
Pb
GreentubeTM SL1021B Series Gas Plasma Arresters
(R)
The SL1021B series offers high levels of performance on fast rising transients in the domain of 100V/S to 1KV/S, which are those most likely from induced Lightning disturbances. The SL1021B series also features ultra low capacitance (typically 1pF or less) and optimised internal geometry which provides low insertion loss at high frequencies, so are ideal for the protection of broadband equipment. These devices are extremely robust and are able to divert a 20,000Amp pulse without destruction.
FEATURES
* RoHS compliant except `RS' suffix * Low insertion loss * Excellent response to fast rising transients. * Ultra low capacitance. * 10KA surge capability tested with 8/20S pulse as defined by
IEC 6100-4-5
* 20,000 A single shot surge capability tested with 8/20s
pulse as defined by IEC 6100-4-5
* Available with thermal failsafe option (add `F' or `S' suffix to
part number)
Applications:
* Broadband equipment. * ADSL equipment. * XDSL equipment. * Satellite and CATV equipment. * General telecom equipment.
SL1021A xxxC SL1021B xxxR
All dimensions in mm a b
o8.0+0.2 _
3 ELECTRODE GDT a=TIP b=RING e=GROUND (centre electrode) GRAPHICAL SYMBOL
SL1021B xxxRF SL1021B xxxRS
o1.0+0.2 _
ORDERING INFORMATION
SL 1021 B Voltage Pin Configuration C=Core R=Leaded Failsafe Optio n F=Plastic S=Solder
338
Mechanical Specifications:
Weight: Materials:
0.63g (0.022 oz.) Electrode Base: Nickel Iron Alloy Electrode Plating: Bright Sn Body: Ceramic Littelfuse `LF' marking, Voltage and date code. Blue.
Device Marking:
w w w. l i t t e l f u s e . c o m
9.5 MAX
e


▲Up To Search▲   

 
Price & Availability of SL1021A150

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X